Part Number Hot Search : 
2SK32 13007E ATA6823 STP4NA40 SMF6V5A 3477M000 B200C AOI472A
Product Description
Full Text Search
 

To Download BUF410A08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUF410A
High voltage fast-switching NPN power transistor
Features

High voltage capability Very high switching speed Minimum lot-to-lot spread for reliable operation Low base-drive requirements
3 2 1
Applications

Switch mode power supplies Motor control
TO-247
Description
The BUF410A is manufactured using high voltage multi epitaxial planar technology for high switching speeds and high voltage capacity. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining a wide RBSOA. Figure 1. Internal schematic diagram
Table 1.
Device summary
Marking BUF410A Package TO-247 Packaging Tube
Order code BUF410A
March 2008
Rev 3
1/9
www.st.com 9
Electrical ratings
BUF410A
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol VCEV VCEO VEBO IC ICM IB IBM Ptot Tstg TJ Parameter Collector-emitter voltage (V BE = -1.5 V) Collector-emitter voltage (IB = 0) Emitter-base voltage (IC = 0) Collector current Collector peak current (tP < 5 ms) Base current Base peak current (tP < 5 ms) Total dissipation at Tc = 25 C Storage temperature Max. operating junction temperature Value 1000 450 7 15 30 3 4.5 125 -65 to 150 150 Unit V V V A A A A W C C
Table 3.
Symbol Rthj-case
Thermal data
Parameter Thermal resistance junction-case __max Value 1 Unit C/W
2/9
BUF410A
Electrical characteristics
2
Electrical characteristics
(Tcase = 25 C unless otherwise specified) Table 4.
Symbol
Electrical characteristics
Parameter Collector cut-off current (RBE = 10 ) Collector cut-off current (VBE = -1.5 V) Test conditions VCE = 1000 V VCE = 1000 V VCE = 1000 V VCE = 1000 V TC = 100 C TC = 100 C Min. Typ. Max. 0.2 1 0.2 1 Unit mA mA mA mA
ICER
ICEV
IEBO
Emitter cut-off current VEB = 5 V (IC = 0) IC = 200 mA 450
1
mA
Collector-emitter VCEO(sus) (1) sustaining voltage (IB = 0) VEBO Emitter-base voltage (IC = 0)
V
IE = 50 mA IC = 5 A IB = 0.5 A IB = 0.5 A TC = 100 C
7 0.8 2.8 0.5 TC = 100 C 0.9 1.5 1.1 1.5 2
V V V V V V V V V
VCE(sat) (1)
Collector-emitter saturation voltage
IC = 5 A
IC = 10 A IB = 2 A IC = 10 A IB = 2 A IC = 5 A IB = 0.5 A
VBE(sat) (1)
Base-emitter saturation voltage
IC = 5 A
IB = 0.5 A TC = 100 C IC = 10 A IB = 2 A TC = 100 C
IC = 10 A IB = 2 A
dic / dt
Rate of rise on-state collector current
VCC = 300 V R C = 0 tp = 3 s IB1 = 0.75 A TC = 25 C IB1 = 0.75 A IB1 = 3 A TC = 100 C TC = 100 C R C = 60 TC = 25 C TC = 100 C R C = 60 TC = 25 C TC = 100 C VCC = 50 V RBB = 1.2 IB1 = 0.5 A 45 100
60
A/s A/s A/s
VCE(dyn)
Collector-emitter dynamic voltage (3 s) Collector-emitter dynamic voltage (5 s) Inductive load Storage time Fall time Cross over time
VCC = 300 V IB1 = 0.75 A IB1 = 0.75 A VCC = 300 V IB1 = 0.75 A IB1 = 0.75 A IC = 5 A VBB = -5 V VClamp = 400 V L = 0.5 mH
2.1 8
V V
VCE(dyn)
1.1 4
V V
ts tf tc
0.8 0.05 0.08
s s s 3/9
Electrical characteristics Table 4.
Symbol
BUF410A
Electrical characteristics (continued)
Parameter Inductive load Storage time Fall time Cross over time IC = 5 A VBB = -5 V VClamp = 400 V L = 0.5 mH IC = 5 A Test conditions VCC = 50 V RBB = 1.2 IB1 = 0.5 A TC = 100 C VCC = 50 V RBB = 1.2 L = 0.5 mH 500 V 1.8 0.1 0.18 s s s Min. Typ. Max. Unit
ts tf tc
VCEW
Maximum collector emitter voltage without snubber
VBB = -5 V IB1 = 0.5 A TC = 125 C
ts tf tc ts tf tc
Inductive load Storage time Fall time Cross over time Inductive load Storage time Fall time Cross over time
IC = 5 A VBB = 0 VClamp = 400 V L = 0.5 mH IC = 5 A VBB = 0 VClamp = 400 V L = 0.5 mH IC = 5 A
VCC = 50 V RBB = 0.3 IB1 = 0.5 A VCC = 50 V RBB = 0.3 IB1 = 0.5 A TC = 100 C VCC = 50 V RBB = 0.3 L = 0.5 mH 500 V 3 0.15 0.25 s s s 1.5 0.04 0.07 s s s
VCEW
Maximum collector emitter voltage without snubber
VBB = 0 IB1 = 0.5 A TC = 125 C
ts tf tc
Inductive load Storage time Fall time Cross over time Inductive load Storage time Fall time Cross over time
IC = 10 A VBB = -5 V VClamp = 400 V L = 0.25 mH IC = 10 A VBB = -5 V VClamp = 400 V L = 0.25 mH IC = 15 A
V CC = 50 V RBB = 1.2 IB1 = 2 A V CC = 50 V RBB = 1.2 IB1 = 2 A TC = 100 C V CC = 50 V RBB = 1.2 L = 0.1 mH 400 V 3.2 0.12 0.3 s s s 1.9 0.06 0.12 s s s
ts tf tc
VCEW
Maximum collector emitter voltage without snubber
VBB = -5 V IB1 = 3 A TC = 125 C
1. Pulse duration = 300 s, duty cycle 1.5%
4/9
BUF410A
Electrical characteristics
2.1
Electrical characteristics (curves)
Figure 2. Forward biased safe operating area Figure 3. Reverse biased safe operating area
2.2
Test circuit
Figure 4. Inductive load switching test circuit
1) Fast electronic switch 2) Non-inductive resistor 3) Fast recovery rectifier
5/9
Package mechanical data
BUF410A
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
6/9
BUF410A
Package mechanical data
TO-247 Mechanical data
mm. Min. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 14.80 4.30 Typ Max. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75
Dim. A A1 b b1 b2 c D E e L L1 L2 oP oR S
7/9
Revision history
BUF410A
4
Revision history
Table 5.
Date 18-Mar-2002 13-Mar-2008
Document revision history
Revision 2 3 Package change from TO-218 to TO-247. Changes
8/9
BUF410A
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of BUF410A08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X