Part Number Hot Search : 
D74ALV 1041J M62720GP NE559 R100F MAX696 157X00 CEFB105
Product Description
Full Text Search
 

To Download BD234 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD237 (NPN), BD234 (PNP), BD238 (PNP)
Preferred Devices
Plastic Medium Power Bipolar Transistors
Designed for use in 5.0 to 10 W audio amplifiers and drivers utilizing complementary or quasi complementary circuits.
Features http://onsemi.com
* DC Current Gain - * * *
hFE = 40 (Min) @ IC = 0.15 Adc Epoxy Meets UL 94 V0 @ 0.125 in ESD Ratings: Human Body Model, 3B; >8000 V Machine Model, C; >400 V Pb-Free Packages are Available*
2.0 AMPERES POWER TRANSISTORS 25 WATTS
TO-225 CASE 77 STYLE 1 32 1
II II I IIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIII I III IIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I I IIIIIIIIII I I II IIIIIIIIIII I IIIIIIIIIIIIIIIIIII III I II I II IIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII II IIIIIIIII I IIIIIIIIIIIIIIIIIIII I I II IIIIIIIIIIIIIIIIIIII IIIIIIIIIIII III I II I IIIIIIIIIIIIIIIIIIII I I II II IIIIIIIIIIIIIIIIIIII I I II II IIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIII I I II IIIIIIIIIIIIIIIIIIII I I II IIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIII I I II II IIIIIIIIIIIIIIIIIIII I I II IIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII
MAXIMUM RATINGS
Rating Symbol VCEO VCBO VEBO IC IB BD234 45 60 BD237 BD238 80 Unit Vdc Vdc Vdc Adc Adc W Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Base Current 100 5.0 2.0 1.0 25 Total Device Dissipation @ TC = 25_C PD Operating and Storage Junction Temperature Range TJ, Tstg - 55 to + 150 _C
MARKING DIAGRAM
YWW BD23xG
BD23x x Y WW G
= Device Code = 4, 7 or 8 = Year = Work Week = Pb-Free Package
THERMAL CHARACTERISTICS
Characteristic
ORDERING INFORMATION
Device BD234 BD234G BD237 BD237G BD238 BD238G Package TO-225 TO-225 (Pb-Free) TO-225 TO-225 (Pb-Free) TO-225 TO-225 (Pb-Free) Shipping 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box
Symbol RqJC
Max 5.0
Unit
Thermal Resistance, Junction-to-Case
_C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
Preferred devices are recommended choices for future use and best overall value.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
November, 2005 - Rev. 14
Publication Order Number: BD237/D
BD237 (NPN), BD234 (PNP), BD238 (PNP)
IC, COLLECTOR CURRENT (AMP)
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
III I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I II I II I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII II I II I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II IIIIIIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic Collector-Emitter Sustaining Voltage (Note 1) (IC = 0.1 Adc, IB = 0) Collector Cutoff Current (VCB = 100 Vdc, IE = 0) (VCB = 60 Vdc, IE = 0) Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0) Symbol Type Min 80 45 - - - Max - - Unit Vdc V(BR)CEO ICBO BD237, BD238 BD234 BD237, BD238 BD234 - mAdc 0.1 0.1 1.0 IEBO mAdc - DC Current Gain (IC = 0.15 A, VCE = 2.0 V) (IC = 1.0 A, VCE = 2.0 V) hFE1 hFE2 - - - - - 40 25 - -
-
-
Collector-Emitter Saturation Voltage (Note 1) (IC = 1.0 Adc, IB = 0.1 Adc) Base-Emitter On Voltage (Note 1) (IC = 1.0 Adc, VCE = 2.0 Vdc)
VCE(sat) VBE(on) fT
0.6 1.3 -
Vdc Vdc
Current-Gain - Bandwidth Product (IC = 250 mAdc, VCE = 10 Vdc, f = 1.0 MHz)
3.0
MHz
1. Pulse Test: Pulse Width x 300 ms, Duty Cycle x 2.0%.
10
100 ms 1 ms 5 ms TJ = 150C dc
3
1
The Safe Operating Area Curves indicate IC-VCE limits below which the device will not enter secondary breakdown. Collector load lines for specific circuits must fall within the applicable Safe Area to avoid causing a catastrophic failure. To insure operation below the maximum TJ, power-temperature derating must be observed for both steady state and pulse power conditions.
0.3 BD236 BD237 30
0.1
1
3
10
100
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 1. Active Region Safe Operating Area
1.0 0.8
IC = 0.1 A
0.25 A
0.5 A
1.0 A
0.6 TJ = 25C 0.4
0.2
0
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
100
200
IB, BASE CURRENT (mA)
Figure 2. Collector Saturation Region
http://onsemi.com
2
BD237 (NPN), BD234 (PNP), BD238 (PNP)
hFE , DC CURRENT GAIN (NORMALIZED) 1000 700 500 300 200 100 70 50 30 20 10 2.0 3.0 5.0 TJ = + 150C TJ = + 25C TJ = - 55C 1.5 VCE = 2.0 V VOLTAGE (VOLTS) 1.2 0.9 VBE(sat) @ IC/IB = 10 0.6 VBE @ VCE = 2.0 V 0.3 0 2.0 3.0 5.0 VCE(sat) @ IC/IB = 10 10 20 30 50 100 200 300 500 1000 2000 IC, COLLECTOR CURRENT (mA) TJ = 25C
10
20 30
50
100
200 300 500 1000 2000
IC, COLLECTOR CURRENT (mA)
Figure 3. Current Gain
Figure 4. "On" Voltages
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1.0 0.7 0.5 0.3 0.2
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.01 SINGLE PULSE qJC(t) = r(t) qJC qJC = 4.16C/W MAX qJC = 3.5C/W TYP D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) qJC(t) 0.02 0.03 0.05 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 P(pk)
0.1 0.07 0.05 0.03 0.02 0.01 0.01
t1
t2
DUTY CYCLE, D = t1/t2 100 200 300 500 1000
t, TIME or PULSE WIDTH (ms)
Figure 5. Thermal Response
http://onsemi.com
3
BD237 (NPN), BD234 (PNP), BD238 (PNP)
PACKAGE DIMENSIONS
TO-225 CASE 77-09 ISSUE Z
-B- U Q
F M
C
-A-
123
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 077-01 THRU -08 OBSOLETE, NEW STANDARD 077-09. INCHES MIN MAX 0.425 0.435 0.295 0.305 0.095 0.105 0.020 0.026 0.115 0.130 0.094 BSC 0.050 0.095 0.015 0.025 0.575 0.655 5_ TYP 0.148 0.158 0.045 0.065 0.025 0.035 0.145 0.155 0.040 --- MILLIMETERS MIN MAX 10.80 11.04 7.50 7.74 2.42 2.66 0.51 0.66 2.93 3.30 2.39 BSC 1.27 2.41 0.39 0.63 14.61 16.63 5 _ TYP 3.76 4.01 1.15 1.65 0.64 0.88 3.69 3.93 1.02 ---
H
K
V G S D 2 PL 0.25 (0.010)
M
J R 0.25 (0.010) A
M
A
M
M
B
M
B
M
DIM A B C D F G H J K M Q R S U V
STYLE 1: PIN 1. EMITTER 2. COLLECTOR 3. BASE
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BD237/D


▲Up To Search▲   

 
Price & Availability of BD234

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X