Part Number Hot Search : 
MSK707 IN4006 9H122M CM7515 AW56W SPN7002 25001 F08A50PT
Product Description
Full Text Search
 

To Download B65848D1010D001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ferrites and accessories
EP 20 Core and accessories
Series/Type: Date: B65847, B65848 October 2009
Data Sheet
EPCOS AG 2006, 2009. Reproduction, publication and dissemination of this data sheet and the information contained therein without EPCOS' prior express consent is prohibited.
EP 20 Core
To IEC 61596 For transformers featuring high inductance
B65847
10
and low overall height
15,3 _ 0,7
For power applications Delivery mode: sets
l/A le Ae Amin Ve
= 0.51 mm-1 = 40 mm = 78 mm2 = 60 mm2 = 3120 mm3
21,6 _ 0,4
4,50,2
Magnetic characteristics (per set)
9 _ 0,5 16,1+0,8
Approx. weight 27.5 g/set
14+0,6
24,5 _ 1
)
gapped (one-sided)
FEP0031-N
Gapped Material AL value nH 200 3% s approx. mm 0.47 e Ordering code
N87
82
B65847A0200A087
Ungapped Material AL value nH e PV
Ordering code
W/set B65847A0000R030 B65847A0000R065 B65847A0000Y038 < 1.2 (200 mT, 100 kHz, 100 C) B65847A0000R087
N30 T65 T38 N87
6700 +30/-20% 2730 10200 +30/-20% 4160 18700 +40/-30% 7630 4000 +30/-20% 1630
Please read Cautions and warnings and Important notes at the end of this document.
2
10/09
s )
EP 20 Accessories
Coil former Material: GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 C), color code green Vyncolit/X611 (R) E167521 (M), VYNCOLIT NV Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 C, 2 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 C, 3.5 s Winding: see Data Book 2007, chapter "Processing notes, 2.1" Squared pins. Sections 1 AN mm2 35.4 lN mm 40.6 AR value 39.5 Terminals 10 Ordering code B65848D1010D001
B65848
26,8 _ 0,3
22,8 _ 0,3
6
1
15,9 max. 9,1+0,2
13,9 _ 0,1 0,75 0,75
_ 0,2 3,2 +0,4
2
0,45 2,54 Marking of pin row including pin 1
o10,2 max.
0,75
FEP0032-M
Ground o1,3+0,2
Please read Cautions and warnings and Important notes at the end of this document.
o1+0,15
3
10/09
EP 20 Accessories
Mounting assembly The set comprises a yoke and a clamp Yoke Made of bronze (0.4 mm) with ground terminal (tinned) Clamp Spring clamp, made of stainless spring steel (0.4 mm) Ordering code Complete mounting assembly Yoke Clamp B65848S2000X000
B65848
Please read Cautions and warnings and Important notes at the end of this document.
4
10/09
Ferrites and accessories Cautions and warnings
Mechanical stress and mounting Ferrite cores have to meet mechanical requirements during assembling and for a growing number of applications. Since ferrites are ceramic materials one has to be aware of their special behavior under mechanical load. Just like any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or tensile load. Especially fast cooling rates under ultrasonic cleaning, high static and cyclic loads can cause cracks or failure of the ferrite cores. For detailed information see Data Book 2007, chapter "General - Definitions, 8.1". Effects of core combination on AL value Stresses in the core affect not only the mechanical but also the magnetic properties. It is apparent that the initial permeability is dependent on the stress state of the core. The higher the stresses are in the core, the lower the value for the initial permeability. Thus, the embedding medium should offer the greatest possible elasticity. For detailed information see Data Book 2007, chapter "General - Definitions, 8.2". Heating up Ferrites can run hot during operation at higher flux densities and higher frequencies. NiZn-materials The magnetic properties of NiZn-materials can change irreversibly when exposed to strong magnetic fields. Processing notes - The start of the winding process should be soft. Otherwise, the flanges may be destroyed. - Excessive winding forces may damage the flanges or squeeze the tube so that the cores can no longer be mounted. - Excessive soldering time at high temperature (>300 C) may affect coplanarity or pin arrangement. - Not following the processing notes for soldering of the J-leg terminals may cause solderability problems at the transformer because of contamination with tin oxide (SnO) from the tin bath or burned insulation from the wire. For detailed information see Data Book 2007, chapter "Processing notes, 2.2". - The dimensions of the pin hole arrangement are fixed and should be understood as an ideal recommendation for drilling the printed circuit board. In order to avoid problems when mounting the transformer, customers should make allowances for manufacturing tolerances in the drilling and pick-and-place processes by increasing the diameter of the pin holes.
5
10/09
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MiniCell, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. 6 10/09


▲Up To Search▲   

 
Price & Availability of B65848D1010D001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X