Part Number Hot Search : 
AC03DSM 09016 PE8706 324004P CY2210 1502B N4002 40331
Product Description
Full Text Search
 

To Download B43505A9397M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors
Snap-in capacitors
Series/Type: Date:
B41505, B43505 November 2008
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Snap-in capacitors Excellent performance 105 C
B41505, B43505
Long-life grade capacitors Applications Frequency converters Professional power supplies in industrial electronics and in data processing equipment Features Long useful life High reliability Outstanding ripple current capability Low ESR RoHS-compatible Construction Charge/discharge-proof, polar Aluminum case, fully insulated with PVC Version with PET insulation available (B43505 only) Version with additional PET insulation cap on terminal side available for insulating the capacitor from the PCB (B43505 only) Snap-in solder pins to hold component in place on PC-board Minus pole marking on case surface Minus pole not insulated from case Overload protection by safety vent on the base Terminals Standard version with 2 terminals, 2 lengths available: 6.3 and 4.5 mm 3 terminals to ensure correct insertion: length 4.5 mm Specifications and characteristics in brief B41505 10 ... 100 V DC 1.15 VR 560 ... 33000 F 20% M VR = 10 V DC: tan 0.20 VR = 16 V DC: tan 0.15 VR = 25 V DC: tan 0.11 VR = 35 V DC: tan 0.10 VR = 50 V DC: tan 0.08 VR = 63 ... 100 V DC: tan 0.06
Page 2 of 21
Rated voltage VR Surge voltage VS Rated capacitance CR Capacitance tolerance Dissipation factor tan (20 C, 100 Hz)
B43505 200 ... 450 V DC 1.15 VR (for VR 250 V DC) 1.10 VR (for VR 400 V DC) 47 ... 1500 F 20% M VR 400 V DC: tan 0.13 VR = 450 V DC: tan 0.17
Please read Cautions and warnings and Important notes at the end of this document.
B41505, B43505 Excellent performance 105 C
B41505 Leakage current Ileak (5 min, 20 C) Self-inductance ESL Useful life 105 C, VR, IAC,R 85 C, VR, IAC,max 40 C, VR, 2.1 IAC,R Requirements Approx. 20 nH > 5000 h > 12000 h > 250000 h C/C 45% of initial value tan 3 times initial spec. limit Ileak initial specified limit 4000 h C/C 20% of initial value tan 2 times initial spec. limit Ileak initial specified limit
B43505
> 5000 h > 11000 h > 250000 h C/C 30% of initial value tan 3 times initial spec. limit Ileak initial specified limit 4000 h C/C 20% of initial value tan 2 times initial spec. limit Ileak initial specified limit 2000 h C/C 10% of initial value tan 1.3 times initial spec. limit Ileak initial specified limit
Load life test 105 C; VR; IAC,R Post test requirements
Voltage endurance test 105 C; VR 2000 h Post test requirements C/C 15% of initial value tan 1.3 times initial spec. limit Ileak initial specified limit Vibration resistance test
To IEC 60068-2-6, test Fc: Displacement amplitude 0.35 mm, frequency range 10 Hz ... 55 Hz, acceleration max. 5 g, duration 3 x 2 h. Capacitor mounted by its body which is rigidly clamped to the work surface. Max. impedance ratio at 100 Hz VR 10 ... 100 V Z -25 C / Z 20 C 2 Z -40 C / Z 20 C 3 Max. impedance ratio at 100 Hz VR 400 V 450 V Z -25 C / Z 20 C 4 7 Z -40 C / Z 20 C 7 14
Characteristics at low temperature
IEC climatic category
To IEC 60068-1: VR 400 V DC: 40/105/56 ( 40 C/+105 C/56 days damp heat test) VR = 450 V DC: 25/105/56 ( 25 C/+105 C/56 days damp heat test) The capacitors can be operated in the temperature range of 40 C to +105 C but the impedance at 40 C should be taken into consideration. IEC 60384-4 Similar to CECC 30301-809 IEC 60384-4
Detail specification Sectional specification
Please read Cautions and warnings and Important notes at the end of this document.
Page 3 of 21
B41505, B43505 Excellent performance 105 C
Dimensional drawings Snap-in capacitors with standard insulation (PVC or PET) PET insulation is only available for B43505
Snap-in terminals, length 6.3 1 mm. Also available in a shorter version with a length of 4.5 1 mm. PET insulation is marked with label "PET" on the sleeve. Dimensions (mm) d +1 l 2 22 25 22 30 22 35 22 40 22 45 25 25 25 30 25 35 25 40 25 45 Approx. weight (g) 9 12 15 18 20 13 17 19 22 25 Packing units (pcs.) 160 160 160 160 160 130 130 130 130 130
Snap-in capacitors are also available with 3 terminals (length 4.5 1 mm). PET insulation is marked with label "PET" on the sleeve.
Dimensions (mm) d +1 l 2 30 25 30 30 30 35 30 40 30 45 30 50 35 35 35 35 35 30 35 40 45 50
Approx. weight (g) 17 23 29 36 41 46 29 36 41 56 70
Packing units (pcs.) 80 80 80 80 80 80 60 60 60 60 60
Please read Cautions and warnings and Important notes at the end of this document.
Page 4 of 21
B41505, B43505 Excellent performance 105 C
Snap-in capacitors with PVC insulation and PET insulation cap on terminal side (B43505 only)
Snap-in terminals, length 6.3 +1/ 1.4 mm. Also available in a shorter version with a length of 4.5 1.4 mm. PET insulation cap is positioned under the insulation sleeve. Dimensions (mm) d +1.4 l +2.2/ 2 22 25 22 30 22 35 22 40 22 45 25 25 25 30 25 35 25 40 25 45 Approx. Packing weight (g) units (pcs.) 9 12 15 18 20 13 17 19 22 25 160 160 160 160 160 130 130 130 130 130
Snap-in capacitors are also available with 3 terminals (length 4.5 1.4 mm). PET insulation cap is positioned under the insulation sleeve. Dimensions (mm) d +1.4 l +2.2/ 2 30 25 30 30 30 35 30 40 30 45 30 50 35 35 35 35 35 30 35 40 45 50 Approx. Packing weight (g) units (pcs.) 17 23 29 36 41 46 29 36 41 56 70 80 80 80 80 80 80 60 60 60 60 60
Please read Cautions and warnings and Important notes at the end of this document.
Page 5 of 21
B41505, B43505 Excellent performance 105 C
Packing of snap-in capacitors
For ecological reasons the packing is pure cardboard. Components can be withdrawn (in full or in part) in the correct position for insertion. Ordering codes for terminal styles and insulation features Identification in 3rd block of ordering code Snap-in capacitors Terminal version Insulation version PVC Standard terminals 6.3 mm Short terminals 4.5 mm 3 terminals 4.5 mm Ordering examples: B43505A5107M007 B43505A5107M062 B43505A5107M080 } } } snap-in capacitor with short terminals and standard PVC insulation snap-in capacitor with 3 terminals and PET insulation snap-in capacitor with standard terminals and PVC insulation with additional PET insulation cap on terminal side
Page 6 of 21
PET (B43505 only) M060 M067 M062
PVC plus PET cap (B43505 only) M080 M087 M082
M000 M007 M002
Please read Cautions and warnings and Important notes at the end of this document.
B41505 Excellent performance 105 C
Overview of available types B41505 VR (V DC) CR (F) 560 680 1000 1200 1500 2200 3300 4700 6800 10000 15000 18000 22000 33000 30 x 35 30 x 45 30 x 40 22 x 25 22 x 30 22 x 40 22 x 30 25 x 30 25 x 40 22 x 30 25 x 25 25 x 30 25 x 40 30 x 40 22 x 25 22 x 30 25 x 25 22 x 40 25 x 40 30 x 40 35 x 40 35 x 45 22 x 35 25 x 35 30 x 35 30 x 50 35 x 45 22 x 35 25 x 35 30 x 30 30 x 40 35 x 35 35 x 50 22 x 25 25 x 25 30 x 25 25 x 35 30 x 35 35 x 35 35 x 45 30 x 40 30 x 50 35 x 50 25 x 25 22 x 35 25 x 35 30 x 30 10 16 25 35 50 63 80 100
Case dimensions d x l (mm)
The capacitance and voltage ratings listed above are available in different cases upon request. Other voltage and capacitance ratings are also available upon request.
Please read Cautions and warnings and Important notes at the end of this document.
Page 7 of 21
B43505 Excellent performance 105 C
Overview of available types B43505 VR (V DC) CR (F) 47 100 150 220 330 390 470 680 1000 1500 25 x 40 30 x 30 30 x 40 35 x 45 35 x 50 30 x 35 30 x 45 35 x 45 22 x 30 22 x 40 25 x 30 25 x 40 30 x 30 25 x 30 25 x 40 30 x 30 30 x 40 35 x 30 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 45 30 x 30 25 x 45 30 x 35 30 x 45 35 x 35 35 x 50 35 x 50 200 250 400 450
Case dimensions d x l (mm)
The capacitance and voltage ratings listed above are available in different cases upon request. Other voltage and capacitance ratings are also available upon request.
Please read Cautions and warnings and Important notes at the end of this document.
Page 8 of 21
B41505 Excellent performance 105 C
Technical data and ordering codes CR 100 Hz 20 C F Case dimensions dxl mm ESRtyp 100 Hz 20 C m 74 53 37 26 19 46 34 24 17 53 53 41 30 22 85 56 56 45 35 26 19 17 85 56 42 33 25
B41505 IAC,max 100 Hz 60 C A 3.6 4.6 5.9 7.7 10.2 4.6 5.6 7.1 9.4 4.1 4.1 4.8 6.4 8.2 2.8 3.8 3.8 4.8 5.9 7.4 9.4 11.1 3.6 4.6 5.6 7.4 9.4 IAC,max 100 Hz 85 C A 2.8 3.6 4.6 6.0 7.8 3.6 4.4 5.6 7.0 3.2 3.2 3.8 5.0 6.4 2.2 3.0 3.0 3.8 4.6 5.8 7.6 8.6 2.8 3.6 4.4 5.8 7.2 IAC,R1) 100 Hz 105 C A 1.4 1.8 2.3 3.0 3.9 1.8 2.2 2.8 3.5 1.6 1.6 1.9 2.5 3.2 1.1 1.5 1.5 1.9 2.3 2.9 3.8 4.3 1.4 1.8 2.2 2.9 3.6 Ordering code (composition see below)
Zmax 10 kHz 20 C m 78 56 39 28 20 49 36 26 18 57 57 43 32 23 90 60 60 48 37 28 20 18 90 60 45 35 26
VR = 10 V DC 6800 22 x 25 10000 22 x 30 15000 22 x 40 22000 30 x 35 33000 30 x 45 VR = 16 V DC 6800 22 x 30 10000 25 x 30 15000 25 x 40 22000 30 x 40 VR = 25 V DC 4700 22 x 30 4700 25 x 25 6800 25 x 30 10000 25 x 40 15000 30 x 40 VR = 35 V DC 2200 22 x 25 3300 22 x 30 3300 25 x 25 4700 22 x 40 6800 25 x 40 10000 30 x 40 15000 35 x 40 18000 35 x 45 VR = 50 V DC 2200 22 x 35 3300 25 x 35 4700 30 x 35 6800 30 x 50 10000 35 x 45
B41505A3688M00# B41505A3109M00# B41505A3159M00# B41505A3229M00# B41505A3339M00# B41505A4688M00# B41505A4109M00# B41505A4159M00# B41505A4229M00# B41505A5478M00# B41505F5478M00# B41505A5688M00# B41505A5109M00# B41505A5159M00# B41505A7228M00# B41505A7338M00# B41505F7338M00# B41505A7478M00# B41505A7688M00# B41505A7109M00# B41505A7159M00# B41505A7189M00# B41505A6228M00# B41505A6338M00# B41505A6478M00# B41505A6688M00# B41505A6109M00#
Composition of ordering code # = Terminal style 0 = snap-in standard terminals (6.3 mm) 2 = snap-in 3 terminals (4.5 mm) 7 = snap-in short terminals (4.5 mm)
1) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Please read Cautions and warnings and Important notes at the end of this document.
Page 9 of 21
B41505 Excellent performance 105 C
Technical data and ordering codes CR 100 Hz 20 C F Case dimensions dxl mm ESRtyp 100 Hz 20 C m 149 100 68 80 53 42 29 125 104 83 56 45 32 178 146 100 100 66 56 38
B41505 IAC,max 100 Hz 60 C A 2.6 3.6 4.3 4.6 5.9 6.9 9.4 3.3 3.8 4.6 5.1 7.1 8.5 2.6 3.1 3.6 3.8 4.8 5.9 7.7 IAC,max 100 Hz 85 C A 2.0 2.8 3.4 3.6 4.6 5.4 7.2 2.6 3.0 3.6 4.0 5.6 6.8 2.0 2.4 2.8 3.0 3.8 4.6 6.0 IAC,R2) 100 Hz 105 C A 1.0 1.4 1.7 1.8 2.3 2.7 3.6 1.3 1.5 1.8 2.0 2.8 3.4 1.0 1.2 1.4 1.5 1.9 2.3 3.0 Ordering code (composition see below)
Zmax 10 kHz 20 C m 159 106 72 85 56 45 31 133 110 89 60 48 34 190 156 106 106 70 60 40
VR = 63 V DC 1000 22 x 25 1500 22 x 35 2200 25 x 35 2200 30 x 30 3300 30 x 40 4700 35 x 35 6800 35 x 50 VR = 80 V DC 1000 25 x 25 1200 30 x 25 1500 25 x 35 2200 30 x 35 3300 35 x 35 4700 35 x 45 VR = 100 V DC 560 25 x 25 680 22 x 35 1000 25 x 35 1000 30 x 30 1500 30 x 40 2200 30 x 50 3300 35 x 50
B41505A8108M00# B41505A8158M00# B41505A8228M00# B41505F8228M00# B41505A8338M00# B41505A8478M00# B41505A8688M00# B41505A0108M00# B41505A0128M00# B41505A0158M00# B41505A0228M00# B41505A0338M00# B41505A0478M00# B41505A9567M00# B41505A9687M00# B41505A9108M00# B41505F9108M00# B41505A9158M00# B41505A9228M00# B41505A9338M00#
Composition of ordering code # = Terminal style 0 = snap-in standard terminals (6.3 mm) 2 = snap-in 3 terminals (4.5 mm) 7 = snap-in short terminals (4.5 mm)
2) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Please read Cautions and warnings and Important notes at the end of this document.
Page 10 of 21
B43505 Excellent performance 105 C
Technical data and ordering codes CR 100 Hz 20 C F Case dimensions dxl mm ESRtyp 100 Hz 20 C m 580 390 280 280 190 130 90 580 390 390 280 190 130 880 590 590 400 400 270 270 230 190
B43505 IAC,max 100 Hz 60 C A 2.5 3.5 4.5 4.4 5.9 8.3 10.5 2.8 3.8 3.7 4.7 6.2 8.3 1.8 2.5 2.5 3.3 3.3 4.5 4.5 5.1 5.9 IAC,max 100 Hz 85 C A 1.9 2.6 3.4 3.3 4.4 6.2 7.8 2.1 2.8 2.8 3.5 4.6 6.2 1.4 1.9 1.9 2.5 2.5 3.3 3.4 3.8 4.4 IAC,R1) 100 Hz 105 C A 0.96 1.3 1.7 1.7 2.2 3.1 3.9 1.0 1.4 1.4 1.8 2.3 3.1 0.70 0.95 0.94 1.3 1.3 1.7 1.7 1.9 2.2 Ordering code (composition see below)
Zmax 10 kHz 20 C m 700 470 330 330 230 160 110 700 470 470 330 230 160 1090 730 730 500 500 330 330 280 240
VR = 200 V DC 220 22 x 30 330 22 x 40 470 25 x 40 470 30 x 30 680 30 x 40 1000 35 x 45 1500 35 x 50 VR = 250 V DC 220 25 x 30 330 25 x 40 330 30 x 30 470 30 x 35 680 30 x 45 1000 35 x 45 VR = 400 V DC 100 25 x 30 150 25 x 40 150 30 x 30 220 30 x 40 220 35 x 30 330 30 x 50 330 35 x 40 390 35 x 45 470 35 x 50
B43505E2227M0*# B43505E2337M0*# B43505E2477M0*# B43505G2477M0*# B43505E2687M0*# B43505E2108M0*# B43505E2158M0*# B43505A2227M0*# B43505A2337M0*# B43505C2337M0*# B43505A2477M0*# B43505A2687M0*# B43505A2108M0*# B43505A9107M0*# B43505A9157M0*# B43505C9157M0*# B43505A9227M0*# B43505C9227M0*# B43505A9337M0*# B43505C9337M0*# B43505A9397M0*# B43505A9477M0*#
Composition of ordering code * = Insulation feature #= 0 = PVC insulation 6 = PET insulation 8 = PVC insulation with additional PET insulation cap on terminal side
Terminal style 0 = snap-in standard terminals (6.3 mm) 2 = snap-in 3 terminals (4.5 mm) 7 = snap-in short terminals (4.5 mm)
1) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Please read Cautions and warnings and Important notes at the end of this document.
Page 11 of 21
B43505 Excellent performance 105 C
Technical data and ordering codes CR 100 Hz 20 C F Case dimensions dxl mm ESRtyp 100 Hz 20 C m 2280 1360 1360 910 910 620 620 410 350
B43505 IAC,max 100 Hz 60 C A 1.1 2.0 2.0 2.6 2.6 3.5 3.5 4.9 5.3 IAC,max 100 Hz 85 C A 0.83 1.5 1.5 2.0 2.0 2.6 2.7 3.7 4.0 IAC,R2) 100 Hz 105 C A 0.41 0.75 0.76 1.0 0.99 1.3 1.3 1.8 2.0 Ordering code (composition see below)
Zmax 10 kHz 20 C m 3390 1600 1600 1070 1070 730 730 490 410
VR = 450 V DC 47 22 x 25 100 22 x 45 100 30 x 30 150 25 x 45 150 30 x 35 220 30 x 45 220 35 x 35 330 35 x 50 390 35 x 50
B43505A5476M0*# B43505A5107M0*# B43505C5107M0*# B43505A5157M0*# B43505C5157M0*# B43505A5227M0*# B43505C5227M0*# B43505A5337M0*# B43505A5397M0*#
Composition of ordering code * = Insulation feature #= 0 = PVC insulation 6 = PET insulation 8 = PVC insulation with additional PET insulation cap on terminal side
Terminal style 0 = snap-in standard terminals (6.3 mm) 2 = snap-in 3 terminals (4.5 mm) 7 = snap-in short terminals (4.5 mm)
2) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Please read Cautions and warnings and Important notes at the end of this document.
Page 12 of 21
B41505, B43505 Excellent performance 105 C
Useful life depending on ambient temperature TA under ripple current operating conditions1) VR 100 V DC
Useful life depending on ambient temperature TA under ripple current operating conditions1) VR 200 V DC
1) Refer to chapter "General technical information, 5.3 Calculation of useful life" for an explanation on how to interpret the useful life graphs.
Please read Cautions and warnings and Important notes at the end of this document.
Page 13 of 21
B41505, B43505 Excellent performance 105 C
Frequency factor of permissible ripple current IAC versus frequency f VR 100 V DC
Frequency factor of permissible ripple current IAC versus frequency f VR 200 V DC
Frequency characteristic of ESR Typical behavior VR 100 V DC
Frequency characteristic of ESR Typical behavior VR 200 V DC
Please read Cautions and warnings and Important notes at the end of this document.
Page 14 of 21
B41505, B43505 Excellent performance 105 C
Impedance Z versus frequency f Typical behavior at 20 C VR 100 V DC
Impedance Z versus frequency f Typical behavior at 20 C VR 200 V DC
Please read Cautions and warnings and Important notes at the end of this document.
Page 15 of 21
B41505, B43505 Excellent performance 105 C
Cautions and warnings Personal safety The electrolytes used by EPCOS have not only been optimized with a view to the intended application, but also with regard to health and environmental compatibility. They do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (DMF) or dimethyl acetamide (DMAC). Furthermore, part of the high-voltage electrolytes used by EPCOS are self-extinguishing. They contain flame-retarding substances which will quickly extinguish any flame that may have been ignited. As far as possible, EPCOS does not use any dangerous chemicals or compounds to produce operating electrolytes. However, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no safe substitute materials are currently known. However, the amount of dangerous materials used in our products has been limited to an absolute minimum. Nevertheless, the following rules should be observed when handling Al electrolytic capacitors: Any escaping electrolyte should not come into contact with eyes or skin. If electrolyte does come into contact with the skin, wash the affected parts immediately with running water. If the eyes are affected, rinse them for 10 minutes with plenty of water. If symptoms persist, seek medical treatment. Avoid breathing in electrolyte vapor or mists. Workplaces and other affected areas should be well ventilated. Clothing that has been contaminated by electrolyte must be changed and rinsed in water.
Please read Cautions and warnings and Important notes at the end of this document.
Page 16 of 21
B41505, B43505 Excellent performance 105 C
Product safety The table below summarize the safety instructions that must be observed without fail. A detailed description can be found in the relevant sections of chapter "General technical information". Topic Safety information Reference Chapter "General technical information" 1 "Basic construction of aluminum electrolytic capacitors" 3.1.6 "Reverse voltage" 7.2 "Maximum permissible operating temperature" 10 "Maintenance"
Polarity
Make sure that polar capacitors are connected with the right polarity.
Reverse voltage Upper category temperature Maintenance
Voltages polarity classes should be prevented by connecting a diode. Do not exceed the upper category temperatur.
Mounting position of screw terminal capacitors Mounting of single-ended capacitors
Make periodic inspections of the capacitors. Before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. Do not apply any mechanical stress to the capacitor terminals. Do not mount the capacitor with the terminals (safety vent) upside down.
Robustness of terminals
Soldering
11.1 "Mounting positions of capacitors with screw terminals" The internal structure of single-ended capacitors 11.4 might be damaged if excessive force is applied to "Mounting the lead wires. considerations for Avoid any compressive, tensile or flexural stress. single-ended capacitors" Do not move the capacitor after soldering to PC board. Do not pick up the PC board by the soldered capacitor. Do not insert the capacitor on the PC board with a hole space different to the lead space specified. The following maximum tightening torques must 11.3 not be exceeded when connecting screw "Mounting torques" terminals: M5: 2 Nm M6: 2.5 Nm Do not exceed the specified time or temperature 11.5 limits during soldering. "Soldering"
Page 17 of 21
Please read Cautions and warnings and Important notes at the end of this document.
B41505, B43505 Excellent performance 105 C
Topic
Safety information
Soldering, cleaning agents Passive flammability Active flammability
Reference Chapter "General technical information" Do not allow halogenated hydrocarbons to come 11.6 into contact with aluminum electrolytic capacitors. "Cleaning agents" Avoid external energy, such as fire or electricity. 8.1 "Passive flammability" Avoid overload of the capacitors. 8.2 "Active flammability" Reference Chapter "Capacitors with screw terminals" "Screw terminals accessories"
Breakdown strength Do not damage the insulating sleeve, especially of insulating when ring clips are used for mounting. sleeves
Please read Cautions and warnings and Important notes at the end of this document.
Page 18 of 21
B41505, B43505 Excellent performance 105 C
Symbols and terms Symbol C CR CS CS,T Cf d dmax ESL ESR ESRf ESRT f I IAC IAC,rms IAC,f IAC,max IAC,R IAC,R (B) Ileak Ileak,op l lmax R Rins Rsymm T T TA TC TB t t tb English Capacitance Rated capacitance Series capacitance Series capacitance at temperature T Capacitance at frequency f Case diameter, nominal dimension Maximum case diameter Self-inductance Equivalent series resistance Equivalent series resistance at frequency f Equivalent series resistance at temperature T Frequency Current Alternating current (ripple current) Root-mean-square value of alternating current Ripple current at frequency f Maximum permissible ripple current Rated ripple current Rated ripple current for base cooling Leakage current Operating leakage current Case length, nominal dimension Maximum case length (without terminals and mounting stud) Resistance Insulation resistance Balancing resistance Temperature Temperature difference Ambient temperature Case temperature Capacitor base temperature Time Period Service life (operating hours) German Kapazitat Nennkapazitat Serienkapazitat Serienkapazitat bei Temperatur T Kapazitat bei Frequenz f Gehausedurchmesser, Nennma Maximaler Gehausedurchmesser Eigeninduktivitat Ersatzserienwiderstand Ersatzserienwiderstand bei Frequenz f Ersatzserienwiderstand bei Temperatur T Frequenz Strom Wechselstrom Wechselstrom, Effektivwert Wechselstrom bei Frequenz f Maximal zulassiger Wechselstrom Nennwechselstrom Nennwechselstromstrom fur Bodenkuhlung Ableitstrom Ableitstrom bei Betrieb Gehauselange, Nennma Maximale Gehauselange (ohne Anschlusse und Gewindebolzen) Widerstand Isolationswiderstand Symmetrierwiderstand Temperatur Temperaturdifferenz Umgebungstemperatur Gehausetemperatur Temperatur des Becherbodens Zeit Zeitraum Brauchbarkeitsdauer (Betriebszeit)
Please read Cautions and warnings and Important notes at the end of this document.
Page 19 of 21
B41505, B43505 Excellent performance 105 C
Symbol V VF Vop VR VS XC XL Z ZT tan 0 r Notes
English Voltage Forming voltage Operating voltage Rated voltage, DC voltage Surge voltage Capacitive reactance Inductive reactance Impedance Impedance at temperature T Dissipation factor Failure rate Absolute permittivity Relative permittivity Angular velocity; 2 f
German Spannung Formierspannung Betriebsspannung Nennspannung, Gleichspannung Spitzenspannung Kapazitiver Blindwiderstand Induktiver Blindwiderstand Scheinwiderstand Scheinwiderstand bei Temperatur T Verlustfaktor Ausfallrate Elektrische Feldkonstante Dielektrizitatszahl Kreisfrequenz; 2 f
All dimensions are given in mm.
Please read Cautions and warnings and Important notes at the end of this document.
Page 20 of 21
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 21 of 21


▲Up To Search▲   

 
Price & Availability of B43505A9397M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X