Part Number Hot Search : 
MC7805 C74761 212D0 BCM5700 C847A V630M 2SB173 NCV850
Product Description
Full Text Search
 

To Download AZ164-1CT-120A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ164
MINIATURE POWER RELAY
FEATURES * * * * * * * * PC Terminals SPDT through 4PDT arrangement High switching capacity AC and DC coils Push To Test lever available on some models CE marked UL, CUR file E43203 TUV pending
CONTACTS
Arrangement SPDT (1 Form C) DPDT (2 Form C) 3PDT (3 Form C) 4PDT (4 Form C) See chart on page 2 See chart on page 2 -1CT contact -2C and 2CT contact -3C contact -4C contact Silver Silver Silver Silver cadmium oxide cerium cerium cerium
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time Release Time Minimum operations 2 x 107 operations See UL/CUR ratings on page 2 25 msec max. at nominal coil voltage 25 msec at nominal coil voltage (without suppression)
Ratings UL, CUR Material
Dielectric Strength 1500 Vrms coil to contact (at sea level for 1 min.) 1000 Vrms contact to contact 1000 Vrms between contact sets Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration 100 megohms min. at 500 VDC, 20C, 50% RH DC: > 10% of nominal coil voltage AC: > 30% of nominal coil voltage -55C (-67F) to 70C (158F) -55C (-67F) to 105C (221F) 0.062" DA at 10-55 Hz 20 g Polycarbonate PC 250C (482F) 5 seconds 37 grams
Resistance
< 50 milliohms initially (24 V, 1 A voltage drop method)
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature DC: 576 mW, 6 to 48 VDC 704 mW, 110 VDC AC: .768 VA DC: 1.2 W (110 V : 1.5 W) at 20C (68F) AC: 1.7 VA at 20C (68F) 105C (221F)
Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
8/11/03W
AZ164
CONTACT RATINGS
Maximum Ratings SPDT Heavy duty, resistive load: Max. Switched Power: 450 W, 3750 VA Max. Switched Current: 15 A Max. Switched Voltage: 30 VDC, 250 VAC DPDT Heavy duty, resistive load: Max. Switched Power: 300 W, 2500 VA Max. Switched Current: 10 A Max. Switched Voltage: 30 VDC, 250 VAC DPDT Standard duty, resistive load: Max. Switched Power: 210 W, 1750 VA Max. Switched Current: 7 A Max. Switched Voltage: 30 VDC, 250 VAC 3PDT, 4PDT, Standard duty, resistive load: Max. Switched Power: 150 W, 1250 VA Max. Switched Current: 5 A Max. Switched Voltage: 30 VDC, 250 VAC UL/CUR Ratings SPDT Heavy duty: 15 A, 250 VAC 100k, Resistive 15 A, 30 VDC, 100k N.O., 30k N.C., Resistive DPDT Heavy duty: 10 A, 250 VAC, 100k, General use 10 A, 30 VDC, 100k, Resistive 1/3 HP, 120/240 VAC, 100k Motor load DPDT, Standard duty: 7A, 250 VAC, 100k Resistive 7A, 30 VDC, 100k, Resistive 3A, 240 VAC/30 VDC, 100k, General use 3PDT, 4PDT, Standard duty: 5A, 250 VAC, 100k, Resistive 5A, 30 VDC, 100k, Resistive 3A, 240 VAC/30 VDC, 100k, General use
MECHANICAL DATA
AZ164-_C
.039 [1.0] .098 [2.5]
AZ164-_CT
.059 [1.5] .846 [21.5] .157 [4.0]
.846 [21.5]
1.378 [35.0]
.157 [4.0] .020 [0.5]
.138 [3.5]
1.102 [28.0]
1.378 [35.0]
.197 [5.0] .020 [0.5]
.138 [3.5]
1.102 [28.0]
WIRING DIAGRAM
1 5 9 2 6 10 3 7 11 4 8 12 1 4 7 13 2 5 8 3 6 9 14 1 5 9 13 4 8 12 14 7 1 3 5 2 4 6
Viewed Towards Terminal
1 4 7 2 5 8 3 6 9 1 5 9 4 8 12 1 3 5 2 4 6 1 3 5 2 4 6
1 3 5
2 4 6
1 5 9
2 6 10
3 7 11
4 8 12
13
14
8
7
8
13
14
13
14
13
14
7
8
7
8
4C 4C 3C 2C 2CT 1CT
+
3C
+
2C
+
2CT
+
1CT
+
WITH LED
PC BOARD LAYOUTS
.169 [4.3] .161 [4.1]
Viewed Towards Terminal
.226 [5.7]
.520 [13.2]
.173 [4.4]
.169 [4.3]
.163 [4.1]
.520 [13.2]
.161 [4.1]
.260 [6.6]
.163 [4.1]
.169 [4.3] .161 [4.1]
.520 [13.2]
.163 [4.1]
.394 [10.0]
.156 [4.0] .181 [4.6]
.661 [16.8]
.409 [10.4]
.661 [16.8]
.409 [10.4]
.661 [16.8]
.409 [10.4]
.417 [10.6]
.699 [17.75]
o.051 TYP [o1.3 TYP]
o.051 TYP [o1.3 TYP]
o.051 TYP [o1.3 TYP]
o.098 TYP [o2.5 TYP]
.559 [14.2]
4C
3C
2C 1CT & 2CT
8/11/03W
AZ164
RELAY ORDERING DATA
STANDARD RELAYS: DC Coil COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 48 110 Must Operate VDC 4.0 4.8 9.6 19.2 38.4 88.0 Max. Continuous VDC 5.5 6.6 13.2 26.4 52.8 121.0 Nominal Current mA 10% 181.0 150.0 75.0 36.9 18.5 10.0 Coil Resistance 27.5 10% 40.0 10% 160 650 2600 11,000 10% 10% 15% 15%
ORDER NUMBER*
AZ164-2C-5D AZ164-2C-6D AZ164-2C-12D AZ164-2C-24D AZ164-2C-48D AZ164-2C-110D
STANDARD RELAYS: AC Coil (50/60 Hz) COIL SPECIFICATIONS
Nominal Coil VAC 6 12 24 48 120 220 240 Must Operate VAC 4.8 9.6 19.2 38.4 96.0 176.0 192.0 Max. Continuous VAC 7.1 14.3 28.6 57.1 143.0 261.0 288.0 Nominal Current mA 10% 200.0 100.0 50.0 25.0 10.0 5.5 5.0 Coil Resistance 11.5 10% 46.0 10% 184 735 4,550 14,400 22,000 10% 10% 10% 15% 15%
ORDER NUMBER*
AZ164-2C-6A AZ164-2C-12A AZ164-2C-24A AZ164-2C-48A AZ164-2C-120A AZ164-2C-220A AZ164-2C-240A
* For 3PDT or 4PDT substitute "-3C" or "-4C" for "-2C". For LED add "1" to the end of p/n. "-2C" and "-4C" versions are available with a lockable "push to test" lever. Add suffix "P" to part number for "Push to Test" lever.
RELAY ORDERING DATA
HEAVY DUTY RELAYS: DC Coil COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 48 110 Must Operate VDC 4.0 4.8 9.6 19.2 38.4 88.0 Max. Continuous VDC 5.5 6.6 13.2 26.4 52.8 121.0 Nominal Current mA 10% 181.0 150.0 75.0 36.9 18.5 10.0 Coil Resistance 27.5 10% 40.0 10% 160 650 2600 11,000 10% 10% 15% 15%
ORDER NUMBER*
AZ164-1CT-5D AZ164-1CT-6D AZ164-1CT-12D AZ164-1CT-24D AZ164-1CT-48D AZ164-1CT-110D
HEAVY DUTY RELAYS: AC Coil (50/60 Hz) COIL SPECIFICATIONS
Nominal Coil VAC 6 12 24 48 120 220 240 Must Operate VAC 4.8 9.6 19.2 38.4 96.0 176.0 192.0 Max. Continuous VAC 7.1 14.3 28.6 57.1 143.0 261.0 288.0 Nominal Current mA 10% 200.0 100.0 50.0 25.0 10.0 5.5 5.0 Coil Resistance 11.5 10% 46.0 10% 184 735 4,550 14,400 22,000 10% 10% 10% 15% 15%
ORDER NUMBER*
AZ164-1CT-6A AZ164-1CT-12A AZ164-1CT-24A AZ164-1CT-48A AZ164-1CT-120A AZ164-1CT-220A AZ164-1CT-240A
* For DPDT substitute "-2CT" for "-1CT". For LED add "1" to the end of p/n.
8/11/03W


▲Up To Search▲   

 
Price & Availability of AZ164-1CT-120A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X