Part Number Hot Search : 
CR2430 74LV4067 8TXXX FQP19N10 AXLE30S 1N4740B 7810N115 OP90FZ
Product Description
Full Text Search
 

To Download APTC60TDUM24TPG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTC60TDUM24TPG
Triple dual Common Source Super Junction MOSFET Power Module VDSS = 600V RDSon = 24m max @ Tj = 25C ID = 95A @ Tc = 25C
Application * AC Switches * Switched Mode Power Supplies * Uninterruptible Power Supplies Features * - Ultra low RDSon - Low Miller capacitance - Ultra low gate charge - Avalanche energy rated - Very rugged Kelvin source for easy drive Very low stray inductance - Symmetrical design - Lead frames for power connections High level of integration Internal thermistor for temperature monitoring High level of integration
* * * * *
D1 D3 D5
G1 NTC1 NTC2 S1/S2 S1 S2 G2 S3/S4
G3 S3 S4 G4 S5/S6
G5 S5 S6 G6
D2
D4
D6
Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Very low (12mm) profile * Each leg can be easily paralleled to achieve a dual common source configuration of three times the current capability * RoHS Compliant Max ratings 600 95 70 260 20 24 462 15 3 1900 Unit V
August, 2009 1-6 APTC60TDUM24TPG - Rev 0
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
A V m W A mJ
Tc = 25C
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTC60TDUM24TPG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions
VGS = 0V,VDS = 600V VGS = 0V,VDS = 600V
Min Tj = 25C Tj = 125C 2.1
Typ
VGS = 10V, ID = 47.5A VGS = VDS, ID = 5mA VGS = 20 V, VDS = 0V
3
Max 350 600 24 3.9 200
Unit A m V nA
Dynamic Characteristics
Symbol Characteristic Ciss Input Capacitance Coss Output Capacitance Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy Test Conditions VGS = 0V ; VDS = 25V f = 1MHz VGS = 10V VBus = 300V ID = 95A Inductive Switching (125C) VGS = 10V VBus = 400V ID = 95A RG = 2.5 Inductive switching @ 25C VGS = 10V ; VBus = 400V ID = 95A ; RG = 2.5 Inductive switching @ 125C VGS = 10V ; VBus = 400V ID = 95A ; RG = 2.5 Min Typ 14.4 17 300 68 102 21 30 100 45 1350 1040 2200 1270 J ns nC Max Unit nF
J
Source - Drain diode ratings and characteristics
Symbol Characteristic IS Continuous Source current (Body diode) VSD Diode Forward Voltage dv/dt Peak Diode Recovery trr Qrr Reverse Recovery Time Reverse Recovery Charge Test Conditions Tc = 25C Tc = 80C VGS = 0V, IS = - 95A IS = - 95A VR = 350V diS/dt = 200A/s Tj = 25C Tj = 25C 600 34 Min Typ 95 70 Max Unit A 1.2 4 V V/ns ns C
August, 2009 2-6 APTC60TDUM24TPG - Rev 0
dv/dt numbers reflect the limitations of the circuit rather than the device itself. IS - 95A di/dt 200A/s VR VDSS Tj 150C
www.microsemi.com
APTC60TDUM24TPG
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case Thermal Resistance
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 3
Typ
Max 0.27 150 125 100 5 250
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight
To heatsink
M6
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol R25 R25/R25 B25/85 B/B Characteristic Resistance @ 25C T25 = 298.15 K TC=100C
RT = R25 1 1 RT: Thermistor value at T exp B25 / 85 T - T 25
T: Thermistor temperature
Min
Typ 50 5 3952 4
Max
Unit k % K %
SP6-P Package outline (dimensions in mm)
9 places (3:1)
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
See application note 1902 - Mounting Instructions for SP6-P (12mm) Power Modules on www.microsemi.com
www.microsemi.com
3-6
APTC60TDUM24TPG - Rev 0
August, 2009
APTC60TDUM24TPG
Typical Performance Curve
0.3 Thermal Impedance (C/W) 0.25 0.2 0.15 0.1 0.05 Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10
0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 720 640 ID, Drain Current (A) 560 480 400 320 240 160 80 0 0 5 10 15 20 25 VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current 1.3 ID, DC Drain Current (A) 1.25 1.2 1.15 1.1 1.05 1 0.95 0.9 0 40 80 120 160 200 240 280 ID, Drain Current (A)
VGS=20V Normalized to VGS=10V @ 95A VGS=10V 5V 4.5V 4V VGS=15&10V
Transfert Characteristics 280 ID, Drain Current (A) 240 200 160 120 80 40 0 0 1 2 3 4 5 6 VGS, Gate to Source Voltage (V) 7
TJ=125C TJ=25C VDS > ID(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle
6.5V 6V 5.5V
RDS(on) Drain to Source ON Resistance
DC Drain Current vs Case Temperature 100 80 60 40 20 0 25 50 75 100 125 TC, Case Temperature (C) 150
August, 2009 4-6 APTC60TDUM24TPG - Rev 0
www.microsemi.com
APTC60TDUM24TPG
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.2 1.1 1.0 0.9 0.8 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.1 VGS(TH), Threshold Voltage (Normalized) 1.0 0.9 0.8 0.7 0.6 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage 1000000 C, Capacitance (pF) 100000 10000 1000 100 10 0 10 20 30 40 50 VDS, Drain to Source Voltage (V) Crss Coss Ciss 1000 ID, Drain Current (A) ON resistance vs Temperature
3.0 2.5 2.0 1.5 1.0 0.5 0.0 25 50 75 100 125 150 TJ, Junction Temperature (C)
Maximum Safe Operating Area
VGS=10V ID= 95A
100
limited by RDSon
100 s
10
Single pulse TJ=150C TC=25C
1 ms 10 ms
1 1 10 100 1000 VDS, Drain to Source Voltage (V) Gate Charge vs Gate to Source Voltage VGS, Gate to Source Voltage (V) 12 10 8 6 4 2 0 0 40
August, 2009 5-6 APTC60TDUM24TPG - Rev 0
VDS=480V
ID=95A TJ=25C
VDS=120V VDS=300V
80 120 160 200 240 280 320 Gate Charge (nC)
www.microsemi.com
APTC60TDUM24TPG
140 120
td(on) and td(off) (ns) Delay Times vs Current 70
td(off) VDS=400V RG=2.5 TJ=125C L=100H td(on)
Rise and Fall times vs Current 60 tr and tf (ns) 50 40 30 20 10 0 tr
VDS=400V RG=2.5 TJ=125C L=100H
100 80 60 40 20 0 0
tf
20 40 60 80 100 120 140 160
ID, Drain Current (A) Switching Energy vs Current
0
20
40
60
80 100 120 140 160
ID, Drain Current (A) Switching Energy vs Gate Resistance 5 Switching Energy (mJ)
VDS=400V ID=95A TJ=125C L=100H
4 Switching Energy (mJ)
3
VDS=400V RG=2.5 TJ=125C L=100H
Eon
4 3 2 1 0
Eoff Eon
2 1
Eoff
0 0 20 40 60 80 100 120 140 160 ID, Drain Current (A)
0
5
10
15
20
25
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage 1000
TJ=150C
Operating Frequency vs Drain Current
VDS=400V D=50% RG=2.5 TJ=125C TC=75C
250 Frequency (kHz)
ZVS
IDR, Reverse Drain Current (A)
300
200 150 100 50 0 10 20
hard switching ZCS
100
TJ=25C
10
1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
August, 2009 APTC60TDUM24TPG - Rev 0
30 40 50 60 70 ID, Drain Current (A)
80
90
VSD, Source to Drain Voltage (V)
"COOLMOSTM comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trademark of Infineon Technologies AG".
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
6-6


▲Up To Search▲   

 
Price & Availability of APTC60TDUM24TPG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X