Part Number Hot Search : 
D74LS04P DY20F DA101MF8 USD4540C 50120 ES1946 CHT05PT SRL5017R
Product Description
Full Text Search
 

To Download AP3154AFG-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPA Number 001
Announcement
New Product AP3154A/56
Small LCD screen backlighting charge pump LED drivers
Description TheAP3154AandAP3156 arechargepumpLEDdrivers forsmallLCDscreen backlighting.Theyarewell suitedforLCDscreensless than3". Both useatrimodecharge pumpswitch(1X),fractional (1.5X),anddoubling(2X) conversiontomaximize efficiencyinwhiteLED applications. Alowexternalpartscount (two1Fflyingandtwo small1FcapacitorsatVIN andVOUT)makethemideally suitedforsmall,battery poweredapplications. Aserialdigitalinterfaceis usedtoenable,disableand setcurrentforeachLEDwith a32levellogarithmicscale plusfourlowcurrent settingsdownto50Afor i d f optimizedefficiency..
The Diodes advantage
The AP3154A and AP3156 provide a simple cost effective solution for small screen LCD backlighting x1/x1.5/x2 tri-mode voltage conversion Increases efficiency giving longer battery life. No inductor, diodes inductor Reduces EMI and reduces PCB area SDI digital interface Versatile control to program LED current with 16-level/32-level logarithmic scale Small footprint low profile packages Reduces PCB area and height restrictions Soft-start & Soft-stop p Reduces In-rush current during start up and power down. SCP,OVP,UVLO,TSD Improved robustness
Circuit functions
LCD backlighting Keypad backlighting Mobile phone flashlight
www.diodes.com
NPA Number 001
Announcement
New Product AP3154A/56
Small LCD screen backlighting charge pump LED drivers
Diodes Backlighting IC
Typ Quiescent Current Typ Standby C Current Max Output V Voltage Input Volta age Operating ure temperatu range Frequenc cy Part Num mber AP3154A AP3156 AP5724 AP5725 AP5726 ZXLD1100 ZXLD1101 ZXLD1937 Efficienc cy Soft Star rt SW RDS S Dimming g Package e
(V) (V) (MHz) (%) (mA) (A) () New 2.7 ~ 5.5 0.6/1.2/1.8 88 1.2 1 New 2.7 ~ 5.5 0.5/1.0/2.0 88 1.5 1 MP MP MP 2.7-5.5 2.7-5.5 2.7-5.5 26 26 26 1.4 1.4 1.4 1 1 1 84 84 84 2 2 2 1 1 1
MP 2.5 ~ 5.5 28V MP 2.5 ~ 5.5 28V MP 2.5 ~ 5.5 28V
Tofindoutmoreinformation: Web page http://www.diodes.com/products/catalog/detail.php?itemid=4996 Datasheet http://www.diodes.com/datasheets/AP3154A.pdf http://www.diodes.com/datasheets/AP3156.pdf
Ordering information
Device Packaging TDFN303012 QFN404016
AP3154AFG7 AP3156FVG7
Allvariantsareinpackagesthatare"Green"MoldingCompound(NoBr,Sb)withLeadFreeFinish/RoHSCompliant(Note1) Notes:1.EUDirective2002/95/EC(RoHS).AllapplicableRoHSexemptionsapplied,seeEUDirective2002/95/ECAnnex Notes Codesfordatecodingonpartmarks Y Year0~9 W A~Zweek1~26a~zweek27~53 X A~Z:Green
Status
OVP
SDI SDI
Yes Yes Yes Yes
0.75 DC/PWM Yes Yes 0.75 DC/PWM Yes Yes 0.75 DC/PWM Yes Yes DC/PWM No DC/PWM No DC/PWM No No No No
80 0.06 0.5 80 0.06 0.5 80 0.06 0.5
(V) () - -40 to +85 DFN3030-12 - -40 to +85 QFN4040-16 SOT26 0.1 -25 to +85 DFN2020C-6 SOT26 0.25 -25 to +85 DFN2020C-6 SOT26 0.31 -25 to +85 DFN2020C-6 -40 to +85 SC70-6 -40 to +85 TSOT23-6 -40 to +85 TSOT23-5
VFB
Packmark F9 YWX F7 YWX
Reelsize 7" 7"
Tapewidth 8mm 8mm
Quantity 3000 1500
www.diodes.com


▲Up To Search▲   

 
Price & Availability of AP3154AFG-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X