Part Number Hot Search : 
DPH140T BFXXXX IRKL105 472M03 GAAMLA 5R0LP DD84SC DG538ADN
Product Description
Full Text Search
 

To Download AMLD-36100IZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series AMLD-IZ
Up to 1200mA | LED Driver
FEATURES: * * * * High Power LED Driver Wide (7:1) Input Voltage Range Remote Control Function 24 Pin DIP Package * * * * Constant Output Current High Efficiency (Up to 96%) Dimming Function (0 - 100%) Operating Temperature range -40C - +85C
Models Single output
Model
AMLD-3630IZ AMLD-3635IZ AMLD-3650IZ AMLD-3660IZ AMLD-3670IZ AMLD-3680IZ AMLD-3690IZ AMLD-36100IZ AMLD-36110IZ AMLD-36120IZ
Input Voltage (V)
5-36 5-36 5-36 5-36 5-36 5-36 5-36 5-36 5-36 5-36
Output Voltage (V)
2-32 2-32 2-32 2-32 2-32 2-32 2-32 2-32 2-32 2-32
Output Current (mA)
300 350 500 600 700 800 900 1000 1100 1200
Efficiency Max (%)
96 96 96 96 96 96 96 96 96 96
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified.
Input Specifications
Parameters
Voltage range On/Off Control (Analog Control) Input voltage range (0-12Vdc) (Leave open if not used) Dimming Control (Digital Control)
Nominal
24
Typical
5-36
Maximum
36
Units
VDC
ON: Open or 0V> V <0.6V OFF: 0.6V> V <5V (1mA Max)
Max PWM Frequency (10%~90%) 200Hz 0-4.5V (1mA max) Analog Voltage (0%~100%) models: AMLD-3630IZ, AMLD-3635IZ, Dimming Control (Analog Control) AMLD-3650IZ Input voltage range (0-12Vdc)* 0-6.5V (1mA max) Analog Voltage (0%~100%) models: AMLD-3660IZ, AMLD-3670IZ, (Leave open if not used) AMLD-3680IZ, AMLD-3690IZ, AMLD-36100IZ, AMLD-36110IZ, AMLD-36120IZ * NOTE: Exceeding 12Vdc on Dimming Control pin will damage the converter.
Output Specifications
Parameters
Current accuracy Short Circuit protection Output Open Protection Max load capacitance Ripple & Noise
Conditions
Typical
Maximum
Units
%
20MHz Bandwidth
2 Regulated at the rated current for each model No Load 100 120
F mV p-p
General Specifications
Parameters
Switching frequency Operating temperature Storage temperature Max Case temperature Cooling Thermal Impedance Humidity Case material
Conditions
100% load
Typical
260 -40 to +85 -40 to +125
Maximum
Units
KHz o C o C o C C/W % RH
o
100 Free Air Convection 13.17 95 Non-Conductive Black Plastic
www.aimtec.com
F 051e R8.F
Tel: +1 514 620 2722 1 of 8
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only
Series AMLD-IZ
Up to 1200mA | LED Driver General Specifications (continued)
Parameters
Potting material Weight Dimensions (L x W x H)
Conditions
Typical
Maximum
Units
g
Epoxy (Flammability UL94V-0) 12 1.25 x 0.80 x 0.40 inches 31.80 x 20.30 x 10.20 mm
Pin Out Specifications
Single 1 Remote On/Off 2 -Vin 3 -Vin 9 NC 11 NC 14 LED + 16 LED 22 +Vin 23 +Vin 24 DIM NC: Not Connected
Dimensions
Pin
1
2
3
9
11
20.30 (0.80)
24 23 22 16 14
15.24 (0.60)
31.8 (1.25)
10.2 (0.4)
Mechanical Tolerances
Case tolerance 0.25mm or 0.01 inches Pin tolerance 0.05 or 0.002
3.8 (0.15)
2.54 (0.1)
2.54 (0.1)
15.24 (0.6)
5.08 (0.2)
5.08 (0.2)
Efficiency vs Input Voltage
100 Efficiency (%) 80 60 40 20 0 0 5 10 15 20 25 30
Input Voltage (V)
www.aimtec.com
F 051e R8.F
Tel: +1 514 620 2722 2 of 8
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only
Series AMLD-IZ
Up to 1200mA | LED Driver Application Circuit
Note: The relation between input and output voltage for AMLD-IZ LED Driver step-down converter series is: Vin - 4V Vout Total LED voltage Vout / LED voltage = LED quantity
Output Current Versus Dimming Voltage
ILED (mA) 350 300 250 200 150 100 50 0 0V 1V 2V 3V VADJ (V) 221 147 76 2 4V 0 5V 301 Output Current vs VADJ AMLD-3630IZ
www.aimtec.com
F 051e R8.F
Tel: +1 514 620 2722 3 of 8
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only
Series AMLD-IZ
Up to 1200mA | LED Driver Output Current vs Dimming Voltage (continued)
ILED (mA) 400 350 300 250 200 150 100 50 0 0V 365
Output Current vs VADJ AMLD-3635IZ
284 210 138 61 0 5V
1V
2V
3V
4V
VADJ (V)
ILED (mA) 600 500 400 300 200 100 0 0V 520
Output Current vs VADJ AMLD-3650IZ
407 287 181 68 1V 2V 3V 4V 0 5V
VADJ (V)
www.aimtec.com
F 051e R8.F
Tel: +1 514 620 2722 4 of 8
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only
Series AMLD-IZ
Up to 1200mA | LED Driver Output Current vs Dimming Voltage (continued)
ILED (mA) 700 600 500 400 300 200 100 0 0V 629
Output Current vs VADJ AMLD-3660IZ
485 348 220 87 1V 2V 3V 4V 0 5V
VADJ (V)
ILED (mA) 800 700 600 500 400 300 200 100 0 0V 1V 711
Output Current vs VADJ AMLD-3670IZ
570 432 297 163 23 2V 3V VADJ (V) 4V 5V 0 6V
www.aimtec.com
F 051e R8.F
Tel: +1 514 620 2722 5 of 8
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only
Series AMLD-IZ
Up to 1200mA | LED Driver Output Current vs Dimming Voltage (continued)
ILED (mA) 900 800 700 600 500 400 300 200 100 0 0V 1V 2V 3V VADJ (V) 4V 5V 218 73 0 6V 815 728 558 383 Output Current vs VADJ AMLD-3680IZ
Output Current vs VADJ ILED (mA) AMLD-3690IZ 1000 920 900 800 730 700 600 550 500 400 360 300 200 185 100 86 0 0V 1V 2V 3V 4V 5V VADJ (V)
0 6V
www.aimtec.com
F 051e R8.F
Tel: +1 514 620 2722 6 of 8
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only
Series AMLD-IZ
Up to 1200mA | LED Driver Output Current vs Dimming Voltage (continued)
Output Current vs VADJ AMLD-36100IZ 1020 814 633 453 278 92 0V 1V 2V 3V VADJ (V) 4V 5V 0 6V
ILED (mA) 1200 1000 800 600 400 200 0
ILED (mA) 1200 1000
Output Current vs VADJ AMLD-36110IZ 1110 900
800 600 400 200
705 517 317 105
0 0V 1V 2V 3V VADJ (V) 4V 5V
0 6V
www.aimtec.com
F 051e R8.F
Tel: +1 514 620 2722 7 of 8
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only
Series AMLD-IZ
Up to 1200mA | LED Driver Output Current vs Dimming Voltage (continued)
ILED (mA) 1400 1200 1000 800 600 400 200 0 0V 1V 1216
Output Current vs VADJ AMLD-36120IZ
986 797 591 385 118 2V 3V VADJ (V) 4V 5V 0 6V
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified.5..Aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 5. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet.
www.aimtec.com
F 051e R8.F
Tel: +1 514 620 2722 8 of 8
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only


▲Up To Search▲   

 
Price & Availability of AMLD-36100IZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X