Part Number Hot Search : 
331MP 226CA TLWR9900 LTC29 HT2812B AM29LV 2SD347 SA43A
Product Description
Full Text Search
 

To Download ABM8G-26000MHZ-RESR-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
ABM8G
FEATURES: * Low in height; suitable for thin equipment. * Glass sealed package assures high reliability and high temperature operation * Tight tolerance and stability available. * IR reflow capable * Low cost version of ABM8 crystal
Pb in glass (exempt per RoHS 2002/95/EC Annex (5)) Compliant
RoHS
3.2 x 2.5 x 1.0mm
|||||||||||||||
APPLICATIONS: * Automotive applications * High density applications. * Modems, communication and test equipment. * PMCIA, Wireless applications
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N Frequency Range Operation Mode Operating Temperature Storage Temperature Frequency Tolerance at +25C Frequency Stability over the Operating Temp. (Ref. to +25C) Equivalent Series Resistance Shunt Capacitance C0 Load Capacitance CL Drive Level Aging (first year) at 25C 3C Insulation Resistance ABM8G Series 12.000MHz - 50.000MHz Fundamental -10C to + 60C (see options) -55C to +125C 50ppm max. (see options) 50ppm max. (see options) See table 1 5.0pF max 10pF (see options) 100W max., 10W Typical 3ppm max. 500 M min. at 100 Vdc 15V
TABLE 1- Standard ESR Frequency (MHz) 12.000 12.001 - 20.000 20.001 - 28.00 28.001 - 50.00
ESR( ) max 120 80 60 50
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
ABM8G -
MHz -
-R
-
-
-
Blank: Bulk T: Tape & Reel (1kpcs) T3: Tape & Reel (3kpcs)
Frequency in MHz e.g. 24.576MHz 14.31818MHz 26.000MHz Load Capacitance
Please specify CL in pF or S for Series (Minimum 7pF)
Please contact ABRACON for values under 10pF
Packaging
Specify a value in
ESR
Operating Temp. E: 0C ~ +70C B: -20C ~ +70C C: -30C ~ +70C N: -30C ~ +85C D: -40C ~ +85C
Freq. Tolerance 1: 10 ppm 7: 15 ppm 2: 20 ppm 3: 25 ppm 4: 30 ppm
Freq. Stability U: 10 ppm (*) G: 15 ppm (**) X: 20 ppm W: 25 ppm Y: 30 ppm H: 35 ppm Q: 100 ppm
(*) ?10C to +60C only. Contact ABRACON for tighter freq. stability. (**) ?10C to +60C option E,B,C,N only.
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 12.22.09 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
ABM8G
OUTLINE DRAWING:
Pb RoHS Compliant
3.2 x 2.5 x 1.0mm
|||||||||||||||
Note: Due to the availability of raw materials, this part may be manufactured with the chamfer on pin 4. Be advised that this does not affect the electrical characteristics of the crystal in any way. Dimensions: Inch (mm)
TAPE & REEL:
(1000pcs/reel or 3000pcs/reel)
REFLOW PROFILE:
Tape and reel (1,000pcs/reel) : Tape and reel (3,000pcs/reel)
Dimensions: mm
Need a test socket for the ABM8G Series? To view compatible PRECISION TEST & BURN-IN SOCKETS for these parts, click here.
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
NOTE: Abracon manufactured products are intended for general commercial and industrial use. For applications requiring high reliability and/or presenting extreme operating environment, written consent & authorization from Abracon is required.
Visit www.abracon.com for Terms & Conditions of Sale Revised: 12.22.09 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ABM8G-26000MHZ-RESR-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X