|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
revision for dwg # 1PB-ABx rev - ch.no. 2 description original design 1 date 11/19/2007 revised by Philipp E. o40 mm [1.6 in] n38 mm 7 6 5 4 3 16 mm [.6 in] *= Operator includes 3x ARW1.2 and 1x ARW3.2 ** = Switch Contacts include Contact element washer and two SC24 installation screws, if more than two contact blocks are used, additional screws must be purchased seperatly (SC45, SC65 or SC90) ITEM DESCRIPTION max. 6 mm [.25 in] 16 mm [.6 in] 55 mm [2.2 in] 98 mm [3.9 in] unless otherwise specified: all dimensions are in millimeters third angle projection tolerance XX XX.X XX.XX ALL This Drawing is the property of R 1* = = = = 1 mm 0.5 mm 0.2 mm - mm M E T R I C 35 Royal Road Flemington, NJ 08822-6000 (908) 806-9400 Fax (908) 806-9490 and is a confidential disclosurelent without consideration other than the borrower's agreement that it shall not be reproduced, copied, lent or disposed of directly or indirectly nor used for any purpose other than that for which it is specifically furnished. 2* 3 4** 5** 6** 7** titel CAT. NO. AB1 AB2 AB3 Booted Operator AB4 AB6 AB8 Rubber washer ARW1.2/ARW3.2 Panel Contact Element washer Switch Contacts S11 Switch Contacts S12 Contact Block Installation Screws SC25/SC45/SC65/SC90 [1.5 in] COLOR White Black Green Red Blue Yellow Black Black Red Yellow - MIN. QTY. MAX. QTY. 1 1 1 1 1 1 1 1 1 1 1 1 1 4 1 2 1 2 1 2 2 2 30 mm Non-Illuminated Booted Momentary Metal Operator ABx (x=color) 11/19/2007 11/19/2007 11/19/2007 drawn by: Philipp Ernstberger checked by: Laszlo Gyorgypal released by: Laszlo Gyorgypal drawing no.: rev.: - 1PB-ABx scale: sheet: 1 of: 1 |
Price & Availability of AB2 |