|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
9011, 9012 & 9091 Miniature SIP Relays Miniature Molded SIP Reed Relays The 9012 package dimensions are 47% smaller than standard 9000 SIPs, yet the relay retains the 10W switch ratings of its larger counterparts. The 9011 package dimensions is 65% smaller than the standard 9000 SIPs and incorporates the RI-70 switch rated at 3W. The 9091 is a compact version of the 9001 while using 40% less board space. These miniature SIP relays are ideal for use in ATE applications and other high reliability test, measurement and telecommunications applications where high board density and long life are key requirements. Series Features 9012 is the smallest 10W SIP relay (.400"x .150" x .400") 9011 is the smallest 3W SIP relay (.400"x .150" x .265") 9091 is a 10W SIP relay measuring (.600"x .150" x .275") Magnetic shielding reduces interaction Optional coil suppression diode protects coil drive circuits UL File # E67117 High insulation resistance 1012 minimum. (1013 typical) High speed switching Molded thermoset body on integral lead frame design High reliability, hermetically sealed contacts for long life Model 9011 Dimensions in Inches (Millimeters) Model 9012 30 o Model 9091 RHOPOINT COMPONENTS LTD Email: sales@rhopointcomponents.com Web: www.rhopointcomponents.com 9011, 9012 & 9091 Miniature SIP Relays Model Number Parameters COIL SPECS. Nom. Coil Voltage Max. Coil Voltage Coil Resistance Operate Voltage Release Voltage CONTACT RATINGS Switching Voltage Switching Current Carry Current Contact Rating Life Expectancy-Typical1 Static Contact Resistance (max. init.) Dynamic Contact Resistance (max. init.) RELAY SPECIFICATIONS Insulation Resistance (minimum) Capacitance - Typical Across Open Contacts Open Contact to Coil Dielectric Strength (minimum) Operate Time - including bounce - Typical Release Time - Typical Test Conditions Units VDC VDC VDC - Max. VDC - Min. Volts Amps Amps Watts x 106 Ops. 9011 2,4 (3 Watt) 4 Pin SIP 5 6.5 500 3.75 0.4 12 15.0 750 9.0 1.0 9012 2,4 (10 Watt) 4 Pin SIP 5 6.5 500 3.75 0.4 12 15.0 750 9.0 1.0 200 0.5 1.5 10 1000 0.120 0.200 90912,4 (10 Watt) 4 Pin SIP 5 12 6.5 15.0 500 1000 3.75 9.0 0.4 1.0 200 0.5 1.5 10 500 0.125 0.15 +/- 10%, 25 C Must Operate by Must Release by Max DC/Peak AC Resist. Max DC/Peak AC Resist. Max DC/Peak AC Resist. Max DC/Peak AC Resist. Signal Level 1.0V, 10mA 50mV, 10mA 0.5V, 50mA at 100 Hz, 1.5 msec 100 0.250 0.5 3 250 0.150 0.200 Between all Isolated Pins at 100V, 25C, 40% RH pF pF x 1012 0.7 1.4 200 500 0.35 0.1 x 1012 0.7 1.4 300 500 0.35 0.1 x 1012 0.1 2.0 200 1500 0.5 0.30 Between Contacts Contacts to Coil At Nominal Coil Voltage, 30 Hz Square Wave Zener-Diode Suppression3 VDC/peak AC VDC/peak AC msec. msec. Top View: Grid = .1"x.1" (2.54mm x 2.54mm) Notes: 1 Consult factory for life expectancy at other switching loads. Resistance >0.5 defines end of life or failure to open. 2 Optional diode is connected to pin #2 (+) and pin #3(-). Correct coil polarity must be observed. 3 Consists of 20V Zener-diode and 1N1002 diode in series, connected in parallel with coil. 4 9011 external mag shield. 9012 & 9091 internal mag shield. Environmental Ratings: Storage Temp:-35C to +100C; Operating Temp:-20C to +85C Solder Temp: 270C max; 10 sec. max The operate and release voltage and the coil resistance are specified at 25C. These values vary by approximately 0.4%/C as the ambient temperature varies. Vibration: 20 G's to 2000 Hz; Shock: 50 G's 29 RHOPOINT COMPONENTS LTD Email: sales@rhopointcomponents.com Web: www.rhopointcomponents.com |
Price & Availability of 9012 |