![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Sonardyne UK (Head Office) T. +44 (0) 1252 872288 F. +44 (0) 1252 876100 E. sales@sonardyne.com www.sonardyne.com Datasheet OBC/LRT Deck Unit Description Part of Sonardyne's Coastal Acoustic Product Range, the Type 7967 OBC/LRT Deck Unit is used to command and programme Sonardyne's range of TZ/OBC transponders and Lightweight Release Transponders (LRTs). It comprises of a deck unit and dunking transducer supplied with 10 metres of cable. Key features * Supplied in rugged, portable case * For use with Type 7815 TZ/OBC Transponders and Type 7986 Lightweight Release Transponders * Enables transponders to be tested and programmed with thousands of unique identities prior to deployment * Highly secure coding sequence prior to commanding LRTs to 'release' * Powered by alkaline battery packs; supplied with 2 spare packs * Easy to operate The deck unit is used initially to program the acoustic identity of the transponder, test the transponder and, in the case of the LRT, load the release `bit' prior to deployment. Once deployed, it can be used to measure ranges to the transponder and prior to sending a secure release command, relocate the transponder. The deck unit can also be controlled via RS232 enabling raw range data to be logged to a PC for processing. Sonardyne UK (Head Office) T. +44 (0) 1252 872288 F. +44 (0) 1252 876100 E. sales@sonardyne.com www.sonardyne.com Specifications OBC/LRT Deck Unit Feature Operating Frequency Transmit Source Level (dB re 1Pa @1m) Receive Sensitivity (dB re 1Pa) Pulse Length Timing Resolution Transducer Ports No. Independent Navigation Channels Dimensions (LxWxH) Power Supply Weight Ordering Information Type Type Type Type Type 7967-000-02 7967-036 7967-002 7967-037 7815-044 Type 7967 HF (35-50kHz) 185dB 110dB 2ms 16 ms 1 9 360mm (14.1") X 270mm (10.6") X 155mm (6.1") Alkaline Battery 5kg LRT Surface Control Unit Programming Lead Remote Transducer RS232 Interface Cable Alkaline Battery Pack Specifications subject to change without notice - 10/2006 |
Price & Availability of 7967-036
![]() |