Part Number Hot Search : 
10010 SCD34LH PA606T TLHK5400 TA0273A MB961F AN3320 11SM1077
Product Description
Full Text Search
 

To Download 74HC00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74HC00 Quad 2-Input NAND Gate
High-Performance Silicon-Gate CMOS
The 74HC00 is identical in pinout to the LS00. The device inputs are compatible with Standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
Features
http://onsemi.com
* * * * * * * * *
Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1.0 mA High Noise Immunity Characteristic of CMOS Devices In Compliance With the JEDEC Standard No. 7A Requirements ESD Performance: HBM > 2000 V; Machine Model > 200 V Chip Complexity: 32 FETs or 8 Equivalent Gates These are Pb-Free Devices
LOGIC DIAGRAM
A1 B1 A2 B2 A3 B3 A4 B4 1 3 2 4 6 5 9 8 10 12 11 13 PIN 14 = VCC PIN 7 = GND Y4 Y3 Y2 Y = AB Y1
MARKING DIAGRAMS
14 14 1 SOIC-14 D SUFFIX CASE 751A 1 HC00G AWLYWW
14 14 1 TSSOP-14 DT SUFFIX CASE 948G 1 HC00 = Device Code A = Assembly Location WL or L = Wafer Lot Y = Year WW or W = Work Week G or G = Pb-Free Package (Note: Microdot may be in either location) HC 00 ALYW G G
FUNCTION TABLE
Inputs A L L H H B L H L H Output Y H H H L
Pinout: 14-Lead Packages (Top View)
VCC 14 B4 13 A4 12 Y4 11 B3 10 A3 9 Y3 8
1 A1
2 B1
3 Y1
4 A2
5 B2
6 Y2
7 GND
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2007
1
March, 2007 - Rev. 1
Publication Order Number: 74HC00/D
74HC00
IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS
Symbol VCC Vin Parameter Value Unit V V V mA mA mA mW _C _C 260 DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) - 0.5 to + 7.0 - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 25 50 500 450 - 65 to + 150 Vout Iin Iout ICC PD Tstg TL DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Storage Temperature Lead Temperature, 1 mm from Case for 10 s SOIC or TSSOP Package SOIC Package TSSOP Package
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. Derating -- SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High- Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Vin, Vout TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V Min 2.0 0 - 55 0 0 0 Max 6.0 VCC + 125 1000 500 400 Unit V V _C ns
ORDERING INFORMATION
Device 74HC00DR2G 74HC00DTR2G Package SOIC-14 (Pb-Free) TSSOP-14* Shipping
2500/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
74HC00
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC (V) 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0 |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA 3.0 4.5 6.0 2.0 4.5 6.0 |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA 3.0 4.5 6.0 6.0 6.0 Guaranteed Limit -55 to 25C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.48 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.26 0.1 2.0 85C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.34 3.84 5.34 0.1 0.1 0.1 0.33 0.33 0.33 1.0 20 125C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.20 3.70 5.20 0.1 0.1 0.1 0.40 0.40 0.40 1.0 40 mA mA V Unit V
Symbol VIH
Parameter Minimum High-Level Input Voltage
Condition Vout = 0.1V or VCC -0.1V |Iout| 20mA
VIL
Maximum Low-Level Input Voltage
Vout = 0.1V or VCC - 0.1V |Iout| 20mA
V
VOH
Minimum High-Level Output Voltage
Vin = VIH or VIL |Iout| 20mA Vin =VIH or VIL
V
VOL
Maximum Low-Level Output Voltage
Vin = VIH or VIL |Iout| 20mA Vin = VIH or VIL
Iin ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
Vin = VCC or GND Vin = VCC or GND Iout = 0mA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High- Speed CMOS Data Book (DL129/D).
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol tPLH, tPHL Parameter Maximum Propagation Delay, Input A or B to Output Y (Figures 1 and 2) VCC (V) 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 Guaranteed Limit -55 to 25C 75 30 15 13 75 27 15 13 10 85C 95 40 19 16 95 32 19 16 10 125C 110 55 22 19 110 36 22 19 10 Unit ns
tTLH, tTHL
Maximum Output Transition Time, Any Output (Figures 1 and 2)
ns
Cin
Maximum Input Capacitance
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON Semiconductor High- Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V, VEE = 0 V CPD Power Dissipation Capacitance (Per Buffer)*
2f
22
pF
* Used to determine the no- load dynamic power consumption: PD = CPD VCC ON Semiconductor High- Speed CMOS Data Book (DL129/D).
+ ICC VCC. For load considerations, see Chapter 2 of the
http://onsemi.com
3
74HC00
tf 90% 50% 10% tPLH 90% OUTPUT Y 50% 10% tTLH tTHL tPHL tr VCC
INPUT A OR B
GND
Figure 1. Switching Waveforms
TEST POINT OUTPUT DEVICE UNDER TEST CL*
*Includes all probe and jig capacitance
Figure 2. Test Circuit
A B Y
Figure 3. Expanded Logic Diagram (1/4 of the Device)
http://onsemi.com
4
74HC00
PACKAGE DIMENSIONS
SOIC-14 CASE 751A-03 ISSUE H
-A14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C R X 45 _ F
DIM A B C D F G J K M P R
-TSEATING PLANE
D 14 PL 0.25 (0.010)
M
K TB
S
M A
S
J
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1
14X
14X
1.52
0.58
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
74HC00
PACKAGE DIMENSIONS
TSSOP-14 CASE 948G-01 ISSUE B
14X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K K1 J J1
0.15 (0.006) T U
S
A -V-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS INCHES MIN MAX MIN MAX 4.90 5.10 0.193 0.200 4.30 4.50 0.169 0.177 --1.20 --0.047 0.05 0.15 0.002 0.006 0.50 0.75 0.020 0.030 0.65 BSC 0.026 BSC 0.50 0.60 0.020 0.024 0.09 0.20 0.004 0.008 0.09 0.16 0.004 0.006 0.19 0.30 0.007 0.012 0.19 0.25 0.007 0.010 6.40 BSC 0.252 BSC 0_ 8_ 0_ 8_
SECTION N-N -W-
C 0.10 (0.004) -TSEATING PLANE
D
G
H
DETAIL E
SOLDERING FOOTPRINT*
7.06 1
14X
0.36
14X
1.26
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
6
EEE CCC EEE CCC
0.65 PITCH
DIMENSIONS: MILLIMETERS
74HC00
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
7
74HC00/D


▲Up To Search▲   

 
Price & Availability of 74HC00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X