Part Number Hot Search : 
40200 TA8302F 16GCF B2012 01DXB 1N970 TDA749 ANSR2N7
Product Description
Full Text Search
 

To Download 74AUP1G175GF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 02 -- 28 February 2008 Product data sheet
1. General description
The 74AUP1G175 provides a low-power, low-voltage positive-edge triggered D-type flip-flop with individual data (D) input, clock (CP) input, master reset (MR) input, and Q output.The master reset (MR) is an asynchronous active LOW input and operates independently of the clock input. Information on the data input is transferred to the Q output on the LOW-to-HIGH transition of the clock pulse. The D input must be stable one set-up time prior to the LOW-to-HIGH clock transition, for predictable operation. Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall times across the entire VCC range from 0.8 V to 3.6 V. This device ensures a very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down.
2. Features
I Wide supply voltage range from 0.8 V to 3.6 V I High noise immunity I Complies with JEDEC standards: N JESD8-12 (0.8 V to 1.3 V) N JESD8-11 (0.9 V to 1.65 V) N JESD8-7 (1.2 V to 1.95 V) N JESD8-5 (1.8 V to 2.7 V) N JESD8-B (2.7 V to 3.6 V) I ESD protection: N HBM JESD22-A114E Class 3A exceeds 5000 V N MM JESD22-A115-A exceeds 200 V N CDM JESD22-C101C exceeds 1000 V I Low static power consumption; ICC = 0.9 A (maximum) I Latch-up performance exceeds 100 mA per JESD 78 Class II I Inputs accept voltages up to 3.6 V I Low noise overshoot and undershoot < 10 % of VCC I IOFF circuitry provides partial Power-down mode operation I Multiple package options I Specified from -40 C to +85 C and -40 C to +125 C
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
3. Ordering information
Table 1. Ordering information Package Temperature range Name 74AUP1G175GW 74AUP1G175GM 74AUP1G175GF -40 C to +125 C -40 C to +125 C -40 C to +125 C SC-88 XSON6 XSON6 Description plastic surface-mounted package; 6 leads Version SOT363 Type number
plastic extremely thin small outline package; no leads; SOT886 6 terminals; body 1 x 1.45 x 0.5 mm plastic extremely thin small outline package; no leads; SOT891 6 terminals; body 1 x 1 x 0.5 mm
4. Marking
Table 2. Marking Marking code aT aT aT Type number 74AUP1G175GW 74AUP1G175GM 74AUP1G175GF
5. Functional diagram
6
3
MR D FF Q 4 CP
001aaa468
1 3 6
CP D MR
001aaa469
1
Q
4
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
CP
C C C C
Q
C D C MR
C
C
C
C
001aaa466
Fig 3.
Logic diagram
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
2 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
6. Pinning information
6.1 Pinning
74AUP1G175 74AUP1G175
CP CP 1 6 MR GND GND 2 5 VCC D D 3
001aaa467
1
6
MR CP GND
74AUP1G175
1 2 3 6 5 4 MR VCC Q
2
5
VCC
3
4
Q
D
4
Q
001aab657
001aae246
Transparent top view
Transparent top view
Fig 4.
Pin configuration SOT363 (SC-88)
Fig 5.
Pin configuration SOT886 (XSON6)
Fig 6.
Pin configuration SOT891 (XSON6)
6.2 Pin description
Table 3. Symbol CP GND D Q VCC MR Pin description Pin 1 2 3 4 5 6 Description clock input (LOW-to-HIGH, edge-triggered) ground (0 V) data input flip-flop output supply voltage master reset input (active LOW)
7. Functional description
Table 4. Function table[1] Input MR Reset (clear) Load `1' Load `0'
[1]
Operating mode
Output CP X D X h l Q L H L
L H H
H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the LOW-to-HIGH CP transition; L = LOW voltage level; l = LOW voltage level one set-up time prior to the LOW-to-HIGH CP transition; = LOW-to-HIGH CP transition; X = don't care.
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
3 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
8. Limiting values
Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK VI IOK VO IO ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input clamping current input voltage
Conditions VI < 0 V
[1]
Min -0.5 -50 -0.5 [1]
Max +4.6 +4.6 50 +4.6 20 50 +150 250
Unit V mA V mA V mA mA mA C mW
output clamping current VO > VCC or VO < 0 V output voltage output current supply current ground current storage temperature total power dissipation Tamb = -40 C to +125 C
[2]
Active mode and Power-down mode VO = 0 V to VCC
-0.5 -50 -65 -
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. For SC-88 packages: above 87.5 C the value of Ptot derates linearly with 4.0 mW/K. For XSON6 packages: above 45 C the value of Ptot derates linearly with 2.4 mW/K.
9. Recommended operating conditions
Table 6. Symbol VCC VI VO Tamb t/V Recommended operating conditions Parameter supply voltage input voltage output voltage ambient temperature input transition rise and fall rate VCC = 0.8 V to 3.6 V Active mode Power-down mode; VCC = 0 V Conditions Min 0.8 0 0 0 -40 Max 3.6 3.6 VCC 3.6 +125 200 Unit V V V V C ns/V
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
4 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
10. Static characteristics
Table 7. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = 25 C VIH HIGH-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VIL LOW-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOFF IOFF ICC ICC CI CO input leakage current power-off leakage current additional power-off leakage current supply current additional supply current input capacitance output capacitance VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V VCC = 0 V to 3.6 V; VI = GND or VCC VO = GND; VCC = 0 V
[1]
Conditions
Min
Typ
Max -
Unit V V V V
0.70 x VCC 0.65 x VCC 1.6 2.0 VCC - 0.1 1.11 1.32 2.05 1.9 2.72 2.6 0.8 1.7
0.30 x VCC V 0.35 x VCC V 0.7 0.9 0.1 0.3 x VCC 0.31 0.31 0.31 0.44 0.31 0.44 0.1 0.2 0.2 0.5 40 V V V V V V V V V V V V V V V V V V A A A A A pF pF
0.75 x VCC -
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
5 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = -40 C to +85 C VIH HIGH-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VIL LOW-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOFF IOFF ICC ICC input leakage current power-off leakage current additional power-off leakage current supply current additional supply current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V
[1]
Conditions
Min
Typ
Max -
Unit V V V V
0.70 x VCC 0.65 x VCC 1.6 2.0 VCC - 0.1 0.7 x VCC 1.03 1.30 1.97 1.85 2.67 2.55 -
0.30 x VCC V 0.35 x VCC V 0.7 0.9 0.1 0.3 x VCC 0.37 0.35 0.33 0.45 0.33 0.45 0.5 0.5 0.6 0.9 50 V V V V V V V V V V V V V V V V V V A A A A A
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
6 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = -40 C to +125 C VIH HIGH-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VIL LOW-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOFF IOFF ICC ICC input leakage current power-off leakage current additional power-off leakage current supply current additional supply current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V
[1]
Conditions
Min
Typ
Max -
Unit V V V V
0.75 x VCC 0.70 x VCC 1.6 2.0 -
0.25 x VCC V 0.30 x VCC V 0.7 0.9 0.11 0.41 0.39 0.36 0.50 0.36 0.50 0.75 0.75 0.75 1.4 75 V V V V V V V V V V V V V V V V V A A A A A
VCC - 0.11 0.6 x VCC 0.93 1.17 1.77 1.67 2.40 2.30 -
0.33 x VCC V
[1]
One input at VCC - 0.6 V, other input at VCC or GND.
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
7 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
11. Dynamic characteristics
Table 8. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9. Symbol Parameter Conditions Min CL = 5 pF tpd propagation delay CP to Q; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V MR to Q; see Figure 8 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V fmax maximum frequency CP; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 50 200 345 435 550 615 170 310 400 490 550 MHz MHz MHz MHz MHz MHz
[2] [2]
25 C Typ[1] Max
-40 C to +125 C Min Max (85 C) Max (125 C)
Unit
2.4 2.0 1.6 1.3 1.2 2.4 2.3 1.8 1.8 1.6
21.1 5.9 4.1 3.3 2.5 2.1 17.4 5.2 3.8 3.1 2.6 2.4
11.7 6.8 5.4 3.6 2.9 9.7 5.2 4.9 3.6 3.1
2.2 1.8 1.3 1.1 1.0 2.2 2.1 1.7 1.5 1.3
11.9 7.3 5.9 4.0 3.3 10.0 6.4 5.4 4.0 3.3
12.0 7.6 6.2 4.2 3.5 12.0 6.6 5.6 4.0 3.6
ns ns ns ns ns ns ns ns ns ns ns ns
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
8 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9. Symbol Parameter Conditions Min CL = 10 pF tpd propagation delay CP to Q; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V MR to Q; see Figure 8 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V fmax maximum frequency CP; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 15 pF tpd propagation delay CP to Q; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V MR to Q; see Figure 8 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[2] [2] [2] [2]
25 C Typ[1] Max
-40 C to +125 C Min Max (85 C) Max (125 C)
Unit
2.6 2.3 2.1 1.7 1.6 2.6 2.5 2.5 2.1 2.0 -
24.7 6.8 4.8 3.9 3.0 2.7 21.0 6.2 4.4 3.7 3.2 3.0 50 190 320 420 485 550
13.3 7.9 6.1 4.3 3.6 11.5 6.1 5.7 4.3 3.9 -
2.4 2.0 1.8 1.5 1.3 2.6 2.4 2.2 1.9 1.8 150 280 310 370 410
13.6 8.4 6.6 4.7 4.0 11.7 7.6 6.3 4.7 4.1 -
13.6 8.7 6.9 5.0 4.2 13.6 7.8 6.3 4.9 4.3 -
ns ns ns ns ns ns ns ns ns ns ns ns MHz MHz MHz MHz MHz MHz
3.0 2.7 2.3 2.1 2.0 3.2 3.1 2.5 2.6 2.4
28.1 7.6 5.3 4.4 3.5 3.1 24.6 7.0 5.0 4.3 3.7 3.5
14.8 8.7 6.8 5.0 4.3 13.2 6.8 6.5 5.0 4.4
2.8 2.3 2.1 1.9 1.7 2.9 2.6 2.5 2.2 2.1
15.2 9.4 7.4 5.3 4.7 13.5 8.6 7.2 5.4 4.8
15.4 9.9 7.9 5.6 4.9 15.2 9.1 7.4 5.5 5.0
ns ns ns ns ns ns ns ns ns ns ns ns
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
9 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9. Symbol Parameter Conditions Min fmax maximum frequency CP; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 30 pF tpd propagation delay CP to Q; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V MR to Q; see Figure 8 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V fmax maximum frequency CP; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 35 130 200 240 275 300 70 120 150 190 200 MHz MHz MHz MHz MHz MHz
[2] [2]
25 C Typ[1] Max
-40 C to +125 C Min Max (85 C) Max (125 C) -
Unit
-
50 180 300 405 420 480
-
120 190 240 300 320
MHz MHz MHz MHz MHz MHz
3.6 3.3 3.1 3.0 2.8 3.9 3.9 3.6 3.5 3.3
38.4 9.8 6.9 5.7 4.6 4.2 35.1 9.3 6.6 5.6 4.8 4.6
19.5 11.2 8.8 6.4 5.7 18.0 8.9 8.6 6.4 5.7
3.4 3.2 2.9 2.6 2.5 3.7 3.6 3.4 2.9 3.1
20.6 12.4 9.6 6.9 6.5 18.6 11.6 9.6 7.2 6.4
21.0 13.0 10.2 7.3 6.9 19.8 12.2 9.7 7.2 6.9
ns ns ns ns ns ns ns ns ns ns ns ns
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
10 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9. Symbol Parameter Conditions Min CL = 5 pF, 10 pF, 15 pF and 30 pF tW pulse width CP; HIGH or LOW; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V MR; LOW; see Figure 8 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V trec recovery time MR; see Figure 8 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tsu(H) setup time HIGH D to CP; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tsu(L) setup time LOW D to CP; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 0.8 0.6 0.4 0.4 0.5 1.7 1.1 0.9 0.9 0.9 ns ns ns ns ns ns 0.5 0.4 0.3 0.3 0.2 1.2 0.8 0.6 0.5 0.5 ns ns ns ns ns ns -1.1 -2.0 -0.5 -0.9 -1.0 -1.2 -0.8 -0.7 -0.4 -0.2 ns ns ns ns ns ns 9.0 3.0 1.75 1.35 0.9 0.8 4.9 2.5 1.8 1.1 0.8 ns ns ns ns ns ns 5.25 1.6 1.0 0.75 0.6 0.55 1.5 0.9 0.7 0.4 0.4 ns ns ns ns ns ns 25 C Typ[1] Max -40 C to +125 C Min Max (85 C) Max (125 C) Unit
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
11 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9. Symbol Parameter Conditions Min th hold time D to CP; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CPD power dissipation capacitance fi = 1 MHz; VI = GND to VCC VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[1] [2] [3] All typical values are measured at nominal VCC. tpd is the same as tPLH and tPHL. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs.
[3]
25 C Typ[1] Max
-40 C to +125 C Min Max (85 C) Max (125 C) -
Unit
-
-0.7 -0.5 -0.5 -0.3 -0.4
-
0.2 0 0 0 0
ns ns ns ns ns ns
-
1.6 1.7 1.8 1.9 2.2 2.7
-
-
-
-
pF pF pF pF pF pF
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
12 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
12. Waveforms
VI D input GND th tsu 1/fmax VI CP input GND tW tPHL VOH Q output VOL VM
001aaa465
VM
th tsu
VM
tPLH
Measurement points are given in Table 9. The shaded areas indicate when the input is permitted to change for predictable output performance. VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7.
The clock input (CP) to output (Q) propagation delays, the clock pulse width, the D to CP set-up, the CP to D hold times and the maximum input clock frequency
VI MR input GND tW VI CP input GND t PHL VOH Q output VOL VM
001aaa464
VM
t rec
VM
Measurement points are given in Table 9. VOL and VOH are typical output voltage drop that occur with the output load.
Fig 8.
The master reset (MR) input to output (Q) propagation delays, the master reset pulse width and the MR to CP recovery time Measurement points Output VM 0.5 x VCC Input VM 0.5 x VCC VI VCC tr = tf 3.0 ns
(c) NXP B.V. 2008. All rights reserved.
Table 9. VCC
Supply voltage 0.8 V to 3.6 V
74AUP1G175_2
Product data sheet
Rev. 02 -- 28 February 2008
13 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
VCC
VEXT
5 k
G
VI
VO
DUT
RT CL RL
001aac521
Test data is given in Table 10. Definitions for test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. VEXT = External voltage for measuring switching times.
Fig 9. Table 10. VCC
Load circuitry for switching times Test data Load CL RL
[1]
Supply voltage 0.8 V to 3.6 V
[1]
VEXT tPLH, tPHL open tPZH, tPHZ GND tPZL, tPLZ 2 x VCC
5 pF, 10 pF, 15 pF and 30 pF 5 k or 1 M
For measuring enable and disable times RL = 5 k, for measuring propagation delays, setup and hold times and pulse width RL = 1 M.
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
14 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
13. Package outline
Plastic surface-mounted package; 6 leads SOT363
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT363
REFERENCES IEC JEDEC JEITA SC-88
EUROPEAN PROJECTION
ISSUE DATE 04-11-08 06-03-16
Fig 10. Package outline SOT363 (SC-88)
74AUP1G175_2 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
15 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
b 1 2 3 4x L1 L
(2)
e
6 e1
5 e1
4
6x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 1.5 1.4 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT886 REFERENCES IEC JEDEC MO-252 JEITA EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
Fig 11. Package outline SOT886 (XSON6)
74AUP1G175_2 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
16 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm
SOT891
1
2
b 3 4x
(1)
L1 e
L
6 e1
5 e1
4
6x
(1)
A
A1 D
E
terminal 1 index area 0 1 scale DIMENSIONS (mm are the original dimensions) UNIT mm A max 0.5 A1 max 0.04 b 0.20 0.12 D 1.05 0.95 E 1.05 0.95 e 0.55 e1 0.35 L 0.35 0.27 L1 0.40 0.32 2 mm
Note 1. Can be visible in some manufacturing processes. OUTLINE VERSION SOT891 REFERENCES IEC JEDEC JEITA EUROPEAN PROJECTION ISSUE DATE 05-04-06 07-05-15
Fig 12. Package outline SOT891 (XSON6)
74AUP1G175_2 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
17 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
14. Abbreviations
Table 11. Acronym CDM CMOS DUT ESD HBM MM Abbreviations Description Charged Device Model Complementary Metal Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model
15. Revision history
Table 12. Revision history Release date 20080228 Data sheet status Product data sheet Change notice Supersedes 74AUP1G175_1 Document ID 74AUP1G175_2 Modifications: 74AUP1G175_1
*
Section 11 "Dynamic characteristics": Changed: CPD and tpd (MR to Q) values. Product data sheet -
20061115
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
18 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
16. Legal information
16.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
16.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
16.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
16.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
17. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
74AUP1G175_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 28 February 2008
19 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
18. Contents
1 2 3 4 5 6 6.1 6.2 7 8 9 10 11 12 13 14 15 16 16.1 16.2 16.3 16.4 17 18 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 4 Static characteristics. . . . . . . . . . . . . . . . . . . . . 5 Dynamic characteristics . . . . . . . . . . . . . . . . . . 8 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 15 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 18 Legal information. . . . . . . . . . . . . . . . . . . . . . . 19 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 19 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Contact information. . . . . . . . . . . . . . . . . . . . . 19 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 28 February 2008 Document identifier: 74AUP1G175_2


▲Up To Search▲   

 
Price & Availability of 74AUP1G175GF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X