Part Number Hot Search : 
04365 S1202 BCR133W MM1665 X0405DE EUP9287 EZQAFDA 02070
Product Description
Full Text Search
 

To Download 611238 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHASE LOCKED OSCILLATOR MODEL 611238 (2000 MHz)
Features
! Low Phase Noise: -131 dBc/Hz @ 100 kHz ! Low Spurious: -70 dBc Typical ! Internal Reference Design ! Environmental Screening Available
Specifications
CHARACTERISTIC Frequency (MHz) Output Power (dBm) Variation Over Temperature (dBm) Spurious (dBc) Phase Noise (dB) TYPICAL Ta= 25 C 2000 +10 +0.75 -70 -84 dBc/Hz @ 100 Hz -113 dBc/Hz @ 1 kHz -121 dBc/Hz @ 10 kHz -119 dBc/Hz @ 30 kHz -131 dBc/Hz @ 100 kHz -143 dBc/Hz @ 1 MHz 1.5 -25 TTL (High=Locked) +1 -55 C 15 150 2.0 -20 TTL (Low=Unlocked) +15 +125 C 15 160 MIN/MAX Ta = -20 C to +70 C 2000 +9 +1 -60
Description
Spectrum Microwave's Series 600 Phase Locked Oscillators use a High "Q" Coaxial Resonator in the resonant circuit. The circuit is lightly loaded to obtain the lowest phase noise possible. The resonator is soldered to a printed circuit board and well grounded to minimize modulation sidebands during shock and vibration. Buffer amplifiers are used to provide isolation from load VSWRs; Regulators filter noise on the DC input voltage. External reference models are also available. A lock indicator circuit is provided to signal an out-of-lock condition.
VSWR Harmonics (dBc) Lock Indicator Stability (ppm) Storage Temperature Supply Power DC mA
Spectrum Microwave, Inc.
www.SpectrumMicrowave.com
2707 Black Lake Place Phila, Pa. 19154 PH: 215-464-4000 FAX: 215-464-4001
Rev. 9/22/08
PHASE LOCKED OSCILLATOR MODEL 611238 (2000 MHz)
Outline Drawing
Spectrum Microwave, Inc.
www.SpectrumMicrowave.com
2707 Black Lake Place Phila, Pa. 19154 PH: 215-464-4000 FAX: 215-464-4001


▲Up To Search▲   

 
Price & Availability of 611238

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X