Part Number Hot Search : 
SD125 UGB5JT BACT0 OPR5925 2SB11 IMP5219 LT1076IQ LT1076IQ
Product Description
Full Text Search
 

To Download 45719-0004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0162
General Information Part Number: 76650-0162 Manufacturer: Title: Description: Product Family: Certificates: Molex / Waldom EXTreme Power Edge Connector Kit End to End Stackable PCB, Through Hole and Press-Fit Connector, 40A 250V EXTreme PowerEdgeTM (Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Country of Origin: Kit assembled in U.S.A. Specifications Design Configuration: Pitch: Type: Sizes: Current Rating: Voltage: Product Highlights EXTreme PowerEdge connectors are designed for direct mating to a customer's 1.58mm (.062") thick, double-sided card edge PCB or bus bar tab. These PCB connectors are High Current, up to 40.0A per contact. Features and Benefits * High current, up to 40.0A per contact * Rated for current interruption * Press-fit or solder tail terminations, compatible with standard PCB's or backplanes * Available in 2 or 3 segments (2 contacts per segment) * End-to-end stackable to mate with doublesided card edge lengths of up to 203.20mm (8.000") * Compatible with competitive connector, drop-in replacement * Isolated contacts on opposite side of connector assembly segments Applications * Telecommunications Equipment: Networking Hubs, Switches, Routers * High and Mid-Range Computing Equipment * Un-interruptible Power Supplies (UPS) * Cellular Communications Equipment: Base Stations * DC-DC Converters
Wire-to-Wire and Board-to-Board 12.90mm (.508") Through Hole and Press-Fit 4 and 6 Contact Versions 40 Amps 250V
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0162
Bill of Materials for Part No. 76650-0162 Country Molex Part No. of Origin 45719-0004 45719-0005 45719-0007 45719-0008 45714-0001 45714-0002 USA USA USA USA USA USA Description 12.90mm (.508") Pitch EXTreme PowerEdgeTM, 2 Segments, 4 Contacts, 2.36mm (.093") PCB 12.90mm (.508") Pitch EXTreme PowerEdgeTM, 3 Segments, 6 Contacts, 2.36mm (.093") PCB 12.90mm (.508") Pitch EXTreme PowerEdgeTM, 2 Segments, 4 Contacts, 1.57mm (.062") PCB 12.90mm (.508") Pitch EXTreme PowerEdgeTM, 3 Segments, 6 Contacts, 1.57mm (.062") PCB 12.90mm (.508") Pitch EXTreme PowerEdgeTM Press-fit, 2 Segments, 4 Contacts 12.90mm (.508") Pitch EXTreme PowerEdgeTM Press-fit, 3 Segments, 6 Contacts Quantity in Kit 1 1 2 2 1 1
No Recommended Molex Tool for Part No. 76650-0162
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 45719-0004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X