Part Number Hot Search : 
IRF9130E GS88132A SIL15E NS8AT07 SSG60N60 98034 AN3311S SDT27
Product Description
Full Text Search
 

To Download 4390 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cord Sets www.schurter.com/pg07_2 Power Supply Cord with NEMA 5-15 Power (Mains) Plug 3-pole, Straight
4390
North America
NEMA 5-15
Description Approvals
Power Supply Cord, Protection class I, Pin temperature 70 C, Cable - UL License Number: E45116 - CSA License Number: 32338
References Weblinks
General Product Information Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store, Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC Ratings UL/CSA Dielectric Strength 10 A / 250 VAC; 50 Hz 10 A / 250 VAC; 60 Hz > 2 kVDC between L-N > 2 kVAC between L/N-PE (1 min/50 Hz) -25 C to 70 C from front side IP 20 acc. to IEC 60529 Suitable for appliances with protection class 1 acc. to IEC 61140 moulded PVC, black or grey 23.5 mm
Allowable Operation Temp. Degree of Protection Protection Class Terminal Material: Housing
Dimensions
24.7
46
23.5
11.9
12.7
23.5
Connectors
4390
www.schurter.com/pg07_2 Config. Code 4390|-|R|-|Type|-|D|-|Length|
The characters are placeholders for the correspondingly keys of selections from the key tables. Typ steht fur die Dose bzw. 2. Seite, Lange ist die Leitungslange in mm.
Cord Sets
Product Configurator
4390|-| R |-|Type|-|D|-|Length| = cord type
cord type SVT 3x18AWG SJT 3x18AWG Cord definition is detailed in general product information XXX Configuration key N P
4390|-|R|-|Type|-| D |-|Length| = Color
Color jet black; RAL9005 silver grey; RAL7001 standard color: black Configuration key A B
4390|-|R|-| Type |-|D|-|Length| = Cord end 2
Cord end 2 zzzz, 2512, 2530, 3011, 3012, 3013, 302U, 3020, 3027, 3030, 311L, 312L
4390|-|R|-|Type|-|D|-| Length | = Cord length
Cord length zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000 Cord length in mm
Packaging unit
100 Pcs
Mating Outlets/Connectors
Category / Description
Power Outlet (Mains Socket) Overview complete NEMA line Outlet 5-15R, Snap-in Mounting, Front Side, Solder Terminal NEMA line Outlet 5-15R, Snap-in Mounting, Front Side, IDC- or Quick-connect Terminal NEMA line Outlet 5-15R, Snap-in Mounting, Front Side, IDC- or Quick-connect Terminal Power Outlet (Mains Socket) further types to 4390 0709 0709-1 0710
2
The specifications, descriptions and illustrations indicated in this document are based on Connectors current information. All content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 4390

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X