|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTERCONNECTS Low Profile, .018" dia. Pins Single and Double Row * Series 335 and 435 single and double row PCB interconnects offer lowest profile available .070". * Series 364 and 464 single and double row PCB interconnects offer .085" profile above board. * Series 335 and 435 use M-M# 3516 pins. (See page 170 for details) * Series 364 and 464 use MM# 6458 pins. (See page 171 for details) Fig. 1 * Insulators are high temp. thermoplastic. Series 335, 364 435, 464 Ordering Information Single Row .070" Profile Pin Header 335-XX-1_ _-00-160 Specify # of pins Double Row Fig. 2 Fig. 1 01-32 .070" Profile Pin Header Fig. 2 Single Row 435-XX-2 _ _-00-160 Specify # of pins 02-72 .085" Profile Pin Header 364-XX-1_ _-00-580 Specify # of pins Double Row 01-32 .085" Profile Pin Header 464-XX-2 _ _-00-580 Specify # of pins 02-72 Fig. 3 Fig. 4 Fig. 3 XX= Plating Code See Below Fig. 4 SPECIFY PLATING CODE XX= 10 10" Au 90 200" Sn/Pb Pin Plating Mill-Max-Mfg.Corp., P.O. Box 300, 190 Pine Hollow Road, Oyster Bay, NY 11771-0300.Tel: 516-922-6000 Fax: 516-922-9253 77 |
Price & Availability of 335-10-272-00-160 |