Part Number Hot Search : 
160CA RF300 STC1815 MM1134 802M135B MC1648 AL4CA05 K4107
Product Description
Full Text Search
 

To Download 300144ZTR1TCR02BBB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 300144Z, 300145Z (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Voltage Divider Resistors with TCR Tracking to 0.1 ppm/C, Power Coefficient Tracking of 5 ppm at Rated Power, and Tolerance Match to 0.005 % (50 ppm)
FEATURES
* Temperature coefficient of resistance (TCR): absolute: Pb-free Available 0.05 ppm/C typical (0 C to + 60 C) 0.2 ppm/C typical (- 55 C to + 125 C, RoHS* + 25 C ref.) COMPLIANT tracking: 0.1 ppm/C typical * Tolerance: absolute and matching to 0.005 % * Power coefficient tracking "R due to self heating": 5 ppm at rated power * Power rating: 0.2 W at 70 C, for the entire resistive element R1 and R2, divided proportionally between the two elements * Ratio stability: < 0.001 % (10 ppm) 0.2 W at 70 C for 2000 h * Maximum working voltage: 200 V * Electrostatic discharge (ESD) above 25 000 V * Non inductive, non capacitive design * Rise time: 1 ns without ringing * Current noise: < - 40 dB * Thermal EMF: 0.05 V/C typical * Voltage coefficient: < 0.1 ppm/V * Non inductive: < 0.08 H * Non hot spot design * Terminal finishes available: lead (Pb)-free tin/lead alloy * Any value available within resistance range (e.g. 1K2345) * Prototype samples available from 48 h. For more information, please contact foil@vishay.com * For better performances please contact us
Any value at any tolerance available within resistance range
INTRODUCTION
The 300144Z, 300145Z voltage dividers are the first choice for ultra high precision, stability and reliable voltage division.
The Z-foil technology provides a significant reduction of the resistive component's sensitivity to ambient temperature variations (TCR) and applied power changes (PCR). 0.05 ppm/C absolute TCR removes errors due to temperature gradients.
Models 300144Z and 300145Z offer low TCR (both absolute and tracking), low power coefficient, excellent load life stability, tight tolerance, excellent ratio stability, low thermal EMF, low current noise and non sensitivity to ESD - all in one package. Model 300145Z is a pair-of 300144Z elements back to back in a single molded package.
IM PR O VE D
By taking advantage of the overall stability and reliability of Vishay Bulk Metal(R) foil resistors, designers can significantly reduce circuit errors and greatly improve overall circuit performances. Our application engineering department is available to advise and make recommendations. For non-standard technical requirements and special applications. Please contact us.
TABLE 1 - MODELS 300144Z AND 300145Z SPECIFICATIONS
MODEL RESISTANCE RATIO 1.1 4:1 10:1 > 10:1 ABSOLUTE TCR (- 55 C to + 125 C, + 25 C Ref.) TYPICAL AND MAX. SPREAD TCR TRACKING TYPICAL 0.1 ppm/C 0.5 ppm/C 0.5 ppm/C 0.5 ppm/C MAX. 0.5 ppm/C 0.8 ppm/C 1.0 ppm/C 1.5 ppm/C TOLERANCE ABSOLUTE 0.005% 0.005% 0.01% 0.01% MATCH 0.005% 0.005% 0.01% 0.01%
300144Z 300145Z
0.2 ppm/C 1.8 ppm/C
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 63115 Revision: 21-Nov-07 For any questions, contact: foil@vishay.com www.vishay.com 1
PR O DU CT
APPLICATIONS
* Instrumentation amplifiers
* * * * * *
R2 R1
Bridge networks V Differential amplifiers Military V Space Medical Automatic test equipment * Down-hole (high temperature)
1
R1 R2 +
Vout 300144Z 300145Z
2
300144Z, 300145Z (Z-Foil)
Vishay Foil Resistors Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Tracking to 0.1 ppm/C, Power Coefficient Tracking of 5 ppm at Rated Power, and Tolerance Match to 0.005 % (50 ppm)
FIGURE 1 - TRIMMING TO VALUES (conceptual illustration)
Interloop Capacitance Reduction in Series
Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
Mutual Inductance Reduction due to Change in Current Direction
Note: Foil shown in black, etched spaces in white
FIGURE 2 - STANDARD PRINTING AND DIMENSIONS in inches (millimeters)
Model 300144Z and Schematic2)
0.295 (7.49) VISHAY 9825 300144Z 0.1 (2.54) Match Tolerance
10K000 0.01% 10K000
0.375 (9.53) 5 0.2 (5.08)
Date Code Model No. 0.015 0.005 (0.38 0.13) 0.025 0.005 (0.64 0.13)
0.320 (8.13)
R1
R2
1
Low Resistance Value Indicator
1
2
3
Date Code Model No.
VISHAY 9825 300145Z
0.375 (9.53)
0.015 0.005 (0.38 0.13)
10K000 0.01% 10K000
0.751) (19.05)
1
2
3
Tolerance: 0.010" (0.25)
0.1 (2.54)
IM PR O VE D
1. Lead wires: #22 AWG solder coated copper, 0.75" minimum length 2. Each resistor contains 1 chip of two resistive elements
FIGURE 3 - POWER DERATING CURVE 300144Z, 300145Z
Percent of Rated Power at + 125 C
200 % 175 % 150 % 125 % 100 %
- 55 C
+ 70 C
Double Rated Power
Rated Power
75 % 50 % 25 %
Safe operation for < 150 ppm R after 2000 hours load-life.
0 - 75
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100 + 125 + 150 + 175 + 200
Ambient Temperature (C)
Note: Power is proportional to the divider ratio Example: In a 300144Z (1K/10K dual), the power rating would be 18 mW on the 1K and 182 mW on the 10K, for a total of 200 mW on R1 + R2. R1 R2 P1 = R1 + R2 P P2 = R1 + R2 P
(
)
(
)
www.vishay.com 2
For any questions, contact: foil@vishay.com
PR O DU CT
Model 300145Z and Schematic2)
4 6
6
5
4
R2
R1
R1
R2
0.025 0.005 (0.64 0.13)
0.75 (19.05)
1)
Match Tolerance
1
2
3
1
2
3
0.1 (2.54)
FIGURE 4 - TYPICAL TCR CURVE Z-FOIL (for more details see table 1)
+ 500 + 400 + 300 + 200 + 100 R 0 R (ppm) - 100 - 200 - 300 - 400 - 500 - 55 - 25 0 + 25 + 60 + 75 + 100 + 125 - 0.16 ppm/C
0.05 ppm/C - 0.1 ppm/C 0.1 ppm/C 0.14 ppm/C 0.2 ppm/C
Ambient Temperature (C)
Document Number: 63115 Revision: 21-Nov-07
300144Z, 300145Z (Z-Foil)
Ultra High Precision Z-Foil Voltage Divider Resistors with TCR Vishay Foil Resistors Tracking to 0.1 ppm/C, Power Coefficient Tracking of 5 ppm at Rated Power, and Tolerance Match to 0.005 % (50 ppm)
TABLE 2 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1691V0058QT9L (preferred part number format) DENOTES PRECISION Y VCODE RESISTANCE VALUE CODE TOLERANCE MATCH V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % D = 0.5 % F = 1.0 % PACKAGING L = bulk pack
Y
1
6
9
1
V
0
PRODUCT CODE 1691 = 300144Z 1735 = 300145Z
RESISTANCE TOLERANCE V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % D = 0.5 % F = 1.0 %
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1691 V0058 Q T 9 L: TYPE: 300144Z VALUES: 2K/20K ABSOLUTE TOLERANCE: 0.02 % TOLERANCE MATCH: 0.01 % TERMINATION: lead (Pb)-free PACKAGING: bulk pack
IM PR O VE D
HISTORICAL PART NUMBER: 300144ZT 2K/20K TCR0.2 Q T B (will continue to be used) 300144Z MODEL T 2K/20K TCR0.2 Q ABSOLUTE TOLERANCE V T Q A B D F = 0.005 % = 0.01 % = 0.02 % = 0.05 % = 0.1 % = 0.5 % = 1.0 % T TOLERANCE MATCH V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % D = 0.5 % F = 1.0 % B PACKAGING B = bulk pack
TERMINATION
OHMIC VALUE R1 = 2 k R2 = 20 k
TCR CHARACTERISTIC
300144Z 300145Z
T = lead (Pb)-free None = tin/lead alloy
Note * For non-standard requests, please contact application engineering.
Document Number: 63115 Revision: 21-Nov-07
For any questions, contact: foil@vishay.com
PR O DU CT
0 5 8 Q T 9 L
AER* 0 = standard 9 = lead (Pb)-free 1 - 999 = custom www.vishay.com 3
300144Z, 300145Z (Z-Foil)
Vishay Foil Resistors Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Tracking to 0.1 ppm/C, Power Coefficient Tracking of 5 ppm at Rated Power, and Tolerance Match to 0.005 % (50 ppm)
TABLE 3 - RESISTANCE VALUE CODE LIST FOR POPULAR RATIOS (other values available on request)
300144Z RATIOS VCODES V0009 V0010 V0100 V0055 V0223 V0097 V0001 V0042 V0006 V0226 V0003 V0013 V0107 V0014 V0005 V0002 V0026 V0058 V0030 R1 20K 20K 20K 19K4 17K5 15K 10K 10K 10K 9K 9K 8K 6K 6K 5K 5K 3K R2 20K 10K 2K 9K7 20K 15K 10K 8K323 2K 10K 1K 16K 20K 7K 10K 5K 19K2 20K 18K 4K VCODES V0008 V0019 V0092 V0023 V0047 V0051 V0227 R1 10K 5K 300145Z RATIOS R2 10K 5K R3 10K 5K R4 10K 5K
IM PR O VE D
2K 2K
V0029 V0032
2K
1K
16K 1K
V0004 V0022
1K
511R
16K2
V0061
300R
300R
www.vishay.com 4
For any questions, contact: foil@vishay.com
PR O DU CT
1K 7K812 500R 8K8 7K812 500R 1K 500R 500R 8K8 100R 100R 100R 350R 10K 100R 10K 350R 350R 350R Document Number: 63115 Revision: 21-Nov-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 300144ZTR1TCR02BBB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X