Part Number Hot Search : 
1200P T3904 K4H51083 1EVKI N7000 Y7C14 2GXXX MCP6022
Product Description
Full Text Search
 

To Download 2SC5802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-3P(H)IS package High voltage;high speed Wide area of safe operation APPLICATIONS For high voltage color display horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
2SC5802
Fig.1 simplified outline (TO-3P(H)IS) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Total power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 10 30 60 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon NPN Power Transistors
2SC5802
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP. MAX UNIT
SYMBOL
VCEsat
Collector-emitter saturation voltage
IC=6A; IB=1.5A
3.0
V
VBEsat
Base-emitter saturation voltage
IC=6A; IB=1.5A
1.5
V
ICES
Collector cut-off current
VCE=1400V; VBE=0
1.0
mA
ICBO
Collector cut-off current
VCB=800V; IE=0
10
|I
A
IEBO
Emitter cut-off current
VEB=4V; IC=0
1.0
mA
hFE-1
DC current gain
IC=1A ; VCE=5V
15
48
hFE-2
DC current gain
IC=6A ; VCE=5V VCC=200V; IC=6A;IB1=1.2A IB2=-2.4A;RL =33.3|
7
10
tf
Fall time
0.1
0.3
|I
s
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC5802
Fig.2 Outline dimensions (unindicated tolerance:A
0.20 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC5802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X