Part Number Hot Search : 
01545 640BD PHP8N50E TD6250 MC34151 5671A4 74VHC1 THAT340P
Product Description
Full Text Search
 

To Download 2SB17331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1733
Transistors
General purpose amplification (-30V, -1A)
2SB1733
Application Low frequency amplifier Driver Dimensions (Unit : mm)
Features 1) A collector current is large. 2) Collector saturation voltage is low. VCE(sat) : max. -350mV at Ic = -500mA / IB = -25mA
ROHM :TUMT3
Abbreviated symbol : EW
0.2Max.
(1) Base (2) Emitter (3) Collector
Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Power dissipation Junction temperature Range of storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Limits -30 -30 -6 -1 -2 0.4 0.8 150 -55 to +150 Unit V V V A A 1 W 2 W 3 C C
Packaging specifications
Package Type Code Basic ordering unit (pieces) 2SB1733 Taping TL 3000
1 Single pulse, PW=1ms 2 Each Terminal Mounted on a Recommended land pattern 3 Mounted on a 25mmx25mmx t 0.8mm ceramic substrate
Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current gain Transition frequency Corrector output capacitance
Pulsed
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob
Min. -30 -30 -6 - - - 270 - -
Typ. - - - - - -150 - 320 7
Max. - - - -100 -100 -350 680 - -
Unit V V V nA nA mV - MHz pF
Conditions IC=-10A IC=-1mA IE=-10A VCB=-30V VEB=-6V IC=-500mA, IB=-25mA VCE=-2V, IC=-100mA VCE=-2V, IE=100mA, f=100MHz VCB=-10V, IE=0A, f=1MHz
Rev.B
1/2
2SB1733
Transistors
Electrical characteristic curves
Ta=100C
VCE=-2V Pulsed
BASE SATURATION VOLTAGE : VBE (sat) (V) COLLECTOR SATURATION VOLTAGE : VCE (sat) (V)
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
1000
10 IC/IB=20/1 Pulsed
Ta=-40C Ta=25C Ta=100C
10
Ta=25C
Pulsed 1
IC/IB=20/1
DC CURRENT GAIN : hFE
Ta=25C Ta=-40C
1
VBE(sat)
100
0.1
IC/IB=50/1 IC/IB=10/1
0.1
Ta=100C Ta=25C Ta=-40C
0.01
10 0.001
0.01
0.1
1
10
VCE(sat) 0.01 0.001 0.01
0.1
1
0.001 0.001
0.01
0.1
1
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.1 DC current gain vs. collector current
Fig.2 Collector-emitter saturation voltage base-emitter saturation voltage vs. collector current
Fig.3 Collector-emitter saturation voltage vs. collector current
1
COLLECTOR CURRENT : IC (A)
TRANSITION FREQUENCY : fT (MHz)
VCE=-2V Pulsed
Ta=100C
1000
Ta=25C VCE=-2V f=100MHz
1000
tstg
Ta=25C
VCE=-5V IC/IB=20/1
0.1
Ta=25C
SWITCHING TIME : (ns)
100
tf tr tdon
Ta=-40C
100
0.01
10
0.001 0
0.5
1
1.5
10 0.01
0.1 EMITTER CURRENT : IE (A)
1
1 0.01
0.1 COLLECTOR CURRENT : IC (A)
1
BASE TO EMITTER CURRENT : VBE (V)
Fig.4 Grounded emitter propagation characteristics
Fig.5 Gain bandwidth product vs. emitter current
Fig.6 Switching time
EMITTER INPUT CAPACITANCE : Cib (pF) COLLECTOR OUTPUT CAPACITANCE : Cob (pF)
100 Cib Cob
Ta=25C IC=0A f=1MHz
10
1 0.1
1
10
100
EMITTER TO BASE VOLTAGE : VEB(V) COLLECTOR TO BASE VOLTAGE : VCB(V)
Fig.7 Collector output capacitance vs. collector-base voltage Emitter input capacitance vs. emitter-base voltage
Rev.B
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 2SB17331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X