Part Number Hot Search : 
FQH90N15 Z5233B IC6C596 02111 AN143 ODM8211P 02111 AK2368
Product Description
Full Text Search
 

To Download 2N6036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-126 package *Complement to type 2N6037/6038/6039 *DARLINGTON *High DC current gain APPLICATIONS *Designed for general-purpose amplifier and low-speed switching applications
PINNING(see Fig.2) PIN 1 2 3 DESCRIPTION Emitter Collector Base
2N6034 2N6035 2N6036
Absolute maximum ratings(Ta= )
SYMBOL PARAMETER 2N6034 VCBO Collector-base voltage 2N6035 2N6036 2N6034 VCEO Collector-emitter voltage 2N6035 2N6036 VEBO IC ICM IB PD Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Total Power Dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE -40 -60 -80 -40 -60 -80 -5 -4 -8 -0.1 40 150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 3.12 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2N6034 VCEO(SUS) Collector-emitter sustaining voltage 2N6035 2N6036 VCEsat-1 VCEsat-2 VBEsat VBE ICEO ICEX ICBO IEBO hFE-1 hFE-2 hFE-3 COB Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Output capacitance IC=-2A; IB=-8mA IC=-4A; IB=-40mA IC=-4A; IB=-40mA IC=-2A ; VCE=-3V IC=-0.1A ;IB=0
2N6034 2N6035 2N6036
SYMBOL
CONDITIONS
MIN -40 -60 -80
TYP.
MAX
UNIT
V
-2.0 -3.0 -4.0 -2.8 -0.1 -0.1 -0.5 -0.1 -2.0 500 750 100 200 15000
V V V V mA mA mA mA
VCE=Rated VCEO; IB=0 VCE=Rated VCEO; VBE(off)=1.5V TC=125 VCB=Rated VCBO; IE=0 VEB=-5V; IC=0 IC=-0.5A ; VCE=-3V IC=-2A ; VCE=-3V IC=-4A ; VCE=-3V IE=0;VCB=-10V;f=0.1MHz
pF
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2N6034 2N6035 2N6036
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2N6036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X