Part Number Hot Search : 
AH055 NM50F PVI5033R E1307 1SMB40A PUMA6 HD7485P P15N06
Product Description
Full Text Search
 

To Download 2N6036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-126 package Complement to type 2N6037/6038/6039 DARLINGTON High DC current gain APPLICATIONS Designed for general-purpose amplifier and low-speed switching applications
PINNING(see Fig.2) PIN 1 2 3 DESCRIPTION Emitter Collector Base
2N6034 2N6035 2N6036
Absolute maximum ratings(Ta=ae )
SYMBOL PARAMETER

2N6034
VCBO
Collector-base voltage
VCEO
Collector-emitter voltage
INC
NG S HA
2N6035 2N6036 2N6034 2N6035 2N6036
Open emitter
CON EMI
CONDITIONS
TOR DUC
VALUE -40 -60 -80 -40 -60 -80
UNIT
V
Open base
V
VEBO IC ICM IB PD Tj Tstg
Emitter-base voltage Collector current Collector current-peak Base current Total Power Dissipation Junction temperature Storage temperature
Open collector
-5 -4 -8 -0.1
V A A A W ae ae
TC=25ae
40 150 -65~150
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 3.12 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2N6034 VCEO(SUS) Collector-emitter sustaining voltage 2N6035 2N6036 VCEsat-1 VCEsat-2 VBEsat VBE ICEO ICEX ICBO IEBO hFE-1 hFE-2 hFE-3 COB Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter on voltage Collector cut-off current IC=-2A; IB=-8mA IC=-4A; IB=-40mA IC=-4A; IB=-40mA IC=-2A ; VCE=-3V IC=-0.1A ;IB=0
2N6034 2N6035 2N6036
SYMBOL
CONDITIONS
MIN -40 -60 -80
TYP.
MAX
UNIT
V
-2.0 -3.0 -4.0 -2.8 -0.1
V V V V mA mA mA mA
Collector cut-off current Collector cut-off current

VCE=Rated VCEO; IB=0 VCE=Rated VCEO; VBE(off)=1.5V TC=125ae VCB=Rated VCBO; IE=0 VEB=-5V; IC=0
Emitter cut-off current DC current gain DC current gain DC current gain Output capacitance
INC
NG S HA
OND MIC E
TOR UC
-0.1 -0.5 -0.1 -2.0
IC=-0.5A ; VCE=-3V IC=-2A ; VCE=-3V IC=-4A ; VCE=-3V
500 750 100 200 pF 15000
IE=0;VCB=-10V;f=0.1MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2N6034 2N6035 2N6036
NG S HA
INC
CON EMI
TOR DUC
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2N6036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X