Part Number Hot Search : 
TB0258A 3F3P6 BPW20 FR120 1N6325E3 2F8718DS 019071 2N2905AL
Product Description
Full Text Search
 

To Download 2522A-SF-DC-SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2522
Microwave Packaged Photodiode MICROWAVE The 2522 packaged photodiode incorporates a high-speed planar PIN photodiode to provide a highly reliable, high-power photodiode component. This package is well suited for receiver applications with optical preamplification. The diode is well matched over the microwave frequency band, thereby simplifying high-speed integration.
Performance Highlights
Parameter Operating Temperature Bandwidth Responsivity, 1310 / 1550 nm Min -40 0.05 0.7 8 1280 15 -40 Typical 25 12 40 5 Max +85 22 5 12 1580 -40 12 +85 Units C GHz A/W nA mA dB ps, p-p nm V dB V C
Features
Highly reliable planar photodiode technology High power capability High breakdown voltage Bandwidth up to 22 GHz Good RF matching, 12 dB typ. Hermetically sealed
Dark Current (25 C) Max Current RF Return Loss Group Delay Optical Wavelength Range Breakdown Voltage (IR = 10 A) Optical Return Loss Photodiode Bias Voltage Storage Temperature
Pinout
Model Number Symbol VPD GND Function Photodiode Bias Case Ground 1 2
Applications
Antenna Remoting Military Communications Phased Arrays
Schematic
AC Coupled DC Coupled
2 1
EW Delay Lines
2
1
RF Out
50 ohm
RF Out
50 ohm
For DC coupled version, do not connect RF output to a DC voltage greater than the photodiode's bias voltage.
Copyright (c) 2009 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore.com
2522
Microwave Packaged Photodiode MICROWAVE
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter Storage Case Temperature Range Forward Current Reverse Bias Voltage Lead Soldering Temperature/Time Relative Humidity (non-condensing) Symbol TSTG IF VR RH Min -40 Max 85 5 15 250/5 85 Units C mA V C/sec %
Electrical/Optical Characteristics
Parameter Operating Temperature Bias Voltage Capacitance Responsivity Dark Current Optical Return Loss Wavelength Symbol TOP VR C R IDARK ORL Condition Referenced to base of package 1310 / 1550 nm 25C 85C Min -40 0.7 1280 Typical 25 5 Max 85 12 0.15 5 50 -40 1580 Units C V pF A/W nA dB nm
RF Characteristics
Parameter Bandwidth AC Coupled Symbol f 2522A 2522B 2522C 2522A 2522B 2522C Z S21 Resistively matched SMA connector 50 MHz - 10 GHz 50 MHz - 20 GHz (B & C only) 50 MHz - 22 GHz (C only) 10 MHz - 10 GHz 10 MHz - 20 GHz (B & C only) 10 MHz - 22 GHz (C only) RL GD 0.05 0.05 0.05 0.01 0.01 0.01 8 50 2 3 4 2 3 4 12 < 40 10 20 22 GHz DC Coupled 10 20 22 4 5 6 dB p-p Flatness - DC Coupled 4 5 6 dB ps, p-p Ohm Condition Min Typical Max Units
Impedance Flatness - AC Coupled
Return Loss Group Delay Flatness 2
1. Specified characteristics apply for the recommended operating conditions at beginning of life, 25C, unless noted otherwise. 2. 5% smoothing.
Copyright (c) 2009 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore.com
2522
Microwave Packaged Photodiode MICROWAVE
Ordering Information - Model Number Options
Model Number 2522A-SF-AC-SA 2522B-SF-AC-SA 2522C-SF-AC-SA 2522A-SF-DC-SA 2522B-SF-DC-SA 2522C-SF-DC-SA Description Photodiode 10 GHz, SMA, AC Coupled, SC/APC Photodiode 20 GHz, SMA, AC Coupled, SC/APC Photodiode 22 GHz, SMA, AC Coupled, SC/APC Photodiode 10 GHz, SMA, DC Coupled, SC/APC Photodiode 20 GHz, SMA, DC Coupled, SC/APC Photodiode 22 GHz, SMA, DC Coupled, SC/APC
Typical S21 / S22 Data
Outline Drawing
Rev: September 18, 2009
Copyright (c) 2009 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore.com


▲Up To Search▲   

 
Price & Availability of 2522A-SF-DC-SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X