Part Number Hot Search : 
82KGE L3015 120FC 8HC90 36030 LT3014 ON2049 87833
Product Description
Full Text Search
 

To Download 1S1885 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1S1885 ~ 1S1888
PRV : 100 ~ 600 Volts Io : 1.0 Ampere
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Pb / RoHS Free
SILICON RECTIFIER DIODES
D2
0.161 (4.10) 0.154 (3.90) 1.00 (25.4) MIN.
0.284 (7.20) 0.268 (6.84)
MECHANICAL DATA :
* Case : D2 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.465 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specifie. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Repetitive Peak Reverse Voltage Maximum Average Forward Current Ta = 65 C Maximum Peak One Cycle Surge Forward Current
SYMBOL 1S1885
VRRM IF IFSM 100
1S1886
200
1S1887
400
1S1888
600
UNIT
V A A
1.0 60 (50Hz) 66 (60Hz)
(Non-repetitive) Maximum Forward Voltage at I F = 1.5 A. Maximum Repetitive Peak Reverse Current (VRRM = Rated) Maximum Thermal Resistance (Junction to Ambient) Junction Temperature Range Storage Temperature Range VF IR IR(H) Rth (j-a) TJ TSTG
1.2 10 400 (Tj = 150 C) 100 - 40 to + 150 - 40 to + 150
V A C/W C C
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( 1S1885 - 1S1888 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
1.0 75
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Tj = 25 C 60 60 Hz 45
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
0.8
0.6 CAPACITIVE LOAD 0.4
PEAK FORWARD SURGE CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
30 50 Hz 15
0.2
0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 50 Hz AND 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20 10
FORWARD CURRENT, AMPERES
TJ = 25 C 1
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of 1S1885

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X