Part Number Hot Search : 
NE5537 13611489 T89C5 TS339 IPECRG NV152N06 G3355K AX93167
Product Description
Full Text Search
 

To Download 1N5818WB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5817WB-1N5819WB
1 A SURFACE MOUNT SCHOTTKY BARRIER DIODE
PINNING PIN 1 2 DESCRIPTION Cathode Anode
2
1
Top View Marking Code: 1N5817WB: A0 1N5818WB: ME 1N5819WB: SR Simplified outline SOD-123 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Reverse Voltage Average Forward Rectified Current Non-Repetitive Peak Forward Surge Current (8.3 ms Single Half Sine-Wave) Power Dissipation Operating Temperature Range Storage Temperature Range 1N5817WB 1N5818WB 1N5819WB
Symbol VR IO IFSM Ptot Tj TS
Value 20 30 40 1 25 450 - 55 to + 150 - 55 to + 150
Unit V A A mW
O
C C
O
Characteristics at Ta = 25 OC
Parameter Reverse Breakdown Voltage at IR = 1 mA 1N5817WB 1N5818WB 1N5819WB 1N5817WB 1N5818WB 1N5819WB 1N5819WB 1N5819WB 1N5819WB 1N5817WB 1N5818WB 1N5819WB 1N5817WB 1N5818WB 1N5819WB CD Symbol VBR Min. 20 30 40 Max. 1 1 1 0.05 0.075 0.45 0.45 0.55 0.6 0.75 0.875 0.9 120 pF Unit V
Reverse Voltage Leakage Current at VR = 20 V at VR = 30 V at VR = 40 V at VR = 4 V at VR = 6 V Forward Voltage at IF = 0.1 A at IF = 1 A
IR
mA
VF
V
at IF = 3 A
Diode Capacitance at VR = 4 V, f = 1 MHz
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 20/12/2006
1N5817WB-1N5819WB
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-123
ALL ROUND
c
HE
D
A
E
bp
A
UNIT mm A 1.15 1.05 bp 0.6 0.5 c 0.135 0.127 D 2.7 2.6 E 1.65 1.55 HE 3.9 3.7 v 0.2
5
O
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 20/12/2006


▲Up To Search▲   

 
Price & Availability of 1N5818WB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X