|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0152 General Information Part Number: 76650-0152 Manufacturer: Title: Description: Product Family: Certificates: Molex / Waldom MX150L Connector Kit Dual Row Panel Mount Sealed Plug and Receptacle, IP-67 MX150LTM (Molex Parts within this kit) - EU RoHS Compliant Country of Origin: Kit assembled in U.S.A. Specifications Design Configuration: Pitch: Connector Type: Circuit Sizes: Current Rating: Voltage: Wire: Product Highlights The pre-assembled, submersible MX150L is a high performance, environmentally sealed connector system suitable for challenging, rugged and harsh applications, supporting both low-level signal as well as power applications. The cost-effective connector design features all-in-one plug and receptacle housings with preassembled mat-wire and interfacial connector seals. The mating interface provides full IP67 sealing capability. Features and Benefits Applications Wire-to-Wire 5.84mm (0.230") Plugs (Panel Mount) and Receptacles 2, 4 and 6 18 Amps 600 Volts (22-18) and (16-14) AWG For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com Page 1 of 3 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0152 * Simple crimp, poke and plug application, no need to crimp individual wire seals * Audible and tactile clicks on insertion, extraction and mating * Easy terminal extraction and insertion * Quick, low-cost field repairs using common screw driver, needle nose pliers and terminal extraction tool * Environmentally sealed to IP67 * Integrated mat wire seal * Circuit plugs provide the ability to plan for possible future circuit additions, while maintaining the sealing integrity of the mated pair. Bill of Materials for Part No. 76650-0152 Country Molex Part No. of Origin 19420-0010-C 19417-0048-C 19420-0009-C 19417-0047-C 19418-0016 19429-0033 19418-0017 19429-0041 19418-0018 19429-0035 19418-0019 19429-0043 19418-0020 19429-0036 19418-0021 USA USA USA USA Taiwan Taiwan Taiwan Taiwan Taiwan Taiwan Taiwan Taiwan Taiwan Taiwan Taiwan Description Female Terminal (18-22) AWG, MX150LTM Male Terminal (18-22) AWG, MX150LTM Female Terminal (14-16) AWG, MX150LTM Male Terminal (14-16) AWG, MX150LTM 2-Way MX150L Receptacle Assy 22-18 AWG (Red Seal) no CPA 2 Way MX150LTM Panel Mount Plug 22-14 AWG, Rear Mount Flange, w/ Gasket 2-Way MX150L Receptacle Assy 16-14 AWG (Blue Seal) no CPA 2 Way MX150LTM Panel Mount Plug 22-14 AWG, Thru Hole Flange, w/ Gasket 4-Way MX150L Receptacle Assy 22-18 AWG (Red Seal) no CPA 4 Way MX150LTM Panel Mount Plug 22-14 AWG, Rear Mount Flange, w/ Gasket 4-Way MX150L Receptacle Assy 16-14 AWG (Blue Seal) no CPA 4 Way MX150LTM Panel Mount Plug 22-14 AWG, Thru Hole Flange, w/ Gasket 6-Way MX150L Receptacle Assy 22-18 AWG (Red Seal) no CPA 6 Way MX150LTM Panel Mount Plug 22-14 AWG, Rear Mount Flange, w/ Gasket 6-Way MX150L Receptacle Assy 16-14 AWG (Blue Seal) no CPA Quantity in Kit 100 100 100 100 2 2 2 2 1 1 1 1 1 1 1 * Agriculture Equipment * Construction Equipment * Recreational Vehicles * On-Engine automotive applications * Marine Equipment For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com Page 2 of 3 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0152 19429-0044 19417-0119 63813-1500 6 Way MX150LTM Panel Mount Plug 22-14 AWG, Thru Hole Taiwan Flange, w/ Gasket Taiwan MX150L(TM) Circuit Voiding Key, DUAL GENDER USA Manual Extraction Tool 1 10 1 Recommended Molex Tool(s) for Part No. 76650-0152* Country Molex Part No. of Origin Description 63811-4400 * 63811-7600 * Germany Hand Crimp Tool (22-18) and (16-14) AWG Germany Hand Crimp Tool (22-18) AWG *Tool(s) not included in kit. Tool(s) ordered separately. For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com Page 3 of 3 |
Price & Availability of 19420-0009-C |