Part Number Hot Search : 
GCM155R7 LB1976 SF1005 00309 0000MH PM100 4D44ADR SKL320C
Product Description
Full Text Search
 

To Download 16PT8520X-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 BASE-T TRANSFORMER
Bothhandusa.com
P/N:16PT8520X LF DATA SHEET
Feature l l l l l l l
Turns Ratio (5%) TX 16PT8520X LF 1CT:1CT RX 1CT:1CT
Designed for 10/100 MB/s transmission over UTP-5 cable. Tested & qualified for use with national semiconductor's DP83840 Ethernet 10/100 PHY chip. Cable interface for isolation and low common mode emissions. 16-PIN DIP package for economic cost. Lead free for external pins. Operating temperature range:0J to +70J. Storage temperature range:-25J to +105J.
OCL (uH Min) @100KHz/0.1V with 8mA DC Bias 350
Electrical Specifications @ 25C
Part Number CW/W (pF Max) 50 L.L (uH Max) 0.6 DCR (U Max) 0.9 HI-POT (Vrms) 1500
Continue
Part Number Insertion Loss (dB Max) 0.3-100 MHz 16PT8520X LF -0.8 30MHz -16 Return Loss (dB Min) 40MHz -15 50MHz -13 60-80MHz -11 Cross talk (dB Min) 0.3-100MHz -35 DCMR (dB Min) 0.3-100MHz -30
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of 16PT8520X-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X