Part Number Hot Search : 
B57238 MC6801 AK93C55C AK93C55C AK93C55C RFP450 P103H SOD4002
Product Description
Full Text Search
 

To Download 16PT8520D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bothhand USA email:sales@bothhandusa.com 10/100 BASE-T TRANSFORMER P/N:16PT8520D DATA SHEET
Feature
http://www.bothhandusa.com
Compliant with IEEE 802.3 E and ANSI X3.263 standards including 350uH OCL with 8mA Bias. Operating temperature range: 0C to +70C. Storage temperature range: -25C to +105C.
Electrical Specifications @ 25C
Part Number 16PT8520D Turn Ratio (3%)TX/RX 1CT: 1CT OCL(uH Min ) @100KHz/0.1V with 8mA DC Bias 350 CW/W (pF Max) 28 L.L (uH Max) 0.6 Rise Time (nS Typ) 2.5 HI-POT (Vrms) 1500
Continue
Part Number Insertion Loss (dB Max) 0.3-100MHz 16PT8520D -1.1 0.5-30MHz -16 Return Loss (dB Min) 40MHz -15 50MHz -13 60-80MHz -11 Cross talk (dB Min) 0.3-100MHz -35 DCMR (dB Min) 0.3-100MHz -30
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA email:sales@bothhandusa.com 10/100 BASE-T TRANSFORMER P/N:16PT8520D DATA SHEET
http://www.bothhandusa.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of 16PT8520D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X