Part Number Hot Search : 
B8222 P4N05L T350002 10030 L1027 AD668J 100CA RH1014M
Product Description
Full Text Search
 

To Download 125XL0181000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4,724'' x 4,724" x 1,496''
120 x 120 x 38 mm
125
AC Axial Fans
Series
Approvals
R
R
RoHS
AC Motor
Electrical protection: impedance protected Housing material: zamak Impeller material: plastic UL 94 VO Weight: 725 g Bearing system: ball bearings
Available with:
- Flying leads - Speed sensor
Life expectancy
L-10 LIFE AT 40C: 80 000 hours
Airflow: CFM
125XL
Static pressure: mmH2O
125LG
125XR
Airflow: l/s
Part Number
125XL0182000 125XL0181000 125LG0182000 125LG0181000 125XR0182000 125XR0181000
Nominal voltage V 115
208-240 115 208-240 115 208-240
Airflow
l/s 25 27 25 27 35 40 35 40 44 53 44 53
Noise level dB(A) 30 32 30 32 38 40,5 38 40,5 44 48 44 48
Nominal Frequency Phases Capacitor Input Nominal speed Power current RPM Hz F W mA 1600 50 1 12 135 1750 60 1 10 115 1600 50 1 12 75 1750 60 1 10 65 2200 50 1 16 200 2500 60 1 13 160 2200 50 1 18 110 2500 60 1 15 90 2800 50 1 16 200 3200 60 1 15 180 2500 50 1 18 125 3200 60 1 15 105
Starting Connection Operating temperature type current mA Leads Terminals Min.C Max.C 145 X -10 70 125 X -10 70 90 X -10 70 75 X -10 70 260 X -10 70 120 X -10 70 140 X -10 70 120 X -10 70 310 X -10 70 260 X -10 70 170 X -10 70 150 X -10 70
Additional versions:
Dual voltage 115V - 230V - other weight: 560g - aluminium housing salt spray protected - shock and vibration protected - marine specifications wide temperature range - IP54: consult factory
Accessories:
Refer to Accessories leaflet
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008
Static pressure: InW


▲Up To Search▲   

 
Price & Availability of 125XL0181000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X