Part Number Hot Search : 
BCM61 MSO2TM BCM61 1602B1 38001 CMDZ3V0 N5534 AM42D
Product Description
Full Text Search
 

To Download VP2005ALF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 BASE-TX VOICE OVER IP MAGNETICS
Bothhandusa.com
Page : 1/1
P/N: VP2005A LF DATA SHEET
Feature IEEE 802.3af/ANSI X3.263 compliant performance. 350mA current capability. Designed for IP phone or switch applications. Compact footprint. Lead free for external pins. Operating temperature range : 0J to +70J . Storage temperature range: -25J to +125J . Electrical Specifications @ 25C
Part Number TX VP2005A LF 1CT: 1 Turns Ratio (5%) RX 1CT: 1CT 30MHz -43 Cross talk (dB Min) 60 MHz -37 100MHz -33
HI-POT (Vrms) 1500
Continue
Part Number Insertion Loss (dB Max) 1-100MHz VP2005A LF -1.2 1-30MHz -16 Return Loss (dB Min) 40MHz -14 50 MHz -13 60-80MHz -12 30MHz -50 DCMR (dB Min) TX/RX 60MHz -43 100MHz -35
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of VP2005ALF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X