Part Number Hot Search : 
23844 H1209 CGD1042L 4943B MMSZ52 MJE2003 ON1586 C4001
Product Description
Full Text Search
 

To Download V600ME18-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V600ME18-LF
PHASE NOISE (1 Hz BW, typical) 9939 Via Pasar | San Diego, CA 92126 TEL: (858) 621-2700 | FAX: (858) 621-2722 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1
Applications * Fixed Wireless * Tranceivers * Application Notes
* AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering
(f) (dBc/Hz)
Voltage-Controlled Oscillator Surface Mount Module
OFFSET (Hz)
Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes
Min 1960
Typ -85 -15
Max 3470
Units MHz dBc/Hz dBc
0 103 2 6 50
20 10 50 8 13
Vdc MHz/V dBm pF MHz/V MHz C
-40 MINI-16-L Min Typ 5 21
85
Max 25
Units Vdc mA
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2
FRM-S-002 B
Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ.
3760 3680 3600 3520 3440 3360 3280 3200 3120 3040 2960 2880 2800 2720 2640 2560 2480 2400 2320 2240 2160 2080 2000 1920 1840 0 2 4 6 8 10 12 14 16 18 20
V600ME18-LF
Rev A1
FREQUENCY (MHz)
85 C 25 C -40 C
TUNING VOLTAGE (Vdc)
Power Curve, typ. Footprint
RECOMMENDED FOOTPRINT
10 9 8 7 6 5 4 3 2 1891
POWER OUTPUT (dBm)
SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
0.030 MIN. CUTBACK FROM LIVE PADS
2057
2265
2479
2687
2900
3118
3323
3528
3650
3736
FREQUENCY (MHz)
85 C 25 C -40 C
Physical Dimensions
PIN CONFIGURATION P1 P2 P3 REST Vt RF OUT Vcc GROUND H 0.220 0.160 0.130 0.100 0.085
Z-COMM XXXXXXXX-LF W/O# D/C
PACKAGE MINI-16 MINI-16-LOW MINI-16-L MINI-16-UL MINI-16-EL
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2
FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of V600ME18-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X