Part Number Hot Search : 
TSAL7400 L1050 STD2805 KBP06M LBT39301 FZT65 ADD5205 00850
Product Description
Full Text Search
 

To Download UWJ1V101MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
WJ
5.5mmL Chip Type High Temperature (260C) Reflow
series
Corresponding with 260C peak reflow soldering
Recomended reflow condition : 260C peak 5 sec. 230C over 60 sec. 2 times
Chip type with 5.5mm height. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Load life of 2000 hours at 85C Adapted to the RoHS directive (2002/95/EC).
WJ
High Temperature
Reflow
WX
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +85C 6.3 ~ 50V 0.1 ~ 150F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A) ,whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.) 6.3 0.26 10 0.20 16 0.16 6.3 4 8 10 3 8 25 0.14 16 2 4 35 0.12 50 0.12
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Measurement frequency : 120Hz 50 35 25 2 2 2 3 3 4
Endurance
After 2000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage Current
Within 20% of initial value
200% or less of initial specified value Initial specifed value or less
Shelf Life
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C for 30 seconds. After removing from the hot plate and restored at room temperature, they meet the characteristic requirements listed at right. Black print on the case top.
Capacitance change tan Leakage current
Resistance to soldering heat Marking
Within 10% of initial value Initial specified value or less Initial specified value or less
Chip Type
Positive Plastic platform 0.3 MAX. 0.5 MAX.
Type numbering system (Example : 16V 10F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
UW J 1 C 1 0 0 MC L 1 G B
Package code Configuration
Voltage (A:10V)
Series
C0.2
A0.2 A0.2
N2 100A WJ
Capacitance toleranc (20%) Rated Capacitance (10F) Rated voltage (16V) Series name
D0.5
B0.2
5.4 Lot No. Capacitance
+0.1 -0.2
E
0.5 ~ 0.8
Negative
Type
Voltage
V Code 6.3 j 10 A 16 C 25 E 35 V 50 H
A B C E
D
(mm) 4 1.8 4.3 4.3 1.0 5 2.1 5.3 5.3 1.3 6.3 2.4 6.6 6.6 2.2
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
WJ
Cap. (F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V 4 4 4 4 4 4 4
50 1H 1.0 2.0 2.8 4.0 8.4 13 17 20 33
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 150
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 151
4 4 4 5 5 6.3 6.3 28 37 45 70 71 5 5 6.3 6.3 33 41 52 76 5 6.3 6.3 6.3 23 37 49 58 86 5 6.3 6.3
16 27 42 52
4 5 6.3
18 29 45
5 6.3
Case size D (mm)
Rated ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UWJ1V101MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X