Part Number Hot Search : 
2409S ES2DA SGM8631 MJE1300 B4060 D2061 GL480 78S06
Product Description
Full Text Search
 

To Download TSM1N45D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary TSM1N45D 450V N-Channel Power MOSFET
SOP-8
Pin Definition: 1. Source 1 2. Gate 1 3. Source 2 4. Gate 2
PRODUCT SUMMARY
8. Drain 1 7. Drain 1 6. Drain 2 5. Drain 2
VDS (V)
450
RDS(on)()
4.25 @ VGS =10V
ID (A)
0.25
General Description
The TSM1N45 is N-Channel enhancement mode power field effect transistors are produced using planar DMOS technology process. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand higher energy pulse in the avalanche and commutation mode. There devices are well suited for electronic ballasts base and half bridge configuration.
Features
Low gate charge @ typical 6.5nC Low Crss @ typical 6.5pF Avalanche energy specified Improved dv/dt capability Gate-Source Voltage 50V guaranteed
Block Diagram
Ordering Information
Part No.
TSM1N45DCS RL
Package
SOP-8
Packing
2.5Kpcs / 13" Reel Dual N-Channel MOSFET
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current (Note 1) Single Pulse Drain to Source Avalanche Energy (Note 2) Avalanche Current (Note 1) Repetitive Avalanche Energy (Note 1) Peak Diode Recovery dv/dt (Note 3) Maximum Power Dissipation @Ta = 25 C Operating Junction and Storage Temperature Range
o
Symbol
VDS VGS ID IDM EAS IAR EAR dv/dt PD TJ, TSTG
Limit
450 50 0.5 4 108 0.5 0.25 5.5 0.9 -55 to +150
Unit
V V A A mJ A mJ V/ns
o
W C
Thermal Performance
Parameter
Thermal Resistance - Junction to Ambient Notes: Surface mounted on FR4 board t 10sec
Symbol
RJA
Limit
80
Unit
o
C/W
1/6
Version: Preliminary
Preliminary TSM1N45D 450V N-Channel Power MOSFET
Electrical Specifications (Ta=25oC, unless otherwise noted)
Parameter
Static Drain-Source Breakdown Voltage Drain-Source On-State Resistance Gate Threshold Voltage
Conditions
VGS = 0V, ID = 250uA VGS = 10V, ID = 0.25A VDS = VGS, ID = 250uA VDS = VGS, ID = 250mA VDS = 450V, VGS = 0V VGS = 50V, VDS = 0V VDS = 50V, ID = 0.25A IS = 1A, VGS = 0V
Symbol
BVDSS RDS(ON) VGS(TH)
Min
450 -2.3 3.5 -----
Typ
-3.4 3.0 4.2 --0.7 --
Max
-4.25 3.7 4.9 10 100 -1.5
Unit
V V
Zero Gate Voltage Drain Current IDSS uA Gate Body Leakage IGSS nA Forward Transconductance gfs S Diode Forward Voltage VSD V b Dynamic Total Gate Charge Qg -6.5 -VDS = 360V, ID = 0.5A, nC VGS = 10V Gate-Source Charge Qgs -0.9 -(Note 4,5) Gate-Drain Charge Qgd -3.2 -Input Capacitance Ciss -185 -VDS = 25V, VGS = 0V, pF Output Capacitance Coss -29 -f = 1.0MHz Reverse Transfer Capacitance Crss -6.5 -c Switching Turn-On Delay Time td(on) -7.5 -VGS = 25V, ID = 0.5A, Turn-On Rise Time tr -21 -nS VDS = 225V, RG = 25 Turn-Off Delay Time td(off) -23 -(Note 4,5) Turn-Off Fall Time tf -36 -Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain-Source Diode Forward Current IS --0.5 A Maximum Pulsed Drain-Source Diode Forward Current ISM --4.0 A Drain-Source Diode Forward Voltage VGS = 25V, IS = 0.5A VSD --1.4 V VGS = 25V, IS = 0.5A. Reverse Recovery Time trr -102 -nS dIF/dt = 100A/S Reverse Recovery Charge Qrr -0.26 -C (Note 4) Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature 2. L=75mH, IAS=1.6A, VDD=50V, RG=25, Starting TJ=25C 3. ISD 0.5A, di/dt 300A/S, VDD BVDSS, Starting TJ=25C 4. Pulse test: pulse width 300uS, duty cycle 2% 5. Essentially independent of operating temperature 6. a) Reference point of the is the drain RJL lead b) When mounted on 3"x4.5" FR-4 PCB without any pad copper in a still air environment (RJA is the sum of the junction-to-case and case-to-ambient thermal resistance. RCA is determined by the user's board design)
2/6
Version: Preliminary
Preliminary TSM1N45D 450V N-Channel Power MOSFET
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveform
EAS Test Circuit & Waveform
3/6
Version: Preliminary
Preliminary TSM1N45D 450V N-Channel Power MOSFET
Diode Reverse Recovery Time Test Circuit & Waveform
4/6
Version: Preliminary
Preliminary TSM1N45D 450V N-Channel Power MOSFET
SOP-8 Mechanical Drawing
DIM A B C D F G K M P R
SOP-8 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX. 4.80 5.00 0.189 0.196 3.80 4.00 0.150 0.157 1.35 1.75 0.054 0.068 0.35 0.49 0.014 0.019 0.40 1.25 0.016 0.049 1.27BSC 0.05BSC 0.10 0.25 0.004 0.009 0 7 0 7 5.80 6.20 0.229 0.244 0.25 0.50 0.010 0.019
5/6
Version: Preliminary
Preliminary TSM1N45D 450V N-Channel Power MOSFET
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
6/6
Version: Preliminary


▲Up To Search▲   

 
Price & Availability of TSM1N45D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X