Part Number Hot Search : 
SZN4955 SC965160 20010 VPX3220A S9683 D105K BCM4712 SDT7612
Product Description
Full Text Search
 

To Download TPC6107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPC6107
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
TPC6107
Notebook PC Applications Portable Equipment Applications
* * * * * Small footprint due to small and thin package Low drain-source ON resistance: RDS (ON) = 40 m (typ.) High forward transfer admittance: |Yfs| = 9.6 S (typ.) Low leakage current: IDSS = -10 A (max) (VDS = -20 V) Enhancement model: Vth = -0.5 to -1.2 V (VDS = -10 V, ID = -200 A) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current Drain power dissipation Drain power dissipation DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD PD EAS IAR (Note 4) EAR Tch Tstg Rating -20 -20 12 -4.5 -18 2.2 0.7 1.3 -2.25 0.22 150 -55 to 150 Unit V V V A
Pulse (Note 1) (t = 5 s) (Note 2a) (t = 5 s) (Note 2b)
JEDEC
W W mJ A mJ C C
2-3T1A
JEITA TOSHIBA
Weight: 0.011 g (typ.)
Single pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy Channel temperature Storage temperature range
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics Thermal resistance, channel to ambient (t = 5 s) (Note 2a) Thermal resistance, channel to ambient (t = 5 s) (Note 2b) Symbol Rth (ch-a) Rth (ch-a) Max 56.8 178.5 Unit C/W C/W
Circuit Configuration
6 5 4
Note: (Note 1), (Note 2), (Note 3), (Note 4) and (Note 5): See the next page. This transistor is an electrostatic-sensitive device. Please handle with caution.
1
2
3
1
2006-11-17
TPC6107
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-OFF current Drain-source breakdown voltage Gate threshold voltage Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) Drain-source ON resistance RDS (ON) RDS (ON) Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-ON time Switching time Fall time Turn-OFF time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge tf toff Qg Qgs Qgd |Yfs| Ciss Crss Coss tr ton VGS 0 V -5 V 4.7 VDS = -10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 10 V, VDS = 0 V VDS = -20 V, VGS = 0 V ID = -10 mA, VGS = 0 V ID = -10 mA, VGS = 12 V VDS = -10 V, ID = -200 A VGS = -2 V, ID = -2.2 A VGS = -2.5 V, ID = -2.2 A VGS = -4.5 V, ID = -2.2 A VDS = -10 V, ID = -2.2 A Min -20 -8 -0.5 4.8 ID = -2.2 A VOUT RL = 4.5 VDD -16 V, VGS = -5 V, - ID = -4.5 A Typ. 110 70 40 9.6 680 130 140 6 16 38 85 9.8 2 3 Max 10 -10 -1.2 180 100 55 ns nC pF S m Unit A A V V
VDD -10 V - < 1%, tw = 10 s Duty =
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Pulse drain reverse current Forward voltage (diode) (Note 1) Symbol IDRP VDSF Test Condition IDR = -4.5 A, VGS = 0 V Min Typ. Max -18 1.2 Unit A V
Marking (Note 5)
Lot code (month) Lot No.
Part No. (or abbreviation code)
S3G
Product-specific code Lot code (year) A line indicates lead (Pb)-free package or lead (Pb)-free finish.
Pin #1
2
2006-11-17
TPC6107
Note 1: Ensure that the channel temperature does not exceed 150C.
Note 2: (a) Device mounted on a glass-epoxy board (a) (t = 5 s) (b) Device mounted on a glass-epoxy board (b) (t = 5 s)
FR-4 25.4 x 25.4 x 0.8 Unit: (mm)
FR-4 25.4 x 25.4 x 0.8 Unit: (mm)
(a)
(b)
Note 3: VDD = 16 V, Tch = 25C (initial), L = 0.2 mH, RG = 25 , IAR = -2.25 A Note 4: Repetitive rating: pulse width limited by maximum channel temperature Note 5: * on lower left of the marking indicates Pin 1.
3
2006-11-17
TPC6107
ID - VDS
-5 -5 V -2.5 V -3 V -4 V -2.0 V Common source Ta = 25C Pulse test -1.9 V -10
ID - VDS
-2.3 V -5 V -4 V -3 V -6 -2.5 V -1.9 V -4 -1.8 V -1.7 V -2 -1.6 V -2.0 V -2.2 V Common source Ta = 25C Pulse test
Drain current ID (A)
-1.8 V -3 -1.7 V -2 -1.6 V -1 -1.5 V VGS = -1.4 V 0 0 -0.4 -0.8 -1.2 -1.6 -2.0
Drain current ID (A)
-4
-8
0 0
VGS = -1.4 V -1 -2 -3 -4 -5
Drain-source voltage
VDS (V)
Drain-source voltage
VDS (V)
ID - VGS
-10 Common source VDS = -10 V Pulse test -1.0
VDS - VGS
Common source Ta = 25C Pulse test
-8
(V)
-0.8
Drain current ID (A)
Drain-source voltage
-6
VDS
-0.6 -4 -0.4 -2 25C -0.2
-1.1 A
-2.2 A
ID = -4.5 A
100C 0 0 -0.5 -1.0 -1.5
Ta = -55C -2.0 -2.5
0 0
-2
-4
-6
-8
-10
Gate-source voltage VGS
(V)
Gate-source voltage VGS
(V)
|Yfs| - ID (S)
100 Common source VDS = -10 V Pulse test Ta = -55C 25C 10 100C 3 1000
RDS (ON) - ID
Common source Ta = 25C Pulse test
Forward transfer admittance |Yfs|
30
Drain-source ON resistance RDS (ON) (m)
300 -2.0 V 100 -2.5 V VGS = -4.5 V 30
1
0.3
0.1 -0.1
-0.3
-1
-3
-10
-30
-100
10 -0.1
-0.3
-1
-3
-10
-30
-100
Drain current ID (A)
Drain current ID (A)
4
2006-11-17
TPC6107
RDS (ON) - Ta
200 Common source -100
IDR - VDS
Common source Ta = 25C Pulse test
Drain-source ON resistance RDS (ON) (m)
Pulse test 150 ID = -2.2 A -1.1 A VGS = -2.0 V 100 -4.5 A
(A) Drain reverse current IDR
-30 -10 -4 V -3 -2 V -1 -1 V
-2.5 V 50
-2.2 A, -1.1 A
VGS = -0 V
-4.5 A, -2.2 A, -1.1 A -4.5 V 0 -80 -40 0 40 80 120 160
-0.3
-0.1 0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient temperature
Ta
(C)
Drain-source voltage
VDS (V)
C - VDS
10000 -2.0
Vth - Ta
Common source
Gate threshold voltage Vth (V)
3000
-1.6
(pF)
VDS = -10 V ID = -200 A Pulse test
1000
Capacitance C
Ciss
-1.2
300 Coss 100 Common source Ta = 25C 30 f = 1 MHz VGS = 0 V 10 -0.1 -0.3 -1 -3 -10 -30 -100 Crss
-0.8
-0.4
0 -80
-40
0
40
80
120
160
Drain-source voltage
VDS (V)
Ambient temperature
Ta
(C)
PD - Ta
2.5 -30
Dynamic input/output characteristics VDS (V)
Common source ID = -4.5 A Ta = 25C Pulse test -12
(W)
Drain power dissipation PD
1.5 (1) DC 1.0 (2) t = 5 s 0.5 (2) DC
Drain-source voltage
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
-20 VDS -15 -8 V
-8
-6
-10
-4 V
VDD = -16 V
-4
-5 VGS 0 0
-2
0 0
40
80
120
160
5
10
15
0 20
Ambient temperature
Ta
(C)
Total gate charge Qg
(nC)
5
2006-11-17
Gate-source voltage VGS
2.0
-25
-10
(V)
(1) t = 5 s
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
TPC6107
rth - tw
1000
rth (C/W)
300
Device mounted on a glassepoxy board (b) (Note 2b)
100
Transient thermal impedance
30 Device mounted on a glassepoxy board (a) (Note 2a) 10
3
1
0.3 Single pulse 0.1 0.001 0.01 0.1 1 10 100 1000
Pulse width
tw
(s)
Safe operating area
-100 -30 ID max (Pulse)*
(A)
-10
1 ms*
Drain current ID
-3
10 ms*
-1 *: Single nonrepetitive pulse Ta = 25C Curves must be derated linearly with increase in temperature. -0.3 -1 -3 -10
-0.3
VDSSmax -30 -100
-0.1 -0.1
Drain-source voltage
VDS (V)
6
2006-11-17
TPC6107
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
7
2006-11-17


▲Up To Search▲   

 
Price & Availability of TPC6107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X