Part Number Hot Search : 
MPC8275 SKY7752 UFT40140 SC2642 MNR4G DLG3416 KMM5364 3DD13
Product Description
Full Text Search
 

To Download TC74VCX162843FT07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VCX162843FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX162843FT
Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
The TC74VCX162843FT is a high-performance CMOS 18-bit D-typr latch. Designed for use in 1.8-V, 2.5-V or 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. It is also designed with overvoltage tolerant inputs and outputs up to 3.6 V. The TC74VCX162843FT can be used as two 9-bit latches or one 18-bit latch. The 18 latches are transparent D-type latches. The device has noninverting data (D) inputs and provides true data at its outputs. While the latch-enable (1LE or 2LE) input is Weight: 0.25 g (typ.) high, the Q outputs of the corresponding 9-bit latch follow the D inputs. When LE is taken low, the Q outputs are latched at the levels set up at the D inputs. CLR and PR are independent of the CK and are accomplished by setting the appropriate input low. When the OE input is high, the outputs are in a high-impedance state. This device is designed to be used with 3-state memory address drivers, etc. The 26- series resistor helps reducing output overshoot and undershoot without external resistor. All inputs are equipped with protection circuits against static discharge.
Features
* * * 26- series resistors on outputs Low-voltage operation: VCC = 1.8 to 3.6 V High-speed operation: tpd = 3.9 ns (max) (VCC = 3.0 to 3.6 V) : tpd = 5.1 ns (max) (VCC = 2.3 to 2.7 V) : tpd = 9.8 ns (max) (VCC = 1.8 V) * Output current: IOH/IOL = 12 mA (min) (VCC = 3.0 V) : IOH/IOL = 8 mA (min) (VCC = 2.3 V) : IOH/IOL = 4 mA (min) (VCC = 1.8 V) * * * * Latch-up performance: -300 mA ESD performance: Machine model 200 V Human body model 2000 V Package: TSSOP 3.6-V tolerant function and power-down protection provided on all inputs and outputs
1
2007-10-19
TC74VCX162843FT
Pin Assignment (top view) IEC Logic Symbol
2 56 55 1 27 29 30 28 54 52 51 49 48 47 45 44 43 42 41 40 38 37 36 34 33 31 3D 4
1CLR 1OE
1 2 3 4 5 6 7 8 9
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
1LE 1PR 1D1 GND 1D2 1D3 VCC 1D4 1D5 1D6 GND 1D7 1D8 1D9 2D1 2D2 2D3 GND 2D4 2D5 2D6 VCC 2D7 2D8 GND 2D9 2PR 2LE
1Q1 GND 1Q2 1Q3 VCC 1Q4 1Q5
1OE 1LE 1PR 1CLR 2OE 2LE 2PR 2CLR
1D1 1D2 1D3 1D4 1D5 1D6 1D7 1D8 1D9 2D1 2D2 2D3 2D4 2D5 2D6 2D7 2D8 2D9
EN2 C1 S2 R2 EN4 C3 S4 R4 1D 2 3 5 6 8 9 10 12 13 14 15 16 17 19 20 21 23 24 26 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6 1Q7 1Q8 1Q9 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6 2Q7 2Q8 2Q9
1Q6 10 GND 11 1Q7 12 1Q8 13 1Q9 14 2Q1 15 2Q2 16 2Q3 17 GND 18 2Q4 19 2Q5 20 2Q6 21 VCC 22 2Q7 23 2Q8 24 GND 25 2Q9 26
2OE 2CLR
27 28
2
2007-10-19
TC74VCX162843FT
Truth Table (each 9-bit latch)
Inputs PR L H H H H X
CLR
X L H H H X
OE
L L L L L H
LE X X H H L X
D X X L H X X
Outputs Q H L L H Qn Z
X: Don't care Z: High impedance Qn: Q outputs are latched at the time when the LE input is taken to a low logic level.
System Diagram
2 55 1 56
1OE
1PR
1CLR
1LE
1D1
54
S LE D R
3
1Q1
To eight other channels
2OE 2PR 2CLR 2LE
27 30 28 29
2D1
42
S LE D R
15
2Q1
To eight other channels
3
2007-10-19
TC74VCX162843FT
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage DC output voltage Input diode current Output diode current DC output current Power dissipation DC VCC/ground current per supply pin Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT PD ICC/IGND Tstg Rating
-0.5 to 4.6 -0.5 to 4.6 -0.5 to 4.6 (Note 2) -0.5 to VCC + 0.5
Unit V V V mA (Note 4) mA mA mW mA C
(Note 3)
-50 50 50
400
100 -65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: OFF state Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics Power supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Rating 1.8 to 3.6 1.2 to 3.6
-0.3 to 3.6
Unit V V (Note 3) (Note 4) (Note 5) (Note 6) (Note 7) C (Note 8) ns/V mA V
(Note 2)
0 to 3.6 0 to VCC
12 8 4
Output current
IOH/IOL Topr dt/dv
Operating temperature Input rise and fall time
-40 to 85
0 to 10
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Data retention only Note 3: OFF state Note 4: High or low state Note 5: VCC = 3.0 to 3.6 V Note 6: VCC = 2.3 to 2.7 V Note 7: VCC = 1.8 V Note 8: VIN = 0.8 to 2.0 V, VCC = 3.0 V
4
2007-10-19
TC74VCX162843FT
Electrical Characteristics
< DC Characteristics (Ta = -40 to 85C, 2.7 V < VCC = 3.6 V)
Characteristics H-level L-level Symbol VIH VIL Test Condition

VCC (V) 2.7 to 3.6 2.7 to 3.6
Min 2.0
Max
Unit
Input voltage
0.8

V
IOH = -100 A H-level VOH VIN = VIH or VIL IOH = -6 mA IOH = -8 mA Output voltage IOH = -12 mA IOL = 100 A L-level VOL VIN = VIH or VIL IOL = 6 mA IOL = 8 mA IOL = 12 mA Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current Increase in ICC per input IIN IOZ IOFF ICC
ICC
2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 to 3.6 0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6
VCC - 0.2 2.2 2.4 2.2

V
0.2 0.4 0.55 0.8
5.0 10.0 A A A
VIN = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VIN = VCC or GND VCC < (VIN, VOUT) < 3.6 V = = VIH = VCC - 0.6 V
10.0 20.0
20.0
A
750
< < DC Characteristics (Ta = -40 to 85C, 2.3 V = VCC = 2.7 V)
Characteristics H-level L-level Symbol VIH VIL Test Condition

VCC (V) 2.3 to 2.7 2.3 to 2.7
Min 1.6
Max
Unit
Input voltage
0.7

V
IOH = -100 A H-level Output voltage VOH VIN = VIH or VIL IOH = -4 mA IOH = -6 mA IOH = -8 mA IOL = 100 A L-level VOL VIN = VIH or VIL IOL = 6 mA IOL = 8 mA Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current IIN IOZ IOFF ICC VIN = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VIN = VCC or GND VCC < (VIN, VOUT) < 3.6 V = =
2.3 to 2.7 2.3 2.3 2.3 2.3 to 2.7 2.3 2.3 2.3 to 2.7 2.3 to 2.7 0 2.3 to 2.7 2.3 to 2.7
VCC - 0.2 2.0 1.8 1.7

V
0.2 0.4 0.6
5.0 10.0 A A A A
10.0 20.0
20.0
5
2007-10-19
TC74VCX162843FT
< DC Characteristics (Ta = -40 to 85C, 1.8 V = VCC < 2.3 V)
Characteristics Symbol Test Circuit

Test Condition

VCC (V) 1.8 to 2.3 1.8 to 2.3
Min 0.7 x VCC
Max
Unit
Input voltage
H-level L-level
VIH VIL
0.2 x VCC

V
H-level Output voltage L-level Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current
VOH
VIN = VIH or VIL
IOH = -100 A IOH = -4 mA
1.8 1.8 1.8 1.8 1.8 1.8 0 1.8 1.8
VCC - 0.2 1.4

V
VOL IIN IOZ IOFF ICC

VIN = VIH or VIL VIN = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VIN = VCC or GND
IOL = 100 A IOL = 4 mA
0.2 0.3
5.0 10.0 A A A A
10.0 20.0
20.0
VCC < (VIN, VOUT) < 3.6 V = =
6
2007-10-19
TC74VCX162843FT
AC Characteristics (Ta = -40 to 85C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 ) (Note 1)
Characteristics Symbol Test Condition VCC (V) 1.8 Figure 1, Figure 2 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 2 2.5 0.2 3.3 0.3 1.8 tpLH Figure 1, Figure 3 2.5 0.2 3.3 0.3 1.8 tpHL Figure 1, Figure 3 2.5 0.2 3.3 0.3 tpZL tpZH 1.8 Figure 1, Figure 4 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 4 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 2, Figure 3 2.5 0.2 3.3 0.3 1.8 Minimum setup time ts Figure 1, Figure 2 2.5 0.2 3.3 0.3 1.8 Minimum hold time th Figure 1, Figure 2 2.5 0.2 3.3 0.3 1.8 Minimum removal time trem Figure 1, Figure 5 2.5 0.2 3.3 0.3 tosLH tosHL 1.8 (Note 2) 2.5 0.2 3.3 0.3 Min 1.5 0.8 0.6 1.5 0.8 0.6 1.5 0.8 0.6 1.5 0.8 0.6 1.5 0.8 0.6 1.5 0.8 0.6 4.0 1.5 1.5 2.5 1.5 1.5 1.0 1.0 1.0 4.0 3.0 2.0

Max 9.8 5.1 3.9 9.8 5.8 4.4 9.8 7.0 4.9 9.8 6.0 4.6 9.8 5.9 4.3 8.8 4.9 4.3

Unit
Propagation delay time (D-Q)
tpLH tpHL
ns
Propagation delay time (LE-Q)
tpLH tpHL
ns
Propagation delay time ( PR -Q)
ns
Propagation delay time ( CLR -Q)
ns
3-state output enable time
ns
3-state output disable time
tpLZ tpHZ
ns
Minimum pulse width (LE, PR , CLR )
tW (H) tW (L)
ns
ns
ns
ns
0.5 0.5 0.5 ns
Output to output skew
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification. Note 2: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
7
2007-10-19
TC74VCX162843FT
Dynamic Switching Characteristics
(Ta = 25C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 )
Characteristics Symbol Test Condition VCC (V) VIH = 1.8 V, VIL = 0 V Quiet output maximum dynamic VOL VOLP VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VIH = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOL VOLV VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VIH = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOH VOHV VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) 1.8 2.5 3.3 1.8 2.5 3.3 1.8 2.5 3.3 0.15 0.25 0.35
-0.15 -0.25 -0.35
Typ.
Unit
V
V
1.55 2.05 2.65 V
Note:
Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Power dissipation capacitance Symbol CIN CO CPD fIN = 10 MHz Test Condition

VCC (V) 1.8, 2.5, 3.3 1.8, 2.5, 3.3 (Note) 1.8, 2.5, 3.3
Typ. 6 7 20
Unit pF pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/18 (per bit)
8
2007-10-19
TC74VCX162843FT
AC Test Circuit
6.0 V or VCC x 2 Open GND Measure
CL RL
Switch
RL
Parameter tpLH, tpHL tpLZ, tpZL tpHZ, tpZH 6.0 V VCC x 2
Switch Open @VCC = 3.3 0.3 V @VCC = 2.5 0.2 V @VCC = 1.8 V GND
Output
CL = 30 pF RL = 500
Figure 1 AC Waveform
tf 2.0 ns Input (LE) tr 2.0 ns Input (D) 90% 10% ts (H) Output (Q) VM tpLH tpHL VM th (H) tr 2.0 ns 90% VM VIH VM GND tw (H) VIH VM GND ts (L) th (L) VOH VM tpHL tpLH VOL
10% tf 2.0 ns
Figure 2 tpLH, tpHL, tw, ts, th
Input ( CLR )
VIH VM tw (L) GND
Input ( PR )
VIH VM tw (L) GND
Output (Q)
VOH VM tpHL VM tpLH VOL
Figure 3 tpLH, tpHL, tw
9
2007-10-19
TC74VCX162843FT
tr 2.0 ns Output Enable Control ( OE ) tpLZ Output (Q) Low to Off to Low tpHZ Output (Q) High to Off to High Outputs enabled tf 2.0 ns 90% VM VIH 10% tpZL 3.0 V or VCC VM VX tpZH VOL VOH VM GND Outputs disabled Outputs enabled GND
VY
Figure 4 tpLZ, tpHZ, tpZL, tpZH
tr 2.0 ns Input ( CLR , PR ) 90% 10% VM GND tf 2.0 ns Input (LE) 90% VM trem VIH 10% GND VIH
Figure 5 trem
VCC 3.3 0.3 V 2.7 V 1.5 V VOL + 0.3 V VOH - 0.3 V 2.5 0.2 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V 1.8 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V
Symbol VIH VM VX VY
10
2007-10-19
TC74VCX162843FT
Package Dimensions
Weight: 0.25 g (typ.)
11
2007-10-19
TC74VCX162843FT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
12
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC74VCX162843FT07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X