Part Number Hot Search : 
SMA75 1N4750 TTY5003 RFX10 574MT TDA4853 2SB16 GP1U273X
Product Description
Full Text Search
 

To Download STPSC1006D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STPSC1006D
600 V power Schottky silicon carbide diode
Features

No or negligible reverse recovery Switching behavior independent of temperature Particularly suitable in PFC boost diode function
A K
Description
The SiC diode is an ultrahigh performance power Schottky diode. It is manufactured using a silicon carbide substrate. The wide bandgap material allows the design of a Schottky diode structure with a 600 V rating. Due to the Schottky construction no recovery is shown at turn-off and ringing patterns are negligible. The minimal capacitive turn-off behavior is independent of temperature. ST SiC diodes will boost the performance of PFC operations in hard switching conditions. Table 1.
TO-220AC STPSC1006D
Device summary
IF(AV) VRRM Tj (max) QC (typ) 10 A 600 V 175 C 12 nC
May 2008
Rev 1
1/7
www.st.com 7
Characteristics
STPSC1006D
1
Characteristics
Table 2.
Symbol VRRM IF(RMS) IF IFSM IFRM Tstg Tj
Absolute ratings (limiting values at 25 C unless otherwise specified)
Parameter Repetitive peak reverse voltage RMS forward current Continuous forward current Surge non repetitive forward current Repetitive peak forward current Storage temperature range Operating junction temperature TC = 115 C tp = 10 ms sinusoidal = 0.1, TC = 110 C, Tj = 150 C Value 600 18 10 40 40 -55 to +175 -40 to +175 Unit
V A A A A
C C
Table 3.
Symbol Rth(j-c)
Thermal resistance
Parameter Junction to case Value 2 Unit C/W
Table 4.
Symbol IR (1) VF (2)
Static electrical characteristics (per diode)
Parameter Reverse leakage current Forward voltage drop Tests conditions Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C VR = VRRM Min. Typ 30 210 1.4 IF = 10 A 1.6 Max. 300 A 1500 1.7 V 2.1 Unit
1. tp = 10 ms, < 2% 2. tp = 500 s, < 2%
To evaluate the conduction losses use the following equation: P = 1.2 x IF(AV) + 0.09 x IF2(RMS) Table 5.
Symbol Qc C
Other parameters
Parameter Total capacitive charge Total capacitance Test conditions Vr = 400 V, IF = 10 A dIF/dt = -200 A/s Tj = 150 C Vr = 0 V, Tc = 25 C, F = 1 Mhz Typ 12 650 Unit nC pF
2/7
STPSC1006D
Characteristics
Figure 1.
Forward voltage drop versus forward current (typical values)
Figure 2.
Reverse leakage current versus reverse voltage applied (maximum values)
20 18 16 14 12 10 8 6 4 2 0
IFM(A)
1.E+04
IR(A)
Tj=175 C
1.E+03
Tj=25 C Tj=150 C
Tj=150 C
1.E+02
Tj=175 C
1.E+01
1.E+00
VFM(V)
Tj=25 C
VR(V)
1.E-01
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
50
100
150
200
250
300
350
400
450
500
550
600
Figure 3.
Peak forward current versus case temperature
Figure 4.
Junction capacitance versus reverse voltage applied (typical values)
70 60 50 40
IM(A)
T
=0.1
C(pF)
500 450
F=1 MHz VOSC=30 mVRMS Tj=25 C
=tp/T
tp
400 350 300
=0.3
250 200 150
30 20 10 0 0
=0.5
=1
100
=0.7
50
VR(V)
TC(C)
25 50 75 100 125 150 175
0 1 10 100 1000
3/7
Characteristics
STPSC1006D
Figure 5.
Relative variation of thermal impedance junction to case versus pulse duration
Figure 6.
Non-repetitive peak surge forward current versus pulse duration (sinusoidal waveform, typical values)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0
Zth(j-c)/Rth(j-c)
IFSM(A)
1.E+03
1.E+02
Tj=25 C
Tj=125 C
1.E+01
Single pulse
tp(s)
tp(s)
1.E+00
1.E-04 1.E-03 1.E-02 1.E-01 1.E+00 1.E+01
1.E-05
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Figure 7.
Total capacitive charges versus dIF/dt (typical values)
QC(nC)
18 16 14 12 10 8 6 4 2 0 0 50 100 150 200 250 300 350 400 450 500
IF=10A VR=400 V Tj=150 C
dIF/dt(A/s)
4/7
STPSC1006D
Package information
2
Package information

Epoxy meets UL94, V0 Cooling method: C Recommended torque value: 0.4 to 0.6 N*m
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at www.st.com. Table 6. TO-220AC Dimensions
Dimensions Ref. Millimeters Min. A
H2 OI L5 L7 C A
Inches Min. 0.173 0.048 0.094 0.019 0.024 0.044 0.194 0.393 Max. 0.181 0.051 0.107 0.027 0.034 0.066 0.202 0.409
Max. 4.60 1.32 2.72 0.70 0.88 1.70 5.15 10.40
4.40 1.23 2.40 0.49 0.61 1.14 4.95 10.00
C D E F
L6 L2
F1 G
F1
L9 L4 F
D
H2 L2 L4 L5
16.40 typ. 13.00 2.65 15.25 6.20 3.50 14.00 2.95 15.75 6.60 3.93
0.645 typ. 0.511 0.104 0.600 0.244 0.137 0.551 0.116 0.620 0.259 0.154
M E G
L6 L7 L9 M Diam. I
2.6 typ. 3.75 3.85
0.102 typ. 0.147 0.151
5/7
Ordering information
STPSC1006D
3
Ordering information
Table 7. Ordering information
Marking STPSC1006D Package TO-220AC Weight 1.86 g Base qty 50 Delivery mode Tube
Order code STPSC1006D
4
Revision history
Table 8.
Date 05-May-2008
Document revision history
Revision 1 First issue Description of changes
6/7
STPSC1006D
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of STPSC1006D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X