Part Number Hot Search : 
2H025 LBN10006 APM9424K BU4523DF C4082 EN25B32 TFC561D T9435
Product Description
Full Text Search
 

To Download STD150NH02LT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD150NH02L-1 STD150NH02L
N-channel 24V - 0.003 - 150A - ClipPAKTM - IPAK STripFETTM IlI Power MOSFET
General features
Type STD150NH02L STD150NH02L-1

VDSSS 24V 24V
RDS(on) <0.0035 <0.0035
ID 150A 150A
1 3
2 1
3
RDS(on) * Qg industry's benchmark Conduction losses reduced Switching losses reduced Low threshold device
ClipPAKTM
IPAK
Description
The STD150NH02L utilizes the latest advanced design rules of ST's proprietary STripFETTM technology. This novel 0.6 process utilizes also unique metallization techniques that couple to a "bondless" assembly technique result in outstanding performance with standard DPAK outline. It is therefore ideal in high performance DC-DC converter applications where efficiency it to be achieved at very high out currents.
Internal schematic diagram
Applications
Switching application
Order codes
Part number STD150NH02LT4 STD150NH02L-1 Marking D150NH02L D150NH02L Package ClipPAKTM IPAK Packaging Tape & reel Tube
December 2006
Rev 9
1/16
www.st.com 16
Contents
STD150NH02L
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuit
................................................ 8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2/16
STD150NH02L
Electrical ratings
1
Electrical ratings
Table 1.
Symbol
Absolute maximum ratings
Parameter Value 30 24 24 20 150 107 600 125 0.83 500 -55 to 175 Max. operating junction temperature Unit V V V V A A A W W/C mJ C
Vspike (1) Drain-source voltage rating VDS VDGR VGS ID ID IDM
(2)
Drain-source voltage (VGS = 0) Drain-gate voltage (RGS = 20K) Drain-source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC=100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor
PTOT
(3)
EAS
Single pulse avalanche energy Storage temperature
Tstg TJ
1. Garanted when external Rg = 4.7 and tf < tfmax. 2. Pulse width limited by safe operating area 3. Starting TJ = 25 oC, ID = 75A, VDD = 10V
Table 2.
Symbol RthJC RthJA Tl
Thermal data
Parameter Thermal resistance junction-case Max Thermal resistance junction-ambient Max Maximum lead temperature for soldering purpose Value 1.2 100 275 Unit C/W C/W C
3/16
Electrical characteristics
STD150NH02L
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 3.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
1.
On(1) /off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 25mA, VGS = 0 VDS = 20V VDS = 20V, TC = 125C VGS = 20V VDS= VGS, ID = 250A VGS = 10V, ID = 75A VGS = 5V, ID = 37.5A 1 1.8 0.003 0.004 0.0035 0.0065 Min. 24 1 10 100 Typ. Max. Unit V A A nA V
Pulsed: Pulse duration = 300 s, duty cycle 1.5%
Table 4.
Symbol gfs (1) Ciss Coss Crss Qg Qgs Qgd Qoss(2) Qgls
(3)
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Output charge Third-quadrant gate charge Gate input resistance Test conditions VDS = 10 V, ID = 75A VDS = 15V, f = 1 MHz, VGS = 0 Min. Typ. 60 4450 1126 141 69 13 9 27 64 1.6 93 Max. Unit S pF pF pF nC nC nC nC nC
VDD = 16V, ID = 150A VGS = 10V VDS = 16V, VGS = 0V VDS < 0V, VGS = 10V f = 1MHz gate DC Bias = 0 Test signal level = 20mV Open drain
RG
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Qoss = Coss* Vin , Coss = Cgd + Cds . See Appendix A 3. Gate charge for synchronous operation
4/16
STD150NH02L
Electrical characteristics
Table 5.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Test conditions VDD = 10V, ID = 75A, RG = 4.7, VGS = 10V Figure 13 on page 8 Min. Typ. 14 224 69 40 Max. Unit ns ns ns ns
54
Table 6.
Symbol ISD ISDM VSD(1) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 75A, VGS = 0 ISD = 150A, di/dt = 100A/s, VDD = 15V, TJ = 150C Figure 15 on page 8 47 58 2.5 Test conditions Min Typ. Max 150 600 1.15 Unit A A V ns C A
1. Pulsed: pulse duration=300s, duty cycle 1.5%
5/16
Electrical characteristics
STD150NH02L
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area Figure 2. Thermal impedance
Figure 3.
Output characterisics
Figure 4.
Transfer characteristics
Figure 5.
Transconductance
Figure 6.
Static drain-source on resistance
6/16
STD150NH02L Figure 7. Gate charge vs gate-source voltage Figure 8.
Electrical characteristics Capacitance variations
Figure 9.
Normalized gate threshold voltage vs temperature
Figure 10. Normalized on resistance vs temperature
Figure 11. Source-drain diode forward characteristics
Figure 12. Normalized breakdown voltage vs temperature
7/16
Test circuit
STD150NH02L
3
Test circuit
Figure 14. Gate charge test circuit
Figure 13. Switching times test circuit for resistive load
Figure 15. Test circuit for inductive load Figure 16. Unclamped Inductive load test switching and diode recovery times circuit
Figure 17. Unclamped inductive waveform
8/16
STD150NH02L
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
9/16
Package mechanical data
STD150NH02L
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
C A C2
L2
D
B3 B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
10/16
STD150NH02L
Package mechanical data
11/16
Packaging mechanical data
STD150NH02L
5
Packaging mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
12/16
STD150NH02L
Buck converter - power losses estimation
Appendix A
Buck converter - power losses estimation
Figure 18. Buck converter: power losses estimation
The power losses associated with the FETs in a synchronous buck converter can be estimated using the equations shown in the table below. The formulas give a good approximation, for the sake of performance comparison, of how different pairs of devices affect the converter efficiency. However a very important parameter, the working temperature, is not considered. The real device behavior is really dependent on how the heat generated inside the devices is removed to allow for a safer working junction temperature.

The low side (SW2) device requires: Very low RDS(on) to reduce conduction losses Small Qgls to reduce the gate charge losses Small Coss to reduce losses due to output capacitance Small Qrr to reduce losses on SW1 during its turn-on The Cgd/Cgs ratio lower than Vth/Vgg ratio especially with low drain to source voltage to avoid the cross conduction phenomenon; The high side (SW1) device requires: Small Rg and Ls to allow higher gate current peak and to limit the voltage feedback on the gate Small Qg to have a faster commutation and to reduce gate charge losses Low RDS(on) to reduce the conduction losses.
13/16
Buck converter - power losses estimation
STD150NH02L
Table 7.
Power losses calculation
High side switching (SW1) Low side switch (SW2)
Pconduction
R DS(on)SW1 * I 2 * L
R DS(on)SW2 * I 2 * (1 - ) L
IL Ig
Pswitching
Vin * (Q gsth(SW1) + Q gd(SW1) ) * f *
Zero Voltage Switching
Recovery
(1)
Not applicable
Vin * Q rr(SW2) * f
Pdiode Conductio n Not applicable
Vf(SW2) * I L * t deadtime * f Q gls(SW2) * Vgg * f
Vin * Q oss(SW2) * f 2
Pgate(QG)
Q g(SW1) * Vgg * f
PQoss
Vin * Q oss(SW1) * f 2
1. Dissipated by SW1 during turn-on
Table 8.
Paramiters meaning
Meaning Duty-cycle Post threshold gate charge Third quadrant gate charge On state losses On-off transition losses Conduction and reverse recovery diode losses Gate drive losses Output capacitance losses
Parameter d Qgsth Qgls Pconduction Pswitching Pdiode Pgate PQoss
14/16
STD150NH02L
Revision history
6
Revision history
Table 9.
Date 09-Sep-2004 21-Jun-2005 28-Jul-2006 20-Dec-2006
Revision history
Revision 6 7 8 9 Preliminary data Complete version with curves The document has been reformatted Typo mistake on Table 3. Changes
15/16
STD150NH02L
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
16/16


▲Up To Search▲   

 
Price & Availability of STD150NH02LT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X