Part Number Hot Search : 
TF8N65 2N1711 UN921M 16M42VS RQJ060 QBH870 BC847C N26302M
Product Description
Full Text Search
 

To Download SSL22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SSL22 THRU SSL24
FEATURES
* * * * * *
VOLTAGE RANGE CURRENT
20 to 40Volts 2.0 Ampere
Low profile surface mount package Built-in strain relief High switching speed, low VF Low voltage drop, high efficiency For use in low voltage high frequency inverters, Free willing, and polarity protection applications Guarding for over voltage protection
DO-214AA(SMB)
MECHANICAL DATA
* * * * *
Case: Transfer molded plastic Epoxy :UL 94V-0 rate flame retardant Lead: Solder plated, solderable per MIL-STD-750 method 2026 Polarity: Color band denotes cathode end Weight: 0.003 ounce, 0.093 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%. SYMBOLS Maximum Repetitive Peak Reverse Voltage VRRM Maximum RMS Voltage VRMS Maximum DC Blocking Voltage VDC
Maximum Average Forward Rectified Current at TL See figuor.1 TL =105 Peak Forward Surge Current 8.3mS single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 2.0A(Note 1) Maximum DC Reverse Current at rated DC Blocking voltage per element TA=25 TA=100 * * *
MIN 20 20 20
NOMINAL 30 30 30 2.0 50 0.44 0.5 10.0 75 17 (-55 to+150) (-55 to +150)
MAX 40 40 40
UNIT Volts Volts Volts Amps Amps Volts mA /W

I (AV) IFSM VF IR RJA
RJL
Typical Thermal Resistance (Note 2)
Operating Junction Temperature TJ Storage Temperature Rang TSTG Notes: 1. Pulse test:300s pulse width,1% duty cycle 2. PCB mounted with 0.2"x0.2"(5.0cmx5.0cm)copper pads
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM5817 THRU SM5819
VOLTAGE RANGE CURRENT
20 to 40 Volts 2.0 Ampere
RATING AND CHRACTERISTIC CURVES SM5817 THRU SM5819
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, PEAK FORWARD SURGE FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
2.0
60
1.6
CURRENT, (A)
8.3ms Single Half Sine-Wave (JEDEC Method) TJ = T jmax 40
(A)
1.2
Single Phase Half Wave 60Hz
0.8
Inductive or Resistive Load 0.375(9.5mm) Lead Length
20
0.4
0 0 25 50 75 100 125 150 175 0 1
1 Cycle 2 4 6 8 10 20 40 60 80 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20
FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT,
INSTANTANEOUS FORWARD CURRENT,
10
(A)
(A)
1.0
0.1
TJ =25 C PULSE WIDTH=300s DUTY CYCLE 1%
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
INSTANTANEOUS FORWARD VOLTAGE,(V) FIG.5-TYPICAL JUNCTION CAPACITANCE
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
JUNCTION CAPACITANCE,(pF)
TJ =25 C f=1MHz Vsig=50mV
100
10 0.1 1.0 10 100
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SSL22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X