Part Number Hot Search : 
PGA301 1N522 LM337BT 05210G0A GOB94020 M5260 WSH137 1500A
Product Description
Full Text Search
 

To Download SRN60U30K1AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRN Series Ultra Precision Molded Metal Film Resistors
The content of this specification may change without notification 1/01/06 Custom solutions are available.
HOW TO ORDER: SRN 55 S 100K B M
Packaging M = Tape ammo pack (1,000) B = Bulk (100) Resistance Tolerance A = +0.05% T = + 0.01% E = +0.025% Resistance Value e.g. 100K, 62R2, 30K1 Temperature Coefficient (ppm) U = +3 R = +5 S = +10 Style/Length (mm) 55 = 6.6 65 = 16.0 60 = 10.5 65 = 20.0 Series Molded Metal Film Precision
FEATURES
High Stability and High Reliability Very low TCR: +3ppm/ C to +10ppm/ C Superior resistance tolerance: +0.01% to +0.05% Insulated constructions by epoxy molding Applicable Specifications: EIA 575, MIL-R-10509, and JISC 5722
DIMENSIONS (mm)
Type SRN55 SRN60 SRN65 SRN70 L 6.6 + 0.5 10.5 + 0.5 16.0 + 0.5 20.0 + 0.5 D 3.4 + 0.2 3.9 + 0.2 5.3 + 0.3 7.0 + 0.5 l 38 + 3 38 + 3 38 + 3 38 + 3 d 0.6 + 0.05 0.6 + 0.05 0.6 + 0.05 0.8 + 0.05
SCHEMATIC
STANDARD ELECTRICAL SPECIFICATION
Series SRN55 Power Rating (Watts) @ 70C 0.100 Voltage Max Working Max Overload 200 400 TCR (ppm/C) +3 +5, +10 +3 +5 +10 +3 +5 +10 +3 +5 +10 Resistance Value Range () in Tolerance (%) +0.025% +0.050% +0.01% 100 ~ 100K 100 ~ 100K 100 ~ 100K 49.9 ~ 100K 49.9 ~ 100K 49.9 ~ 100K 100 ~ 100K 100 ~ 100K 100 ~ 100K 49.9 ~ 511K 49.9 ~ 511K 49.9 ~ 511K 49.9 ~ 511K 49.9 ~ 1.00M 49.9 ~ 1.00M 100 ~ 100K 100 ~ 100K 100 ~ 100K 49.9 ~ 511K 49.9 ~ 511K 49.9 ~ 511K 49.9 ~ 511K 49.9 ~ 1.00M 49.9 ~ 1.00M 100 ~ 100K 100 ~ 100K 100 ~ 100K 49.9 ~ 1.00M 49.9 ~ 1.00M 49.9 ~ 1.00M 49.9 ~ 1.00M 49.9 ~ 1.00M 49.9 ~ 3.52M
SRN60
0.125
250
500
SRN65
0.250
300
600
SRN70
0.500
350
700
CHARACTERSTICS
ITEM Operating Temperature Range Short Time Overload Insulation Resistance Dielectric withstanding Voltage Terminal Strength Vibration Resistance to Soldering Heat Low Temperature Operation Thermal Shock Moisture Resistance Moisture Resistance Load Life Load Life at 70C TEST METHOD 2.5 X rated voltage; 5 seconds 100V or 500V; 1 minute SRN55, SRN60: 450V SRN65, SRN70: 900V } for 1 minute Pull 10 seconds; Twist 360, 5 times SRN55, SRN60, SRN65: 10N and SRN70: 25N 10 to 2,000Hz, 1.5 mm or 20G, 2 directions; total 8 hours 350 10C, 3 seconds -65C, rated voltage 45 minutes -65C, -150C for 5 cycles 65C, 90 ~ 95% R.H. -10C, 10 cycles 40C, 90 ~ 95% R.H. rated voltage, 1,000 hours 70C, rated voltage, 1.5 hours on, 0.5 hours off, 1,000 hours REQUIREMENTS -25C to +125C (0.05% + 0.01) 100,000M or more (0.05% + 0.01) (0.02% + 0.01) (0.05% + 0.01) (0.05% + 0.01) (0.05% + 0.01) (0.05% + 0.01) (0.2% + 0.01) (0.2% + 0.01) (0.2% + 0.01)
American Accurate Components, Inc.
188 Technology Drive, Suite H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889
1


▲Up To Search▲   

 
Price & Availability of SRN60U30K1AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X