Part Number Hot Search : 
TLN115 S16KSD2 AS7C3 2SC2062 1N5355B PBYR1060 EE08720 T8200175
Product Description
Full Text Search
 

To Download SRAH-03C500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/3 A Output
xRAH-03C500
* * * * Non-Isolated High Efficiency
RoHS Compliant
* * *
Rev.A
Allows Burst Mode Operation at Low Load Currents Trim Function (Option) UL60950-1 Recognized (UL/cUL)
Fixed Frequency (530 kHz) Low Profile Package
Description
The Bel xRAH-03C500 is a part of the low cost non-isolated dc/dc converter series. The modules use a SMD or SIP package for ease of layout and space savings. The output is closely regulated and the efficiency is typically 90% at full load.
Part Selection
Output Voltage 5.0 Vdc Input Voltage 3.0 Vdc - 3.6 Vdc Max. Output Current 3A Max. Output Power 15 W Typical Efficiency 90% Part Number Surface Mount SRAH-03C500 Part Number Vertical Mount VRAH-03C500
Notes: 1. Add "0" suffix at the end of the model number to indicate "Tube Packaging", and "R" for "Reel Packaging", and "G" for "Tray Packaging". 2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter Input Voltage (continuous) Ambient Temperature Storage Temperature Min 2.8 V 0 C -40 C Typ Max 4.0 V 70 C 125 C Notes
Input Specifications
Parameter Input Voltage Input Current Input Reflected Ripple Current (rms) Input Reflected Ripple Current (pk-pk) I t Inrush Current Transient Turn-on Voltage Threshold
2
Min 3.0 V -
Typ 30 mA 100 mA 0.02 A s 2.8 V
2
Max 3.6 V 6.3 A 60 mA 150 mA 0.05 A s 2.9 V
2
Notes
With simulated source impedance of 500 nH, 5 Hz to 20 MHz; Use one 270 uF/16 V capacitor with ESR = 0.018 ohm max. at 100KHz at 25 C.
Note: All specifications are typical at nominal input, full load at 25 C unless otherwise stated.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/3 A Output
Output Specifications
Parameter Output Voltage Set Point Load Regulation Line Regulation Regulation Over Temperature (0 C to 70 C) Output Current Ripple and Noise (rms) Ripple and Noise (pk-pk)
1 1
Min 4.875 V 0A 2
Typ 5.0 V 25 mV 20 mV 20 mV 15 mV 100 mV 70 mV 30 mS 0% 100 mV 50 uS 100 mV 50 uS
Max 5.125 V 50 mV 40 mV 30 mV 3A 25 mV 100 mV 50 mS 5% 1500 uF 150 mV 120 uS 150 mV 120 uS Io = 0 A Io = 3 A
Notes Vin=3.3 V, Iout=full load
Burst Mode Fixed Frequency Rise Time Overshoot at Turn on Output Capacitance Transient Response 50% ~ 100% Max Load Settling Time 100% ~ 50% Max Load Settling Time VO=5 V
0 uF -
di/dt = 0.5 A/uS; Vin = 3.3 V; Ta = 25 C without external capacitor
Notes: All specifications are typical at nominal input, full load at 25 C unless otherwise stated. 1. Test condition of the output ripple and noise: 0-20 MHz BW. 2. Recommend a 220 uF capacitor at output if the module operates at burst mode (light load).
General Specifications
Parameter Efficiency VO=5.0 V Switching Frequency Output Trim Range MTBF Dimensions (surface mount) Inches (L x W x H) Millimeters (L x W x H) Dimensions (vertical) Inches (L x W x H) Millimeters (L x W x H) Weight 87% 460 kHz 90% VO 90% 530 kHz 8,100,000 hours 630 kHz 110% VO Calculated Per Bell Core SR-332 (Vin=3.3 V; Vo=5 V; IO = 2.4 A; Ta = 25 C) Min Typ Max Notes
0.78 x 0.7 x 0.32 19.81 x 17.78 x 8.13 0.7 x 0.308 x 0.65 17.78 x 7.82 x 16.51 5.2 g -
Note: All specifications are typical at nominal input, full load at 25 C unless otherwise stated.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/3 A Output
Output Trim Equations
Equations for calculating the trim resistor (in k) given the desired adjusted voltage (Vadj) and the nominal output voltage of the converter (Vnom) are shown below. The Trim Down resistor should be connected between the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of the resistors should be used for any given application.
Vout
Rtrim - down = (
12.033 - 7.8) Vo - Vadj
Rtrim-down Module Trim
GND
Vout
Rtrim- up
3.808 =( - 4.64) Vadj - Vo
Module
Trim Rtrim-up GND
Note: Output voltage Vo=5.0128 V when Rtrim is open.
Efficiency Data
Efficiency curve 93.0% 91.0% 89.0% 87.0% 85.0% 83.0% 81.0% 79.0% 77.0% 75.0% 0.30 0.75 1.50 2.25 Output Current (A) 3.00
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
Efficiency
3.0 V 3.3 V 3.6 V
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/3 A Output
Thermal Derating Curve
xRAH-03C500
Ripple and Noise Waveform
Note: Ripple and noise at full load, 3.3 Vdc input, 5 Vdc output and Ta=25 deg C.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/3 A Output
Transient Response Waveforms
Transients 50% to 100% load, 3.3 Vdc Input ,5 Vdc Output,
Transients 100% to 50% load, 3.3 Vdc Input, 5 Vdc Output
Note: Transient response at di/dt=0.5 A/uS, without external load capacitor, Ta=25 deg C.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/3 A Output
Mechanical Outline
SRAH-03C500
Pin Connections
bel
Pin 1 2 3 4 5 6 7
Function N/A Vin Ground Vout Trim (option) N/A N/A
VRAH-03C500
Pin Connections
bel
Pin 1 2 3 4 5
Function N/A Vin Ground Vout Trim (option)
bel
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and other hazardous substances from electronic products. These parts are not however compatible with the higher temperatures associated with lead free solder processes and must be soldered using a reflow profile with a peak temperature of no more than 240 C.
(c)2007 Bel Fuse Inc. Specifications subject to change without notice. 010907
CORPORATE Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST Bel Fuse Ltd. 8F/ 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com


▲Up To Search▲   

 
Price & Availability of SRAH-03C500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X