|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SR520 THRU SR5100 5.0 AMP SCHOTTKY BARRIER RECTIFIERS VOLTAGE RANGE 20 to 100 Volts CURRENT FEATURES * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction 5.0 Amperes DO-27 .220(5.6) .197(5.0) DIA. 1.0(25.4) MIN. MECHANICAL DATA * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 1.10 grams .375(9.5) .285(7.2) .052(1.3) .048(1.2) DIA. 1.0(25.4) MIN. Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 5.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance RqJA (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG NOTES: SR520 SR530 SR540 SR550 SR560 SR580 SR5100 UNITS 20 14 20 30 21 30 40 28 40 50 35 50 5.0 150 0.55 5.0 50 380 10 -65 +125 -65 +150 -65 +150 0.70 0.85 60 42 60 80 56 80 100 70 100 V V V A A V mA mA pF C/W C C Ta=100 C 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length. RATING AND CHARACTERISTIC CURVES (SR520 THRU SR5100) FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,(A) FIG.2-TYPICAL FORWARD CHARACTERISTICS 6.0 5.0 50 INSTANTANEOUS FORWARD CURRENT,(A) 4.0 00 51 SR 0~ 55 SR 0 54 SR 0~ 52 SR ~S R 20 0~ SR 5 55 60 3.0 2.0 1.0 0 0 20 40 60 10 3.0 1.0 54 0 SR 5 SR 80 100 120 140 160 180 200 AMBIENT TEMPERATURE,( C) SR 5 80 ~S R 51 00 Tj=25 C Pulse Width 300us 1% Duty Cycle FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 150 0.1 PEAK FORWARD SURGE CURRENT,(A) 120 .01 .1 .3 .5 .7 .9 1.1 1.3 1.5 90 Tj=25 C 8.3ms Single Half Sine Wave JEDEC method FORWARD VOLT AGE,(V) 60 30 FIG.5 - TYPICAL REVERSE 0 1 5 10 50 100 CHARACTERISTICS 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL JUNCTION CAPACITANCE 1400 1200 1000 800 600 400 200 0 JUNCTION CAPACITANCE,(pF) REVERSE LEAKAGE CURRENT, (mA) 10 Tj=75 C 1.0 .1 Tj=25 C .01 .05 .1 .5 1 5 10 50 100 .01 0 20 40 60 80 100 120 140 REVERSE VOLTAGE,(V) PERCENT OF RATED PEAK REVERSE VOLT AGE,(%) |
Price & Availability of SR560 |