Part Number Hot Search : 
KE180 ADG774 STTA506D A723CD TMR2421 AUR60A MAX038 0ANCY
Product Description
Full Text Search
 

To Download SPPH240100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Push Switch
1mm-travel Compact-sized Vertical Type
SPPH2 Series
1mm short travel.
Detector Push Slide Rotary Encoders Operating life Power Dual-in-line Package Type TACT SwitchTM CustomProducts
Standard Non shorting Latching 1 1.5 PC board 2 Momentary Snap-in Latching Short Momentary SPPH240300 SPPH240100 3 10,000 SPPH230500 1 SPPH260100 2
Typical Specifications
Items Rating max. min. Resistive load Contact resistance Initial After operating life Operating force Without load With load Specifications
0.1A 12V DC/50BA 3V DC 30m max./50m 2 1N max.
10,000cycles 10,000cycles 0.1A 12V DC
Product Line
Changeover timing Travel Total travel Rating mm mm Mounting method Poles Knob style Operation
Latching Straight Momentary SPPH210500
Terminal type
Minimum order unit pcs.
Product No.
SPPH210100
Drawing No.
1
Horizontal Type Vertical Type
Notes
1. Products other than those listed in the above chart are also available. Please contact us for details. 2. Please place purchase orders per minimum order unit (integer).
96
Push Switch
1mm-travel Compact-sized Vertical Type
SPPH2 Series
Dimensions
No.
6 3.5 2.5
Unit:mm
Style
A 6 2.5 Travel Total travel 3.5
PC board mounting hole dimensions Viewed from the direction A Straight terminal Detector Push
1.5 o0.9 hole 2.5 2.5 1
2-
R0
.5
1.8 (0.2) (1.5) 0.7 2.3 12
2-
R0
.5
1.8
Slide Rotary
4.4
2.5
6.5
12.5
1
6
Snap-in terminal
(3.5)
Encoders Power
3.5
0.5 0.35 3.5 2.5 2.5 6.5 A 6 2.5 0.7 (0.2) 2.3 12
2R0 .5
o0.9 hole Terminal No.1 2.5 2.5
Dual-in-line Package Type TACT SwitchTM CustomProducts
Thickness of PC board t=1.6mm
6 3.5 2.5
2R0 .5
Snap-in terminal
Travel Total travel
1.8 (1.5)
1.8 1.5 1 (3.5)
12.5
2
6
o0.9 hole 2.5 2.5
6.5
4.4
3.65
3.5
Thickness of PC board t=1.6mm Terminal No.1 0.5
Horizontal Type Vertical Type
0.35 3.5
2.5 6.5 A
2.5
Snap-in terminal
Travel Total travel
6
2-
6 2.5 (0.2)
3.5
R0 .5
2.5 (1.5) 0.7 2.3
1.5
1
(3.5)
9.5
3
2.5 6.5
3
o0.9 hole 2.5 2.5
3.5
Terminal No.1
Thickness of PC board t=1.6mm
0.35 0.5 3.5 2.5 6.5 2.5
Circuit Diagram Viewed from Direction A
Terminal Configuration
Straight terminal Snap-in terminal
R1
Unit:mm
654
(3.5)
0.8 1.9
4.4 2.8
321
t=0.5
0.35 3.5 t=0.5
3.5 4.6
(3.5)
97
Push Switches
List of Varieties
Series SPEE SPPJ6 SPPJ3 SPPJ2 SPUJ SPUP SPUN SPUN SPEG SPPH2
Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
Photo
Travel mm Total travel mm Number of poles W Dimensions mm D H Operating temperature range
0.3 0.71 0.9 1 4
1.5 2.5 2 1 2 6.6 9
2.5 3.5 2 7.2 12
2 3
1.5 2 2.5 3 2 4 7.5 15.2 22.7
2.5 3.5 1.2 1 10 24 36 7.15 8.35 3.5 60C
1 1.5 2 6.5 6 6.5
5 1.22 10C to 4.5 60C 8.3
9.6 85C
8.8
10.3
13 10C to
40C to
Rating max. Resistive load 20mA 5V DC 0.2mA 5V DC Rating min. Resistive load Electrical performance Mechanical performance Durability Environmental performance Soldering
100BA 3V DC
0.2mA 30V DC 50BA 3V DC 20m 100M
0.1mA 30V DC 1A 25V DC
50mA 16V DC 0.1A 12V DC 50BA 3V DC
Initial contact 2 resistance Insulation 10M resistance 100V DC 100V AC Voltage for 1minute proof Terminal strength Operating direction Pulling direction
100,000 cycles 100,000 cycles -40 2 for 96h 50N 30N
max.
200m max.
30m max.
min. 500V DC
500V AC for 1minute 5N for 1minute
3M min. 100M min. 100V DC 500V DC 100V AC for 500V AC for 1minute 1minute 0.5N for 1minute 50N 50N 5N for 1minute 30N
Horizontal Type Vertical Type
Actuator strength
Operating life without load Operating life without load Load:as rating Cold Dry heat Damp heat Manual soldering Dip soldering Reflow soldering Page
10,000cycles 40m
max. max. for 96h for 96h
10,000cycles 40m -20 85 40 2 2 2
30,000cycles 10,000cycles 40m max. 40m max. 35,000cycles 10,000cycles 5,000cycles 500m max. 50m max. 40m max. -20 85 2 2 for 96h for 96h
, 90 to 95%RH for 96h 300 10 1 3 0s 350 10 3 1s 0 260 10 5 1s
40 2 , 90 to 95%RH for 96h 350 5 3s max. 350 max. 3s max. 260 5 5 1s
Please see P.108
350 10 1 4 0s
350 10 1 3 0s 260 5 5 1s 260 5 10 1s
260 5 5 1s
Please see P.108
84
85
86
88
90
91
92
94
96
Notes
1. F 1. The operating temperature range for automotive applications can be raised upon request. Please contact us for requirements of this kind. 2. F 2. 1V or less, at the present rating of 1mA, 5V DC for output voltage.
82


▲Up To Search▲   

 
Price & Availability of SPPH240100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X