Part Number Hot Search : 
65N03 TCRD11VA UPD75 SY10EP 010B0 UPD7003C VR203 527268ZN
Product Description
Full Text Search
 

To Download SPN4972 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPN4972
N-Channel Enhancement Mode MOSFET
DESCRIPTION The SPN4972 is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology. This high density process is especially tailored to minimize on-state resistance. These devices are particularly suited for low voltage application , notebook computer power management and other battery powered circuits where high-side switching . FEATURES 30V/8.5A,RDS(ON)= 14m@VGS= 10V 30V/7.8A,RDS(ON)= 18m@VGS= 4.5V Super high density cell design for extremely low RDS (ON) Exceptional on-resistance and maximum DC current capability SOP - 8P package design APPLICATIONS Power Management in Note book Portable Equipment Battery Powered System DC/DC Converter Load Switch DSC LCD Display inverter
PIN CONFIGURATION(SOP - 8P)
PART MARKING
2008/ 03/ 20
Ver.1
Page 1
SPN4972
N-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin 1 2 3 4 5 6 7 8
ORDERING INFORMATION Part Number SPN4972S8RG SPN4972S8TG SPN4972S8RG : 13" Tape Reel ; Pb - Free SPN4972S8TG : Tube ; Pb - Free ABSOULTE MAXIMUM RATINGS (TA=25 Unless otherwise noted) Parameter Drain-Source Voltage Gate -Source Voltage Continuous Drain Current(TJ=150) Pulsed Drain Current Continuous Source Current(Diode Conduction) Power Dissipation Operating Junction Temperature Storage Temperature Range Thermal Resistance-Junction to Ambient
Symbol S1 G1 S2 G2 D2 D2 D1 D1
Description Source 1 Gate 1 Source 2 Gate 2 Drain 2 Drain 2 Drain 1 Drain 1
Package SOP- 8P SOP- 8P
Part
Marking
SPN4972 SPN4972
Symbol VDSS VGSS TA=25 TA=70 ID IDM IS TA=25 TA=70 PD TJ TSTG RJA
Typical 30 20
Unit
V V A A A W /W
8.5 7.5 20 2.3 2.5 1.6 -55/150 -55/150 80
2008/ 03/ 20
Ver.1
Page 2
SPN4972
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TA=25 Unless otherwise noted)
Parameter Static Drain-Source Breakdown Voltage Gate Threshold Voltage Gate Leakage Current Zero Gate Voltage Drain Current On-State Drain Current Drain-Source On-Resistance Forward Transconductance Diode Forward Voltage Dynamic Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Time Turn-Off Time
Symbol
Conditions
Min.
Typ
Max.
Unit
V(BR)DSS VGS=0V,ID=250uA VGS(th) VDS=VGS,ID=250uA IGSS IDSS ID(on) RDS(on) gfs VSD Qg Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf VDD=15V,RL=15 ID5.0A,VGEN=10V RG=1 VDS=15VGS=0V f=1MHz VDS=0V,VGS=20V VDS=24V,VGS=0V VDS=24V,VGS=0V TJ=85 VDS5V,VGS =10V VGS= 10V,ID=8.5A VGS=4.5V,ID=7.8A VDS=15V,ID=6.2A IS=2.3A,VGS =0V
30 1.0 3.0 100 1 5 25 0.012 0.015 13 0.8 16 4.2 2.5 1350 258 150 15 6 20 12 20 16 40 20 0.014 0.018 1.2 24
V nA uA A S V
VDS=15V,VGS=10V ID= 2A
nC
pF
nS
2008/ 03/ 20
Ver.1
Page 3
SPN4972
N-Channel Enhancement Mode MOSFET
TYPICAL CHARACTERISTICS
2008/ 03/ 20
Ver.1
Page 4
SPN4972
N-Channel Enhancement Mode MOSFET
TYPICAL CHARACTERISTICS
2008/ 03/ 20
Ver.1
Page 5
SPN4972
N-Channel Enhancement Mode MOSFET
TYPICAL CHARACTERISTICS
2008/ 03/ 20
Ver.1
Page 6
SPN4972
N-Channel Enhancement Mode MOSFET
SOP- 8 PACKAGE OUTLINE
2008/ 03/ 20
Ver.1
Page 7
SPN4972
N-Channel Enhancement Mode MOSFET
Information provided is alleged to be exact and consistent. SYNC Power Corporation presumes no responsibility for the penalties of use of such information or for any violation of patents or other rights of third parties which may result from its use. No license is granted by allegation or otherwise under any patent or patent rights of SYNC Power Corporation. Conditions mentioned in this publication are subject to change without notice. This publication surpasses and replaces all information previously supplied. SYNC Power Corporation products are not authorized for use as critical components in life support devices or systems without express written approval of SYNC Power Corporation. (c)The SYNC Power logo is a registered trademark of SYNC Power Corporation (c)2004 SYNC Power Corporation - Printed in Taiwan - All Rights Reserved SYNC Power Corporation 9F-5, No.3-2, Park Street NanKang District (NKSP), Taipei, Taiwan 115 Phone: 886-2-2655-8178 Fax: 886-2-2655-8468 (c)http://www.syncpower.com 2008/ 03/ 20
Ver.1
Page 8


▲Up To Search▲   

 
Price & Availability of SPN4972

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X