Part Number Hot Search : 
KIA7727P 87C51F NTE5536 EM61400 2SC3927 FR157G 33HCB EC5575
Product Description
Full Text Search
 

To Download SPN1024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPN1024
Dual N-Channel Enhancement Mode MOSFET
DESCRIPTION The SPN1024 is the Dual N-Channel enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology. This high density process is especially tailored to minimize on-state resistance and provide superior switching performance. These devices are particularly suited for low voltage applications such as notebook computer power management and other battery powered circuits where high-side switching , low in-line power loss, and resistance to transients are needed. APPLICATIONS Power Management in Note book Portable Equipment Battery Powered System DC/DC Converter Load Switch DSC LCD Display inverter
FEATURES N-Channel 20V/0.65A,RDS(ON)=380m@VGS=4.5V 20V/0.55A,RDS(ON)=450m@VGS=2.5V 20V/0.45A,RDS(ON)=800m@VGS=1.8V Super high density cell design for extremely low RDS (ON) Exceptional on-resistance and maximum DC current capability SOT-563 (SC-89-6L) package design
PIN CONFIGURATION( SOT-563 / SC-89-6L)
PART MARKING
2007/11/10 Ver.1
Page 1
SPN1024
Dual N-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin 1 2 3 4 5 6
Symbol S1 G1 D2 S2 G2 D1
Description Source 1 Gate 1 Drain 2 Source 2 Gate 2 Drain1
ORDERING INFORMATION Part Number SPN1024S56RG Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 ) SPN1024S56RG : Tape Reel ; Pb - Free Package SOT-563 Part Marking B
ABSOULTE MAXIMUM RATINGS (TA=25 Unless otherwise noted) Parameter Drain-Source Voltage Gate -Source Voltage Continuous Drain Current(TJ=150) Pulsed Drain Current Continuous Source Current(Diode Conduction) Power Dissipation Operating Junction Temperature Storage Temperature Range TA=25 TA=70 TA=25 TA=80 Symbol VDSS VGSS ID IDM IS PD TJ TSTG Typical 20 12 Unit
V V A A A W
0.65 0.45
1.0 0.3
0.35 0.19 -55/150 -55/150
2007/11/10 Ver.1
Page 2
SPN1024
Dual N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TA=25 Unless otherwise noted)
Parameter Static Drain-Source Breakdown Voltage Gate Threshold Voltage Gate Leakage Current Zero Gate Voltage Drain Current On-State Drain Current Drain-Source On-Resistance Forward Transconductance Diode Forward Voltage Dynamic Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Time Turn-Off Time
Symbol
Conditions
Min.
Typ
Max.
Unit
V(BR)DSS VGS=0V,ID= 250uA VGS(th) VDS=VGS,ID=250uA IGSS IDSS ID(on) VDS=0V,VGS=12V VDS= 20V,VGS=0V VDS= 20V,VGS=0V TJ=55 VDS 4.5V,VGS =5V
20 0.35 1.0 100 1 5 0.7 0.26 0.32 0.42 1.0 0.8 0.38 0.45 0.80 1.2
V nA uA A S V
VGS=4.5V,ID=0.65A RDS(on) VGS=2.5V,ID=0.55A VGS=1.8V,ID=0.45A gfs VDS=10V,ID=0.4A VSD IS=0.15A,VGS=0V
Qg Qgs Qgd td(on) tr td(off) tf
VDS=10V,VGS=4.5V, ID0.6A
1.2 0.2 0.3 5 8 10 1.2
1.5 nC 10 15 18 2.8 ns
VDD=10V,RL=10 , ID0.5A VGEN=4.5V ,RG=6
2007/11/10 Ver.1
Page 3
SPN1024
Dual N-Channel Enhancement Mode MOSFET
TYPICAL CHARACTERISTICS
2007/11/10 Ver.1
Page 4
SPN1024
Dual N-Channel Enhancement Mode MOSFET
TYPICAL CHARACTERISTICS
2007/11/10 Ver.1
Page 5
SPN1024
Dual N-Channel Enhancement Mode MOSFET
TYPICAL CHARACTERISTICS
2007/11/10 Ver.1
Page 6
SPN1024
Dual N-Channel Enhancement Mode MOSFET
SOT-563 PACKAGE OUTLINE
2007/11/10 Ver.1
Page 7
SPN1024
Dual N-Channel Enhancement Mode MOSFET
Information provided is alleged to be exact and consistent. SYNC Power Corporation presumes no responsibility for the penalties of use of such information or for any violation of patents or other rights of third parties which may result from its use. No license is granted by allegation or otherwise under any patent or patent rights of SYNC Power Corporation. Conditions mentioned in this publication are subject to change without notice. This publication surpasses and replaces all information previously supplied. SYNC Power Corporation products are not authorized for use as critical components in life support devices or systems without express written approval of SYNC Power Corporation. (c)The SYNC Power logo is a registered trademark of SYNC Power Corporation (c)2004 SYNC Power Corporation - Printed in Taiwan - All Rights Reserved SYNC Power Corporation 9F-5, No.3-2, Park Street NanKang District (NKSP), Taipei, Taiwan 115 Phone: 886-2-2655-8178 Fax: 886-2-2655-8468 (c)http://www.syncpower.com
2007/11/10 Ver.1
Page 8


▲Up To Search▲   

 
Price & Availability of SPN1024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X