Part Number Hot Search : 
TLP360JF A1006 PVC1015 CAT51 M5817 HFA5253 ISL9211 FAN8200D
Product Description
Full Text Search
 

To Download SP12062R0YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REF : PROD. NAME
SPECIFICATION FOR APPROVAL
SHIELDED SMD POWER INDUCTOR
B ABC'S DWG NO. ABC'S ITEM NO. SP1206L-
PAGE: 1
MECHANICAL DIMENSIONS
A : 12.500.30 B : 12.500.30 C : 5.700.30 A D : 1.900.20 E : 2.50 nom. E1: 2.00 ref. M P1 E2: 2.00 ref. F : 7.500.25 F1: 6.40 ref. P N P2
1
m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m
Marking
Inductance code
E1
E
C
D
H I K I ( PCB Pattern )
F2: 5.20 ref. H : 10.50 ref. I : 4.15 ref. J : 3.00 ref. K : 13.00 ref. M : 4.70 ref. N : 4.50 ref. P : 7.50 ref. P1 : 3.75 ref. P2 : 3.75 ref. a
E2
F2
3
F
CLIP 3 For mounting fixed F1
2
SCHEMATIC DIAGRAM
1
MATERIALS LIST
2
J
c b d
Peak Temp 260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max.
a Core Ferrite ER core b Core Ferrite SB core c Wire Ultra-fine rectangular Enamelled copper wire class F d Terminal Cu/Sn e Adhesive Epoxy resin f Adhesive Epoxy resin g Remark Products comply with RoHS' requirements
Temperature (
e
f
Preheat Area 150 ~ 200 / 60 ~ 120sec
Reflow Area +2.0 ~ 4.0 / sec max.
Forced Cooling Area -(1.0 ~ 5.0) / sec max.
250
50sec max.
Peak Temperature: 260 230
200 150
70sec max.
GENERAL SPECIFICATION
a Temp. rise 40 max. b Storage temp. -40 ~ +125 c Operating temp. -40 ~ +105 d Resistance to solder heat 260 . 10 secs. AR-001A
)
100 50
0
50
100
150 Time ( seconds )
200
250
REF : PROD. NAME
SPECIFICATION FOR APPROVAL
SHIELDED SMD POWER INDUCTOR ELECTRICAL CHARACTERISTICS
DWG No. Initial Inductance L0 ( uH ) 0.7025% 0.9025% 1.1025% 1.5025% 2.2025% 3.0025% Inductance at flat point L1 ( uH ) 0.4725% 0.6025% 0.8025% 1.3025% 2.0025% 2.8025% Bulk Flat point ref. (A) 5.0 5.0 5.0 4.0 4.0 3.0 Irms (A) 30.0 28.0 26.0 22.0 17.0 15.0 Isat (A) 30.0 26.0 25.0 19.0 15.0 13.0 ABC'S DWG NO. ABC'S ITEM NO. SP1206L-
PAGE: 2
DC Resistance max. ( m ) 2.3 2.3 3.2 3.6 6.0 7.0
SP1206R47YL- SP1206R60YL- SP1206R80YL- SP12061R3YL- SP12062R0YL- SP12062R8YL-
1). Packaging information... A 2). "-
":Reference code
B Taping Reel
3). Measured frequency of inductance is 100 KHz / 1V 4). Isat base on inductance drop 20% typ. of L1 value 5). Irms base on temp. rise 40 max. @ Inductance VS. DC Superposition Characteristics
3.0
2R8
Inductance ( uH )
2.0
2R0
1R3 1.0 R80
0
10 DC Current ( A )
20
30
AR-001A
REF : PROD. NAME
SPECIFICATION FOR APPROVAL
SHIELDED SMD POWER INDUCTOR
@ DC Current VS Temperature Rise
R47
100 75 50 25 0 0 10 20 30 40 A 100 75 50 25 0 0 10 20 30 40 A
PAGE: 3
ABC'S DWG NO. ABC'S ITEM NO.
SP1206L-
R60
R80
100 75 50 25 0 0 10 20 30 40 A 100 75 50 25 0 0 10
1R3
20
30
40 A
2R0
100 75 50 25 0 0 10 20 30 40 A 100 75 50 25 0 0 10
2R8
20
30
40 A
AR-001A
REF : PROD. NAME
SPECIFICATION FOR APPROVAL
SHIELDED SMD POWER INDUCTOR PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
PAGE: 4
ABC'S DWG NO. ABC'S ITEM NO.
SP1206L-
2.00.5 A B N C C
G
D
Embossed Carrier
Carrier Tape Width : D End P:16 m/m 4 m/m Start
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 13 - 24 A 330 B 210.8 C 130.5 D 24 G 26 +0 N 50 -0
Unit:m/m T 30.4
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SP1206
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
600
2,150
13 - 24
2,400
11.30
40 x 40 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
SHIELDED SMD POWER INDUCTOR DWGING NUMBER EXPRESSION
ABC'S DWG NO. ABC'S ITEM NO.
SP1206L-
S
P
1
2
0
6 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1
Product Classification L Lead Free Standard products comply with RoHS' requirements 1 ~ 9 Lead Free Special products comply with RoHS' requirements
Appendix code 2 Package Information
Code A B
Inner package T.B.D. T / R ( Reel package )
Inner package Q'TY T.B.D. 600 pcs
Remark
AR-001A
REF : PROD. NAME
SPECIFICATION FOR APPROVAL
SHIELDED SMD POWER INDUCTOR RELIABILITY TEST
Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder. Test condition Preheat : 15025 for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 41 seconds ABC'S DWG NO. ABC'S ITEM NO. SP1206L-
PAGE: 6
Solderability
Thermal shock test ( Temp. cycle )
Inductance shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-252 30 minutes 852 30 minutes
Humidity Resistance test
Temperature : 402 Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours
High temp. Resistance test
Temperature : 1052 Applied current : Per spec. Time : 500 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 7
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SP1206L-
UL CARD
OBMW2
Component-Magnet Wire
January 7, 1988 E104048 (S)
MITSUBISHI CABLE INDUSTRIES LTD 4-3 IKEJIRI ITAMI , HYOGO 664 JAPAN
Mtl Dsg EDW-R52 Coat Typ BC Medis Oyercoat Ester-imide ANSI Type ----
Temp Class 155
Marking
Company name and type designation on package or reels.
See General Information Preceding These Recognitions.
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Report January 5, 1988.
302279005 H7642
Underwriters Laboratories Inc.
R
D11/0149909
AR-001A


▲Up To Search▲   

 
Price & Availability of SP12062R0YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X