Part Number Hot Search : 
NC7ST32 D2323 HG62E58 BZT20 IDT71V A8250 1N4716C ID82C84A
Product Description
Full Text Search
 

To Download SM4007SPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
FEATURES
* * * * Low leakage current Ideal for surface mounted applications Metallurgically bonded construction Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Glass passivated junction * High temperature soldering guaranteed : 260oC/10 seconds at terminals
SM4001SPT THRU SM4007SPT
SOD-123S
0.5~1.0
1.4~1.95
MECHANICAL DATA
Case: JEDEC SOD-123S molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Indicated by cathode band
2.55~3.0
0.8~1.35 0.25(max) 0.25(min)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
3.5~3.95
Dimensions in millimeters
SOD-123S
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TL = 110oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 1) (Note 2) Maximum Thermal Resistance (Note 3) Operating and Storage Temperature Range R
JA
SYMBOL VRRM VRMS VDC IO IFSM CJ R
JL
SM4001SPT SM4002SPT SM4003SPT SM4004SPTSM4005SPT SM4006SPT SM4007SPT
UNITS Volts Volts Volts Amps Amps pF
o o
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 15 20 50 -65 to +175
600 420 600
800 560 800
1000 700 1000
C/W C/W
o
TJ, TSTG
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0 A DC Maximum Full Load Reverse Current, Full cycle Average at TA = 75oC Maximum Average Reverse Current at Rated DC Blocking Voltage @ TA = 25oC @ TA = 125 C
o
SYMBOL VF
SM4001SPT SM4002SPTSM4003SPT SM4004SPTSM4005SPT SM4006SPT SM4007SPT
UNITS Volts uAmps uAmps uAmps 2002-5
1.0 30
IR
5.0 50
NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 2. Thermal Resistance Junction to terminal, 6.0 mm2 copper pads to each terminal 3. Thermal Resistance Junction to ambient, 6.0 mm2 copper pads to each terminal
RATING CHARACTERISTIC CURVES ( SM4001SPT THRU SM4007SPT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 1.00 PEAK FORWARD SURGE CURRENT, (A) AVERAGE FORWARD CURRENT, (A) 35 30 25 20 15 10 5 0
8.3 ms Single Half Sine-Wave (JEDEC Method)
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
0.75
0.50
Single Half Wave 60HZ Resistive or Inductive Load
0.25
0 0 25 50 75 100 125 150 175 LEAD TEMPERATURE, ( oC ) FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS 10
0
2
4
6 8 10
20
40
60 80 100
NUMBER OF CYCLES AT 60HZ FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 INSTANTANEOUS REVERSE CURRENT, (uA) 4
TJ = 100oC
INSTANTANEOUS FORWARD CURRENT, (A)
PULSE WIDTH=300uS 1% DUTY CYCLE
1.0
1.0
0.4
TJ = 25oC
0.1
0.1
.04
TJ = 25oC
.01 0.4
.01 0.6 0.8 1.0 1.2 1.4 1.6 1 20 40 60 80 100 120 140 INSTANTANEOUS FORWARD VOLTAGE, (V) PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 200 JUNCTION CAPACITANCE, (pF) 100 60 40 20 10 4 2 1 .1 .4 1.0 4 10 20 40 100
TJ = 25oC
REVERSE VOLTAGE, (V)


▲Up To Search▲   

 
Price & Availability of SM4007SPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X