Part Number Hot Search : 
UPD64 BP100 ZMM5234 MNR4G 161RCUS NJU6855 DTC114T OM6228SS
Product Description
Full Text Search
 

To Download SF1601CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF1601CT thru SF1607CT
SUPERFAST RECOVERY RECTIFIER
VOLTAGE - 50 TO 600 VOLTS CURRENT - 16 AMPERES
TO-220AB
FEATURES
Low forward voltage drop High Current Capability High reliability High surge Current Capability Good for switching mode application High temperature soldering 260oC/10seconds at terminals Pb free product are available 99% Sn above can meet RoHS Environment substance directive request
MECHANICAL DATA
Case TO220AB Molded plastic Epoxy UL 94V-0 rate flame retardant Lead Lead solderable per MIL-STD-202, Method 208 guranteed Polarity As Marked Mounting Position Any Weight 2.24gram
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
PARAMETER Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length at TC=1000C Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instandeous Forward Voltage at 8.0A Maximum DC Reverse Current TA=25 C at Rated DC Blocking Voltage TA=1000C Typical Junction Capacitance (Note 1) Maximum Reverse Recovery Time (Note 2) Typical Thermal Resistance Note R
JC
0
SF 1601CT
SF 1602CT
SF 1603CT
SF 1604CT
SF 1605CT
SF 1606CT
SF 1607CT
UNITS
Volts Volts Volts Amps
50 35 50
100 70 100
150 105 150
200 140 200 16
300 210 300
400 320 400
600 420 600
125 0.95 10 500 62 35 3.0 50 1.3 1.7
Amps Volts A pF nS
0
C/W
0
Operating and Storage Temperature Range TJ,TSTG NOTES 1. Measured at 1MHz and applied reverse Voltage of 4.0V D.C 2. Reverse Recovery Time test condition IF=0.5A , IR=1.0A , IRR=0.25A 3. Thermal Resistance Junction to CASE
-55 to +150
C
www.paceleader.com.tw
1
SF1601CT thru SF1607CT
SUPERFAST RECOVERY RECTIFIER
RATINGS AND CHARACTERISTIC CURVES SF1601CT THRU SF1607CT
www.paceleader.com.tw
2


▲Up To Search▲   

 
Price & Availability of SF1601CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X