Part Number Hot Search : 
D5100 RJK03 25D431K 2N50C3 9KXXX BU2993FV 100EL3 89V52
Product Description
Full Text Search
 

To Download SBJ100-04J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN8388
SBJ100-04J
SBJ100-04J
Applications
*
Schottky Barrier Diode (Twin Type * Cathode Common)
40V, 10A Rectifier
High frequency rectification (switching regulators, converters, choppers).
Features
* * * *
Small reverse current (IR typ=5A) due to adoption of JBS (junction barrier schottky) structure. Low forward voltage (VF typ=0.48V). High temperature operation is possible (Tj=150C). High surge breakdown voltage.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50Hz resistive load, Sine wave Tc=117C 50Hz sine wave, 1 cycle Conditions Ratings 40 44 10 100 --55 to +150 --55 to +150 Unit V V A A C C
Electrical Characteristics at Ta=25C
Parameter Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Thermal Resistance Symbol VR VF IR C Rth(j-c) Conditions IR=2mA, Tj=25C* IF=5A, Tj=25C* VR=20V, Tj=25C* VR=40V, Tj=25C* VR=10V, Tj=25C* Junction-Case : Smoothed DC Ratings min 40 0.48 5 8 250 4.0 0.54 50 100 typ max Unit V V A A pF C / W
Note) * : Value per element
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
70505SD MS IM TB-00001580 No.8388-1/3
SBJ100-04J
Package Dimensions unit : mm 7508-001
10.0 3.2 4.5 2.8
Electrical Connection
1
3
3.5
1 : Anode 2 : Cathode 3 : Anode
2
7.2
Top view
18.1
1.6 1.2 0.75
5.6
14.0
16.0
0.7
123
2.4
1 : Anode 2 : Cathode 3 : Anode SANYO : TO-220ML
2.55
2.55
100 7 5 3 2 10 7 5 3 2
IF -- VF
*Value per element
1000
IR -- VR
*Value per element
7 5 3 2 7 5 3 2 7 5 3 2 7 5 3 2 7 5 3 2 7 5 3 2
100
1
C 50
m
ax
Reverse Current, IR -- mA
Forward Current, IF -- A
Tj=150C max 150C typ
10
125C typ 100C typ
1.0
p
50C ty
25C ma
25C ty
1.0 7 5 3 2 0.1 0
0.1
Tj=1
p
x
0.01
25C ty
0 10 20
p
30 40 50 IT09811
0.001 0.2 0.4 0.6 0.8 1.0 1.2 IT09810
Forward Voltage, VF -- V
Average Forward Power Dissipation, PF(AV) -- W
8
Average Reverse Power Dissipation, PR(AV) -- W
PF(AV) -- IO
Reverse Voltage, VR -- V
8 7 6 5 4
PR(AV) -- VRM
Rectangular wave
6 360
*Tj=150C max *Value per 2-element (1) (2) (4) (3)
Sine wave
4 180 360
(1)Rectangular wave =300 (2)Rectangular wave =240 (3)Rectangular wave =180 (4)Sine wave =180 Rectangular wave
VR 360
(1) (2) (3)
Sine wave
3 VR 2 1 0 0 10 20 30 180 360
2
0 0 2 4
(1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180
6 8 10 12 14 IT09812
(4)
*Tj=150C max *Value per 2-element
40 50 IT09813
Average Output Current, IO -- A
Peak Reverse Voltage, VRM -- V
No.8388-2/3
SBJ100-04J
160
Tc -- IO
*Tj=150C max *Value per 2-element Rectangular wave
360
1000
C -- VR
*Value per element f=100kHz
140
Sine wave
180 360
Interterminal Capacitance, C -- pF
7
Case Temperature, Tc -- C
5
120
3
2
100
80
(1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180
2 4 6
(1) (2) (4)
8 10
(3)
12 IT09814
0
100 1.0
2
3
5
7
10
2
3
5
Average Output Current, IO -- A
120
Reverse Voltage, VR -- V
7 100 IT09815
Transient Thermal Resistance, Rth(j-c) -- C / W
IFSM -- t
Surge Forward Current, IFSM(Peak) -- A
100
Current waveform 50Hz sine wave Tj=125C IS 20ms t
10 7 5
Rth(j-c) -- t
*Value per element
80
3 2
60
1.0 7 5
40
20
3 2 0.001 2 3 5 7 0.01 2 3 5 7 0.1 23 5 7 1.0 23 5 7 10 IT09817
0 0.01
*Value per element
2 3 5 7 0.1 2 3 5 7 1.0 2 3
Time, t -- s
IT09816
Time, t -- s
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of July, 2005. Specifications and information herein are subject to change without notice.
PS No.8388-3/3


▲Up To Search▲   

 
Price & Availability of SBJ100-04J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X