Part Number Hot Search : 
XF001 9F000 41100 SP522CA TA8000F MLX902 AC125 LTI602T
Product Description
Full Text Search
 

To Download RS405M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS401M ~ RS407M
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
FEATURES
. Surge overload rating - 125 amperes peak . Ideal for printed circuit board . Reliable low cost construction utilizing
Molded plastic technique
. Plastic material has underwrites laboratory
Flammability classification 94V-0
. Polarity: marked on body . Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, For capacitive load, derate current by 20%. TYPE NUMBER SYMBOL RS401M Maximum Recurrent Peak Reverse Voltage VRRM 50 Maximum RMS Voltage VRMS 35 Maximum DC Blocking Voltage VDC 50 Maximum Average Forward (with heatsink Note2) I(AV) Rectified Current @ TC=100 (without heatsink) Peak Forward Surge Current, 8.3 ms single IFSM half Sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 2.0A VF Maximum DC Reverse Current Ta=25 IR at Rated DC Blocking Voltage Ta=125 I2t Rating for fusing (t<8.3ms) I2t Typical Junction Capacitance CJ per element (Note1) Typical Thermal Resistance (Note 2) R JC Operating Temperature Range TJ Storage Temperature Range TSTG NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Device mounted on 50mm x 50mm x 1.6mm Cu Plate Heatsink.
RS402M RS403M RS404M RS405M RS406M RS407M
100 70 100
200 140 200
400 280 400 4.0 2.4 125 1.1 5.0 500 93 45 2.2 - 55 ~ + 150 - 55 ~ + 150
600 420 600
800 560 800
1000 700 1000
UNITS V V V A A V A A2S pF /W
http://www.SeCoSGmbH. com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
RS401M ~ RS407M
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RATING AND CHARACTERISTIC CURVES
http://www.S eCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of RS405M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X